Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5253ACPP Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5253ACPP
Description  3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5253ACPP Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5253ACPP Datasheet HTML 1Page - Maxim Integrated Products MAX5253ACPP Datasheet HTML 2Page - Maxim Integrated Products MAX5253ACPP Datasheet HTML 3Page - Maxim Integrated Products MAX5253ACPP Datasheet HTML 4Page - Maxim Integrated Products MAX5253ACPP Datasheet HTML 5Page - Maxim Integrated Products MAX5253ACPP Datasheet HTML 6Page - Maxim Integrated Products MAX5253ACPP Datasheet HTML 7Page - Maxim Integrated Products MAX5253ACPP Datasheet HTML 8Page - Maxim Integrated Products MAX5253ACPP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
0
-4
-8
-12
-16
-20
100
560k
1.12M
1.68M
2.24M
2.8M
REFERENCE VOLTAGE INPUT
FREQUENCY RESPONSE
FREQUENCY (Hz)
REFAB SWEPT 0.67Vp-p
RL = 5kΩ
CL = 100pF
-5
0
0.5
1.0
1.5
2.0
REFERENCE VOLTAGE (V)
2.5
1
0
-1
-2
-3
-4
INTEGRAL NONLINEARITY
vs. REFERENCE VOLTAGE
RL = 5kΩ
1000
950
900
850
800
750
700
650
600
550
500
-55 -40 -20
0
20 40
60
80
125
100
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
CODE = FFF hex
__________________________________________Typical Operating Characteristics
(VDD = +3.3V, TA = +25°C, unless otherwise noted.)
+3V, Quad, 12-Bit Voltage-Output DAC
with Serial Interface
4
_______________________________________________________________________________________
TIMING CHARACTERISTICS
(VDD = +3.0V to +3.6V, AGND = DGND = 0V, REFAB = REFCD =1.25V, RL = 5kΩ, CL = 100pF, TA = TMIN to TMAX, unless otherwise
noted. Typical values are at TA = +25°C. Output buffer connected in unity-gain configuration (Figure 9).)
CONDITIONS
tD02
SCLK Fall to DOUT Valid
Propagation Delay
tD01
SCLK Rise to DOUT Valid
Propagation Delay
ns
100
tCP
SCLK Clock Period
ns
0
tDH
DIN Hold Time
ns
40
tDS
DIN Setup Time
ns
0
tCSH
SCLK Rise to
CS Rise Hold Time
ns
40
tCSS
CS Fall to SCLK Rise Setup Time
ns
40
tCH
SCLK Pulse Width High
ns
40
tCL
SCLK Pulse Width Low
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
ns
100
tCSW
CS Pulse Width High
ns
40
tCS1
CS Rise to SCLK Rise Hold Time
ns
40
tCS0
SCLK Rise to
CS Fall Delay
CL = 200pF
CL = 200pF
120
120
ns
ns


Similar Part No. - MAX5253ACPP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5253ACPP MAXIM-MAX5253ACPP Datasheet
695Kb / 16P
   3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
2002
More results

Similar Description - MAX5253ACPP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5253 MAXIM-MAX5253_V01 Datasheet
695Kb / 16P
   3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
2002
MAX5251 MAXIM-MAX5251 Datasheet
146Kb / 16P
   3V, Quad, 10-Bit Voltage-Output DAC with Serial Interface
Rev 0; 12/96
MAX5742 MAXIM-MAX5742 Datasheet
676Kb / 15P
   12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
MAX525 MAXIM-MAX525 Datasheet
141Kb / 16P
   Low-Power, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Rev 1; 12/96
logo
Analog Devices
DAC8420 AD-DAC8420 Datasheet
587Kb / 16P
   Quad 12-Bit Serial Voltage Output DAC
REV. 0
DAC8420 AD-DAC8420_16 Datasheet
511Kb / 23P
   Quad 12-Bit Serial Voltage Output DAC
DAC8420 AD-DAC8420_07 Datasheet
1Mb / 24P
   Quad 12-Bit Serial Voltage Output DAC
REV. B
logo
Wolfson Microelectronic...
WM2614 WOLFSON-WM2614 Datasheet
155Kb / 10P
   Quad 12-bit Serial Input Voltage Output DAC
logo
Maxim Integrated Produc...
MAX5302 MAXIM-MAX5302 Datasheet
696Kb / 12P
   Low-Power, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 10/99
logo
Wolfson Microelectronic...
WM5620L WOLFSON-WM5620L Datasheet
362Kb / 14P
   3 & 5V Quad 8-Bit Voltage Output DAC with Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com