Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5258EEE Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX5258EEE
Description  3V/5V, Low-Power, 8-Bit Octal DACs with Rail-to-Rail Output Buffers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5258EEE Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX5258EEE Datasheet HTML 6Page - Maxim Integrated Products MAX5258EEE Datasheet HTML 7Page - Maxim Integrated Products MAX5258EEE Datasheet HTML 8Page - Maxim Integrated Products MAX5258EEE Datasheet HTML 9Page - Maxim Integrated Products MAX5258EEE Datasheet HTML 10Page - Maxim Integrated Products MAX5258EEE Datasheet HTML 11Page - Maxim Integrated Products MAX5258EEE Datasheet HTML 12Page - Maxim Integrated Products MAX5258EEE Datasheet HTML 13Page - Maxim Integrated Products MAX5258EEE Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
+3V/+5V, Low-Power, 8-Bit Octal DAC
with Rail-to-Rail Output Buffers
10
______________________________________________________________________________________
Detailed Description
Serial Interface
At power-on, the serial interface and all DACs are
cleared and set to code zero. The serial data output
(DOUT) is set to transition on SCLK’s falling edge.
The MAX5258/MAX5259 communicate with micro-
processors (µPs) through a synchronous, 3-wire inter-
face (Figure 1). Data is sent MSB first and can be
transmitted in two 4-bit and one 8-bit (byte) packets, or
one 16-bit word. The first two bits are ignored. A 4-wire
interface adds a line for LDAC, allowing asynchronous
updating. Data is transmitted and received simultane-
ously.
Figure 2 shows the detailed serial-interface timing. Note
that the clock should be low if it is stopped between
updates. DOUT does not go into a high-impedance state
if the clock idles or CS is high.
Serial data is clocked into the data registers in MSB-first
format, with the address and configuration information
preceding the actual DAC data. Data is clocked in on
SCLK’s rising edge while CS is low. Data at DOUT is
clocked out 16 clock cycles later, either at SCLK’s falling
edge (default or mode 0) or rising edge (mode 1).
CS must be low to enable the device. If CS is high, the
interface is disabled and DOUT remains unchanged.
CS must go low at least 40ns before the first rising edge
of the clock pulse to properly clock in the first bit. With
CS low, data is clocked into the MAX5258/MAX5259’s
internal shift register on the rising edge of the external
serial clock. Always clock in the full 16 bits.
Serial Input Data Format and Control Codes
The 16-bit serial input format, shown in Figure 3, com-
prises two “don’t care” bits, three DAC address bits (A2,
A1, A0), three control bits (C2, C1, C0), and eight data
bits (D7…D0). The 6-bit address/control code configures
the DAC as shown in Table 1.
Pin Description
PIN
NAME
FUNCTION
1
OUTB
DAC B Voltage Output
2
OUTA
DAC A Voltage Output
3
GND
Ground
4VDD
Power Supply
5
REF
Reference Voltage Input
6
LDAC
Load DAC Input. Driving this asynchronous input low transfers the contents of each input register
to its respective DAC registers.
7
OUTE
DAC E Voltage Output
8
OUTF
DAC F Voltage Output
9
OUTG
DAC G Voltage Output
10
OUTH
DAC H Voltage Output
11
CS
Chip Select Input. Data is shifted in and out when CS is low. Programming commands are executed
when CS returns high.
12
SCLK
Serial Clock Input. Data is clocked in on the rising edge and clocked out on the falling edge
(default) or rising edge (A2 = 1; see Table 1).
13
DIN
Serial Data Input. Data is clocked in on the rising edge of SCLK.
14
DOUT
Serial Data Output. Sinks and sources current. Data at DOUT can be clocked out on the falling
edge (mode 0) or rising edge (mode 1) of SCLK (Table 1).
15
OUTD
DAC D Voltage Output
16
OUTC
DAC C Voltage Output


Similar Part No. - MAX5258EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5258EVKIT MAXIM-MAX5258EVKIT Datasheet
486Kb / 11P
   MAX5258 Evaluation Kit
Rev 0; 9/08
More results

Similar Description - MAX5258EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX534 MAXIM-MAX534 Datasheet
125Kb / 16P
   5V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
Rev 0; 8/96
MAX533 MAXIM-MAX533 Datasheet
146Kb / 16P
   2.7V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
Rev 0; 6/96
MAX520 MAXIM-MAX520 Datasheet
274Kb / 20P
   Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 3; 9/96
MAX505 MAXIM-MAX505 Datasheet
554Kb / 16P
   Quad 8-Bit DACs with Rail-to-Rail Voltage Outputs
Rev 2; 1/94
MAX509 MAXIM-MAX509 Datasheet
235Kb / 20P
   Quad, Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 2; 1/96
MAX5215 MAXIM-MAX5215 Datasheet
7Mb / 27P
   14-/16-Bit, Low-Power, Buffered Output,Rail-to-Rail DACs with I2C Interface
Rev 0; 11/12
logo
Linear Technology
LT1719 LINER-LT1719 Datasheet
217Kb / 16P
   4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
LT1719 LINER-LT1719_1 Datasheet
215Kb / 20P
   4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
LT1719 LINER-LT1719_15 Datasheet
220Kb / 22P
   4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
logo
Maxim Integrated Produc...
MAX9140 MAXIM-MAX9140 Datasheet
326Kb / 12P
   40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 0; 6/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com