Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT8N4S270 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT8N4S270
Description  Fourth generation FemtoClock
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT8N4S270 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT8N4S270 Datasheet HTML 3Page - Integrated Device Technology IDT8N4S270 Datasheet HTML 4Page - Integrated Device Technology IDT8N4S270 Datasheet HTML 5Page - Integrated Device Technology IDT8N4S270 Datasheet HTML 6Page - Integrated Device Technology IDT8N4S270 Datasheet HTML 7Page - Integrated Device Technology IDT8N4S270 Datasheet HTML 8Page - Integrated Device Technology IDT8N4S270 Datasheet HTML 9Page - Integrated Device Technology IDT8N4S270 Datasheet HTML 10Page - Integrated Device Technology IDT8N4S270 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
IDT8N4S270 Data Sheet
LVDS FREQUENCY-PROGRAMMABLE CRYSTAL OSCILLATOR
IDT8N4S270CCD REVISION A AUGUST 31, 2012
7
©2012 Integrated Device Technology, Inc.
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when the device is
mounted in a test socket with maintained transverse airflow greater than 500lfpm. The device will meet specifications after thermal equilibrium
has been reached under these conditions.
NOTE: XTAL parameters (initial accuracy, temperature stability, aging and total stability) are guaranteed by manufacturing.
NOTE 1: This parameter is defined in accordance with JEDEC standard 65.
NOTE 2: Please refer to the phase noise plot.
NOTE 3: Please see the FemtoClock NG Ceramic 5x7 Modules Programming guide for more information on PLL feedback modes and the
optimum configuration for phase noise. Integer PLL feedback is the default operation for the dddd = 1xxx order codes.
N(10M)
Single-side band phase noise,
10MHz from Carrier
231.25MHz
-141
dBc/Hz
tR / tF
Output Rise/Fall Time
20% to 80%
50
450
ps
odc
Output Duty Cycle
47
53
%
tSTARTUP
Device Startup Time After
Power Up
20
ms
Table 5. AC Characteristics, VDD = 3.3V ± 5% or 2.5V ± 5%, TA = -40°C to 85°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units


Similar Part No. - IDT8N4S270

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT8N4S270 RENESAS-IDT8N4S270 Datasheet
946Kb / 19P
   LVDS Frequency-Programmable Crystal Oscillator
2019
More results

Similar Description - IDT8N4S270

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT8N3S272 IDT-IDT8N3S272 Datasheet
474Kb / 18P
   Fourth generation FemtoClock
IDT8N4S271 IDT-IDT8N4S271 Datasheet
513Kb / 18P
   Fourth generation FemtoClock
841N4830 IDT-841N4830 Datasheet
687Kb / 28P
   Fourth generation FemtoClock
IDT8N3SV75 IDT-IDT8N3SV75 Datasheet
384Kb / 19P
   Fourth generation FemtoClock
IDT8V19N476-01I IDT-IDT8V19N476-01I Datasheet
51Kb / 2P
   Fourth generation FemtoClock
ICS841N254BI IDT-ICS841N254BI Datasheet
570Kb / 24P
   Fourth generation FemtoClock
IDT8T49N366I IDT-IDT8T49N366I Datasheet
495Kb / 36P
   Fourth generation FemtoClock
8T49N4811 IDT-8T49N4811 Datasheet
549Kb / 34P
   Fourth generation FemtoClock
ICS840N202I IDT-ICS840N202I Datasheet
482Kb / 31P
   Fourth generation FemtoClock
ICS843N3960I IDT-ICS843N3960I Datasheet
1Mb / 20P
   Fourth Generation FemtoClock
IDT8N3DV85 IDT-IDT8N3DV85 Datasheet
206Kb / 20P
   Fourth Generation FemtoClock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com