Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5203BEUB Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX5203BEUB
Description  Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in μMAX
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5203BEUB Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5203BEUB Datasheet HTML 1Page - Maxim Integrated Products MAX5203BEUB Datasheet HTML 2Page - Maxim Integrated Products MAX5203BEUB Datasheet HTML 3Page - Maxim Integrated Products MAX5203BEUB Datasheet HTML 4Page - Maxim Integrated Products MAX5203BEUB Datasheet HTML 5Page - Maxim Integrated Products MAX5203BEUB Datasheet HTML 6Page - Maxim Integrated Products MAX5203BEUB Datasheet HTML 7Page - Maxim Integrated Products MAX5203BEUB Datasheet HTML 8Page - Maxim Integrated Products MAX5203BEUB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Low-Cost, Voltage-Output, 16-Bit DACs with
Internal Reference in µMAX
_______________________________________________________________________________________
5
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
INTERNAL REFERENCE
VREF Output Voltage
TA = +25°C
1.46
1.5
1.54
V
TA = 0°C to +70°C
±15
VREF Tempco
TA = -40°C to +105°C
±20
ppm/°C
DIGITAL INPUTS (DIN, SCLK,
CS, CLR, LDAC)
Input High Voltage
VIH
2.1
V
Input Low Voltage
VIL
0.6
V
Input Hysteresis
VHYST
200
mV
Input Leakage
IIN
Digital inputs = 0 or VDD
±1
µA
Input Capacitance
CIN
15
pF
POWER REQUIREMENTS
Positive Power Supply
VDD
2.7
3.6
V
Positive Supply Current
IDD
All digital inputs at 0 or VDD (Note 5)
0.8
1.5
mA
Shutdown Supply Current
ISHDN
All digital inputs at 0 or VDD
110
µA
TIMING CHARACTERISTICS
SCLK Frequency
fSCLK
10
MHz
SCLK Clock Period
tCP
100
ns
SCLK Pulse Width High
tCH
40
ns
SCLK Pulse Width Low
tCL
40
ns
DIN Setup Time
tDS
40
ns
DIN Hold Time
tDH
0ns
CS Fall to SCLK Rise Setup Time
tCSS
40
ns
SCLK Rise to CS Rise Hold Time
tCSH
0ns
SCLK Rise to CS Fall Ignore
tCS0
10
ns
CS Rise to SCLK Rise Ignore
tCS1
40
ns
LDAC Pulse Width
tLDAC
40
ns
CS Rise to LDAC Low Setup
tLDACS
40
ns
SCLK Fall to CS Fall Ignore
tCSOL
10
ns
CS Pulse Width Low for Shutdown
tCSWL
40
ns
CS Pulse Width High
tCSWH
100
ns
Note 1: Static performance tested at VDD = +5.0V (MAX5200/MAX5201) and at VDD = +3.0V (MAX5202/MAX5203).
Note 2: INL and DNL are guaranteed for outputs between 0.5V to (VDD - 0.5V).
Note 3: Guaranteed monotonic.
Note 4: VREF = 2.5V (MAX5200/MAX5201) and VREF = 1.5V (MAX5202/MAX5203).
Note 5: RL =
∞, digital inputs are at VDD or DGND.
ELECTRICAL CHARACTERISTICS—MAX5202/MAX5203 (continued)
(VDD = +2.7V to +3.6V, fSCLK = 10MHz (50% duty cycle), output load = 10k
Ω in parallel with 250pF, TA = TMIN to TMAX, unless otherwise
noted. Typical values are at TA = +25°C.)


Similar Part No. - MAX5203BEUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX520 MAXIM-MAX520 Datasheet
274Kb / 20P
   Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 3; 9/96
MAX520-MAX521 MAXIM-MAX520-MAX521 Datasheet
274Kb / 20P
   Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 3; 9/96
MAX5204 MAXIM-MAX5204 Datasheet
282Kb / 13P
   Low-Cost, Voltage-Output, 16-Bit DACs in UMAX
Rev 1; 10/04
MAX5204ACUB MAXIM-MAX5204ACUB Datasheet
282Kb / 13P
   Low-Cost, Voltage-Output, 16-Bit DACs in UMAX
Rev 1; 10/04
MAX5204AEUB MAXIM-MAX5204AEUB Datasheet
282Kb / 13P
   Low-Cost, Voltage-Output, 16-Bit DACs in UMAX
Rev 1; 10/04
More results

Similar Description - MAX5203BEUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5650 MAXIM-MAX5650 Datasheet
283Kb / 14P
   16-Bit, Parallel-Input Voltage-Output DACs with Internal Reference
Rev 0; 2/06
MAX507 MAXIM-MAX507 Datasheet
369Kb / 12P
   Voltage-Output, 12-Bit DACs with Internal Reference
Rev A 9/91
MAX5204 MAXIM-MAX5204 Datasheet
282Kb / 13P
   Low-Cost, Voltage-Output, 16-Bit DACs in UMAX
Rev 1; 10/04
logo
Texas Instruments
DAC80504 TI1-DAC80504_17 Datasheet
2Mb / 48P
[Old version datasheet]   Quad, 16-, 14-Bit, SPI Voltage Output DACs With Internal Reference
DAC80504 TI1-DAC80504_18 Datasheet
2Mb / 48P
[Old version datasheet]   Quad, 16-, 14-Bit, SPI Voltage Output DACs With Internal Reference
DAC81416 TI1-DAC81416_18 Datasheet
2Mb / 56P
[Old version datasheet]   16-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
DAC81416 TI1-DAC81416 Datasheet
550Kb / 42P
[Old version datasheet]   16-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
DAC80504 TI1-DAC80504_19 Datasheet
1Mb / 49P
[Old version datasheet]   Quad, 16-, 14-, 12-bit, SPI voltage output DACs with internal reference
DAC81402 TI-DAC81402 Datasheet
5Mb / 54P
[Old version datasheet]   DACx1402 Dual, 16-Bit and 12-Bit, High-Voltage-Output DACs With Internal Reference
DAC81404 TI-DAC81404_V01 Datasheet
5Mb / 53P
[Old version datasheet]   DACx1404 Quad, 16-Bit and 12-Bit, High-Voltage-Output DACs With Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com