Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMBD7000 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PMBD7000
Description  Double high-speed switching diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMBD7000 Datasheet(HTML) 3 Page - NXP Semiconductors

  PMBD7000_15 Datasheet HTML 1Page - NXP Semiconductors PMBD7000_15 Datasheet HTML 2Page - NXP Semiconductors PMBD7000_15 Datasheet HTML 3Page - NXP Semiconductors PMBD7000_15 Datasheet HTML 4Page - NXP Semiconductors PMBD7000_15 Datasheet HTML 5Page - NXP Semiconductors PMBD7000_15 Datasheet HTML 6Page - NXP Semiconductors PMBD7000_15 Datasheet HTML 7Page - NXP Semiconductors PMBD7000_15 Datasheet HTML 8Page - NXP Semiconductors PMBD7000_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
PMBD7000
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 4 — 16 September 2010
3 of 12
NXP Semiconductors
PMBD7000
Double high-speed switching diode
5.
Limiting values
[1]
Single diode loaded.
[2]
Double diode loaded.
[3]
Tj =25 °C prior to surge.
[4]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
6.
Thermal characteristics
[1]
Single diode loaded.
[2]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per diode
VRRM
repetitive peak reverse
voltage
-100
V
VR
reverse voltage
-
100
V
IF
forward current
[1] -215
mA
[2] -125
mA
IFRM
repetitive peak forward
current
-450
mA
IFSM
non-repetitive peak
forward current
square wave
[3]
tp =1 μs-
4
A
tp =1ms
-
1
A
tp =1s
-
0.5
A
Ptot
total power dissipation
Tamb ≤ 25 °C
[1][4] -250
mW
Per device
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−55
+150
°C
Tstg
storage temperature
−65
+150
°C
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1][2] -
-
500
K/W
Rth(j-t)
thermal resistance from
junction to tie-point
-
-
360
K/W


Similar Part No. - PMBD7000_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMBD7000-215 NXP-PMBD7000-215 Datasheet
281Kb / 12P
   Double high-speed switching diode
Rev. 4-16 September 2010
More results

Similar Description - PMBD7000_15

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
BAV99W SEMTECH_ELEC-BAV99W Datasheet
311Kb / 2P
   HIGH-SPEED DOUBLE SWITCHING DIODE
logo
Nexperia B.V. All right...
BAV70W-Q NEXPERIA-BAV70W-Q Datasheet
205Kb / 11P
   High-speed switching double diode
14 June 2021
logo
SEMTECH ELECTRONICS LTD...
BAW56 SEMTECH_ELEC-BAW56 Datasheet
169Kb / 2P
   HIGH SPEED DOUBLE SWITCHING DIODE
logo
Nexperia B.V. All right...
PMBD7000 NEXPERIA-PMBD7000 Datasheet
383Kb / 13P
   Double high-speed switching diode
Rev. 4 - 16 September 2010
logo
NXP Semiconductors
PMBD7000-215 NXP-PMBD7000-215 Datasheet
281Kb / 12P
   Double high-speed switching diode
Rev. 4-16 September 2010
logo
Nexperia B.V. All right...
BAV70-Q NEXPERIA-BAV70-Q Datasheet
207Kb / 11P
   High-speed switching double diode
14 June 2021
BAV70S-Q NEXPERIA-BAV70S-Q Datasheet
213Kb / 11P
   High-speed switching double diode
14 June 2021
logo
Guangdong Kexin Industr...
1SS303 KEXIN-1SS303 Datasheet
45Kb / 1P
   HIGH SPEED SWITCHING SILICON EPITAXIAL DOUBLE DIODE
1SS304 KEXIN-1SS304 Datasheet
45Kb / 1P
   HIGH SPEED SWITCHING SILICON EPITAXIAL DOUBLE DIODE
logo
NXP Semiconductors
1PS300 PHILIPS-1PS300 Datasheet
52Kb / 8P
   High-speed double diode
1999 May 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com