Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5251BEAP Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5251BEAP
Description  3V, Quad, 10-Bit Voltage-Output DAC with Serial Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5251BEAP Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5251BEAP Datasheet HTML 2Page - Maxim Integrated Products MAX5251BEAP Datasheet HTML 3Page - Maxim Integrated Products MAX5251BEAP Datasheet HTML 4Page - Maxim Integrated Products MAX5251BEAP Datasheet HTML 5Page - Maxim Integrated Products MAX5251BEAP Datasheet HTML 6Page - Maxim Integrated Products MAX5251BEAP Datasheet HTML 7Page - Maxim Integrated Products MAX5251BEAP Datasheet HTML 8Page - Maxim Integrated Products MAX5251BEAP Datasheet HTML 9Page - Maxim Integrated Products MAX5251BEAP Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
10
µs/div
MAJOR-CARRY TRANSITION
MAX5251-07
OUTB,
AC COUPLED
50mV/div
CS
5V/div
2
µs/div
OUTA,
AC COUPLED
10mV/div
DIGITAL FEEDTHROUGH (SCLK = 100kHz)
MAX5251-08
SCLK,
2V/div
CS = PDL = CL = 3.3V, DIN = 0V
DAC A CODE SET TO 800 hex
DAC A CODE SWITCHING FROM 00C hex TO FFC hex
DAC B CODE SET TO 800 hex
10
µs/div
GND
OUTB,
AC COUPLED
10mV/div
ANALOG CROSSTALK
MAX5251-12
OUTA,
500mV/div
SWITCHING FROM CODE 000 hex TO FB4 hex
OUTPUT AMPLIFIER GAIN = +2.6
10
µs/div
DYNAMIC RESPONSE
MAX5251-13
OUTA,
500mV/div
+3V, Quad, 10-Bit Voltage-Output DAC
with Serial Interface
6
_______________________________________________________________________________________
____________________________Typical Operating Characteristics (continued)
(VDD = +3.3V, VREF = 1.25V, RL = 5kΩ, CL = 100pF, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX5251BEAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX525 MAXIM-MAX525 Datasheet
141Kb / 16P
   Low-Power, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Rev 1; 12/96
MAX5250 MAXIM-MAX5250 Datasheet
134Kb / 16P
   Low-Power, Quad, 10-Bit Voltage-Output DAC with Serial Interface
Rev 0; 12/96
MAX5250ACAP MAXIM-MAX5250ACAP Datasheet
134Kb / 16P
   Low-Power, Quad, 10-Bit Voltage-Output DAC with Serial Interface
Rev 0; 12/96
MAX5250ACAP MAXIM-MAX5250ACAP Datasheet
762Kb / 16P
   Low-Power, Quad, 10-Bit Voltage-Output DAC
Rev 1; 10/02
MAX5250ACPP MAXIM-MAX5250ACPP Datasheet
134Kb / 16P
   Low-Power, Quad, 10-Bit Voltage-Output DAC with Serial Interface
Rev 0; 12/96
More results

Similar Description - MAX5251BEAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5253 MAXIM-MAX5253 Datasheet
135Kb / 16P
   3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 9/96
MAX5253 MAXIM-MAX5253_V01 Datasheet
695Kb / 16P
   3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
2002
MAX5250 MAXIM-MAX5250 Datasheet
134Kb / 16P
   Low-Power, Quad, 10-Bit Voltage-Output DAC with Serial Interface
Rev 0; 12/96
MAX5741 MAXIM-MAX5741 Datasheet
635Kb / 15P
   10-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
logo
Wolfson Microelectronic...
WM2604 WOLFSON-WM2604 Datasheet
103Kb / 10P
   Quad 10-Bit Serial Input Voltage Output DAC
logo
Maxim Integrated Produc...
MAX525 MAXIM-MAX525 Datasheet
141Kb / 16P
   Low-Power, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Rev 1; 12/96
MAX5742 MAXIM-MAX5742 Datasheet
676Kb / 15P
   12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
logo
Wolfson Microelectronic...
WM5620L WOLFSON-WM5620L Datasheet
362Kb / 14P
   3 & 5V Quad 8-Bit Voltage Output DAC with Serial Interface
logo
Maxim Integrated Produc...
MAX5721 MAXIM-MAX5721 Datasheet
643Kb / 14P
   10-Bit, Low-Power, Dual, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
logo
Analog Devices
DAC8420 AD-DAC8420 Datasheet
587Kb / 16P
   Quad 12-Bit Serial Voltage Output DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com