Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX518AEPA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX518AEPA
Description  2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX518AEPA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX518AEPA Datasheet HTML 1Page - Maxim Integrated Products MAX518AEPA Datasheet HTML 2Page - Maxim Integrated Products MAX518AEPA Datasheet HTML 3Page - Maxim Integrated Products MAX518AEPA Datasheet HTML 4Page - Maxim Integrated Products MAX518AEPA Datasheet HTML 5Page - Maxim Integrated Products MAX518AEPA Datasheet HTML 6Page - Maxim Integrated Products MAX518AEPA Datasheet HTML 7Page - Maxim Integrated Products MAX518AEPA Datasheet HTML 8Page - Maxim Integrated Products MAX518AEPA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
2-Wire Serial 8-Bit DACs with
Rail-to-Rail Outputs
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 5V ±10%, VREF_ = 4V (MAX517, MAX519), RL = 10kΩ, CL = 100pF, TA = TMIN to TMAX, unless otherwise noted.
Typical values are TA = +25°C.)
0.6
ISINK = 6mA
ISINK = 3mA
0.3VDD
Input High Voltage
VIH
0.7VDD
V
Input Leakage Current
IIN
±10
µA
Output Low Voltage
VOL
0.4
V
Three-State Leakage Current
IL
±10
µA
Three-State Output Capacitance
COUT
10
0V
≤ VIN ≤ VDD
VIN = 0V to VDD
(Note 6)
PARAMETER
SYMBOL
MIN
TYP
MAX UNITS
Output Leakage Current
±10
µA
CONDITIONS
OUT_ = 0V to VDD, power-down mode
pF
LSB
1.5
VIL
Input Hysteresis
VHYST
0.05VDD
V
Input Capacitance
CIN
10
pF
(Note 6)
Input High Voltage
VIH
2.4
V
Input Low Voltage
VIL
0.8
V
Input Leakage Current
IIN
±10
µA
VIN = 0V to VDD
Voltage Output Slew Rate
2.0
Positive and negative
V/µs
MAX51 _C
Output Settling Time
µs
Digital Feedthrough
5
Code = 00 hex, all digital inputs from 0V to VDD
nV-s
1.4
MAX51 _E
1.0
MAX51 _M
Input Voltage Range
0VDD
V
Input Resistance
RIN
16
24
k
Code = 55 hex (Note 2)
Input Current
±10
µA
Power-down mode
Input Capacitance
30
pF
Code = FF hex (Note 3)
Channel-to-Channel Isolation
(MAX519)
-60
(Note 4)
MAX51 _M, REF_ = VDD
(MAX517, MAX519), code = FF hex,
0µA to 500µA
2.0
AC Feedthrough
-70
dB
(Note 5)
MAX51 _C/E, REF_ = VDD
(MAX517, MAX519), code = FF hex,
0µA to 500µA
Full-Scale Output Voltage
0VDD
V
Output Load Regulation
0.25
OUT_ = 4V, 0mA to 2.5mA
6
To 1/2 LSB, 10k
Ω and 100pF load (Note 8)
DAC OUTPUTS
DIGITAL INPUTS SCL, SDA
DIGITAL INPUTS AD0, AD1, AD2, AD3
DIGITAL OUTPUT SDA (Note 7)
DYNAMIC PERFORMANCE
REFERENCE INPUTS (MAX517, MAX519)
dB
Input Low Voltage
V


Similar Part No. - MAX518AEPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5180 MAXIM-MAX5180 Datasheet
491Kb / 16P
   Dual, 10-Bit, 40MHz, Current/Voltage Simultaneous-Output DACs
Rev 0; 10/99
MAX5180BEEI MAXIM-MAX5180BEEI Datasheet
491Kb / 16P
   Dual, 10-Bit, 40MHz, Current/Voltage Simultaneous-Output DACs
Rev 0; 10/99
MAX5181 MAXIM-MAX5181 Datasheet
285Kb / 16P
   10-Bit, 40MHz, Current/Voltage-Output DACs
Rev 0; 12/99
MAX5181BEEG MAXIM-MAX5181BEEG Datasheet
285Kb / 16P
   10-Bit, 40MHz, Current/Voltage-Output DACs
Rev 0; 12/99
MAX5181BEEG MAXIM-MAX5181BEEG Datasheet
221Kb / 16P
   10-Bit, 40MHz, Current/Voltage-Output DACs
Rev 5; 8/10
More results

Similar Description - MAX518AEPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX520 MAXIM-MAX520 Datasheet
274Kb / 20P
   Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 3; 9/96
MAX509 MAXIM-MAX509 Datasheet
235Kb / 20P
   Quad, Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 2; 1/96
MAX505 MAXIM-MAX505 Datasheet
554Kb / 16P
   Quad 8-Bit DACs with Rail-to-Rail Voltage Outputs
Rev 2; 1/94
logo
Analog Devices
LTC2630 AD-LTC2630 Datasheet
495Kb / 22P
   Single 12-/10-/8-Bit Rail-to- Rail DACs
logo
Linear Technology
LTC1451 LINER-LTC1451_15 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1453 LINER-LTC1453_15 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1452 LINER-LTC1452_15 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1451 LINER-LTC1451 Datasheet
173Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC2634 LINER-LTC2634_2 Datasheet
454Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_15 Datasheet
459Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/C Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com