Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5253AEAP Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX5253AEAP
Description  3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5253AEAP Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX5253AEAP Datasheet HTML 7Page - Maxim Integrated Products MAX5253AEAP Datasheet HTML 8Page - Maxim Integrated Products MAX5253AEAP Datasheet HTML 9Page - Maxim Integrated Products MAX5253AEAP Datasheet HTML 10Page - Maxim Integrated Products MAX5253AEAP Datasheet HTML 11Page - Maxim Integrated Products MAX5253AEAP Datasheet HTML 12Page - Maxim Integrated Products MAX5253AEAP Datasheet HTML 13Page - Maxim Integrated Products MAX5253AEAP Datasheet HTML 14Page - Maxim Integrated Products MAX5253AEAP Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Power-Down Lockout (
PDL)
The power-down lockout pin
PDL disables software
shutdown when low. When in shutdown, transitioning
PDL from high to low wakes up the part with the output
set to the state prior to shutdown.
PDL could also be
used to asynchronously wake up the device.
Daisy-Chaining Devices
Any number of MAX5253s can be daisy chained by
connecting the DOUT pin of one device to the DIN pin
of the following device in the chain (Figure 7).
Since the MAX5253’s DOUT pin has an internal active
pull-up, the DOUT sink/source capability determines
the time required to discharge/charge a capacitive
load. Refer to the serial-data-out VOH and VOL specifi-
cations in the
Electrical Characteristics.
Figure 8 shows an alternate method of connecting sev-
eral MAX5253s. In this configuration, the data bus is
common to all devices; data is not shifted through a
daisy chain. More I/O lines are required in this configu-
ration because a dedicated chip-select input (
CS) is
required for each IC.
+3V, Quad, 12-Bit Voltage-Output DAC
with Serial Interface
______________________________________________________________________________________
11
CS
SCLK
DIN
DOUT
(MODE 1)
MSB FROM
PREVIOUS WRITE
MSB FROM
PREVIOUS WRITE
COMMAND
EXECUTED
9
8
16
1
A0
A1
D0
C1
C0
D11 D10
D9
D6
D5
D4
D3
D2
D1
D8
D7
DOUT
(MODE 0)
A0
A1
D0
A1
C1
C0
D11 D10
D9
D6
D5
D4
D3
D2
D1
D8
D7
A0
A1
D0
A1
C1
C0
D11 D10
D9
D6
D5
D4
D3
D2
D1
D8
D7
DATA PACKET (N)
DATA PACKET (N-1)
DATA PACKET (N)
DATA PACKET (N-1)
DATA PACKET (N)
Figure 5. Serial-Interface Timing Diagram
SCLK
DIN
DOUT
tCSO
tCSS
tCL
tCH
tCP
tDO1
tCSW
tCS1
tDO2
tCSH
tDS
tDH
CS
Figure 6. Detailed Serial-Interface Timing Diagram


Similar Part No. - MAX5253AEAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5253ACAP MAXIM-MAX5253ACAP Datasheet
695Kb / 16P
   3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
2002
MAX5253ACPP MAXIM-MAX5253ACPP Datasheet
695Kb / 16P
   3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
2002
More results

Similar Description - MAX5253AEAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5253 MAXIM-MAX5253_V01 Datasheet
695Kb / 16P
   3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
2002
MAX5251 MAXIM-MAX5251 Datasheet
146Kb / 16P
   3V, Quad, 10-Bit Voltage-Output DAC with Serial Interface
Rev 0; 12/96
MAX5742 MAXIM-MAX5742 Datasheet
676Kb / 15P
   12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
MAX525 MAXIM-MAX525 Datasheet
141Kb / 16P
   Low-Power, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Rev 1; 12/96
logo
Analog Devices
DAC8420 AD-DAC8420 Datasheet
587Kb / 16P
   Quad 12-Bit Serial Voltage Output DAC
REV. 0
DAC8420 AD-DAC8420_16 Datasheet
511Kb / 23P
   Quad 12-Bit Serial Voltage Output DAC
DAC8420 AD-DAC8420_07 Datasheet
1Mb / 24P
   Quad 12-Bit Serial Voltage Output DAC
REV. B
logo
Wolfson Microelectronic...
WM2614 WOLFSON-WM2614 Datasheet
155Kb / 10P
   Quad 12-bit Serial Input Voltage Output DAC
logo
Maxim Integrated Produc...
MAX5302 MAXIM-MAX5302 Datasheet
696Kb / 12P
   Low-Power, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 10/99
logo
Wolfson Microelectronic...
WM5620L WOLFSON-WM5620L Datasheet
362Kb / 14P
   3 & 5V Quad 8-Bit Voltage Output DAC with Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com