Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHSNA57064 Datasheet(PDF) 1 Page - International Rectifier

Part # IRHSNA57064
Description  Simple Drive Requirements
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHSNA57064 Datasheet(HTML) 1 Page - International Rectifier

  IRHSNA57064 Datasheet HTML 1Page - International Rectifier IRHSNA57064 Datasheet HTML 2Page - International Rectifier IRHSNA57064 Datasheet HTML 3Page - International Rectifier IRHSNA57064 Datasheet HTML 4Page - International Rectifier IRHSNA57064 Datasheet HTML 5Page - International Rectifier IRHSNA57064 Datasheet HTML 6Page - International Rectifier IRHSNA57064 Datasheet HTML 7Page - International Rectifier IRHSNA57064 Datasheet HTML 8Page - International Rectifier IRHSNA57064 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
12/18/07
RAD-HARD
IRHSNA57064
SYNCHRONOUS RECTIFIER
SURFACE MOUNT (SMD-2)
www.irf.com
1
60V, N-CHANNEL
Features:
n Co-Pack N-channel RAD-Hard MOSFET
and Schottky Diode
n Ideal for Synchronous Rectifiers in DC-DC
Converters up to 56A Output
n Low Conduction Losses
n Low Switching Losses
n Low Vf Schottky Rectifier
n Refer to IRHSLNA57064 for Lower Inductance
For footnotes refer to the last page
* Current is limited by package
SMD-2
Description:
The SynchFet family of Co-Pack RAD-Hard MOSFETs
and Schottky diodes offers the designer an innovative,
board space saving solution for switching regulator and
power management applications. RAD-Hard MOSFETs
utilize advanced processing techniques to achieve
extremely low on-resistance per silicon area. Combining
this technology with International Rectifier’s low forward
drop Schottky rectifiers results in an extremely efficient
device suitable for use in a wide variety of Military and
Space applications.
Product Summary
Part Number
Radiation Level RDS(on)
QG
IRHSNA57064
100K Rads (Si)
6.5m
Ω 160nC
IRHSNA53064
300K Rads (Si)
6.5m
Ω 160nC
IRHSNA54064
600K Rads (Si)
6.5m
Ω 160nC
IRHSNA58064 1000K Rads (Si)
6.5m
Ω 160nC
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = 12V, TC = 25°C Continuous Drain or Source Current
56*
ID @ VGS = 12V, TC = 100°C Continuous Drain or Source Current
56*
IDM
Pulsed Drain Current
À
224
PD @ TC = 25°C
Max. Power Dissipation
250
W
Linear Derating Factor
2.0
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy
Ã
309
mJ
IAR
Avalanche Current
À
56
A
EAR
Repetitive Avalanche Energy
À
25
mJ
IF (AV)@ TC = 25°C
Schottky and Body Diode Avg. Forward Current
Â
56*
IF (AV)@ TC =100°C
Schottky and Body Diode Avg. Forward Current
Â
56*
TJ, TSTG
Opeating and Storage Temperature Range
-55 to 125
Pckg. Mounting Surface Temp.
300 (for 5s)
Weight
3.3 (Typical)
g
Pre-Irradiation
A
A
°C
PD-94323D


Similar Part No. - IRHSNA57064

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHSNA57064 IRF-IRHSNA57064 Datasheet
114Kb / 9P
   RAD-HARD SYNCHRONOUS RECTIFIER SURFACE MOUNT(SMD-2)
More results

Similar Description - IRHSNA57064

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHQ6110 IRF-IRHQ6110_15 Datasheet
264Kb / 14P
   Simple Drive Requirements
IRHQ9110 IRF-IRHQ9110_15 Datasheet
205Kb / 8P
   Simple Drive Requirements
IRHNA7264SE IRF-IRHNA7264SE_15 Datasheet
123Kb / 8P
   Simple Drive Requirements
IRHNA57163SE IRF-IRHNA57163SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHYS67230CM IRF-IRHYS67230CM_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHNA67164 IRF-IRHNA67164_15 Datasheet
198Kb / 9P
   Simple Drive Requirements
IRHNA67264 IRF-IRHNA67264_15 Datasheet
195Kb / 9P
   Simple Drive Requirements
IRHNA597160 IRF-IRHNA597160_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRLF120 IRF-IRLF120_15 Datasheet
312Kb / 7P
   Simple Drive Requirements
IRLR8103VPBF IRF-IRLR8103VPBF_15 Datasheet
214Kb / 9P
   Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com