Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4870 Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # AN4870
Description  Effects Of Temperature On Thyristor Performance
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

AN4870 Datasheet(HTML) 1 Page - Dynex Semiconductor

  AN4870 Datasheet HTML 1Page - Dynex Semiconductor AN4870 Datasheet HTML 2Page - Dynex Semiconductor AN4870 Datasheet HTML 3Page - Dynex Semiconductor AN4870 Datasheet HTML 4Page - Dynex Semiconductor AN4870 Datasheet HTML 5Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
AN4870 Application Note
www.dynexsemi.com
80
100
120
140
160
180
200
Thyristor junction temperature - (˚C)
0
20
40
60
80
100
VDRM
VRRM
Fig.1 Thyristor de-rating curves
The junction temperature ( T
j ) of a power semiconductor in any
particular situation profoundly affects its performance and
reliability. During its working life a thyristor can experience a wide
range of temperatures.
Operating at –40˚C is not damaging but allowance must be made
by the user for increased gate trigger current, latching current
and holding current as well as slow turn-on (see application note
AN4840 Gate Triggering and Gate Characteristics). Working in
the range between room temperature and 125˚C gives the best
compromise between ease of operation and operational life.
T
j = 125˚C is chosen as the design maximum value since above
this, blocking current starts to increase rapidly, thus degrading
voltage rating, see fig.1.
The device becomes much more susceptible to over-voltage
transients , high dv/dt, di/dt and surge current. In the case of the
forward blocking junction there is an increasing chance of
forward breakover triggering.
For special applications it is
possible to select devices to operate continuously with low
leakage at T
j = 140˚C but such devices may need to be fully
characterised and rated on other parameters at 140˚C.
Many applications involve infrequent current overloads for short
periods and it is possible to allow T
j to rise well above 125˚C in
such situations. A typical situation is during a load short circuit
when the device is protected by a fuse. In 50Hz circuits the
thyristor may often have to carry short circuit current for up to
10ms. During this time T
j can rise transiently to 300 - 500˚C
without the junction being damaged. Peak temperature lags
peak current by typically 2 or 3 milliseconds and, although falling,
is still high at the end of the current pulse. If current is interrupted
by a fuse, little or no reverse voltage appears across the device.
However, the re-application of reverse voltage at such a high
temperature can result in very high reverse recovery power
dissipation. This escalates the junction temperture further and
the subsequent high blocking current leads to reverse voltage
failure by thermal runaway.
Limit case surge currents are determined by experimental means
using a 50Hz half sine of current and published in the data sheet.
These I
TSM limit values are used to determine the peak temperature
( Using I
TSM for VR=0 ) and the temperature at the end of the
current loop ( Using I
TSM for VR = 50% VRRM ). These temperatures
are then taken as the limit temperatures for the particular device.
If temperatures in other applications are kept below these, then
the condition will be safe.
The method of calculating overload T
j for the published ITSM
currents and other overload conditions is discussed below.
The overload above assumed a high speed fuse or circuit
breaker will interrupt the supply before forward blocking voltage
appears. Some overloads require that the device survives with
AN4870
Effects Of Temperature On Thyristor Performance
Application Note
Replaces September 2000 version, AN4870-3.0
AN4870-3.1 July 2002


Similar Part No. - AN4870

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN487 STMICROELECTRONICS-AN487 Datasheet
376Kb / 13P
   INTRODUCTION TO A 10A MONOLITHIC SWITCHING
More results

Similar Description - AN4870

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
S2080 MA-COM-S2080 Datasheet
45Kb / 2P
   Moisture Effects on the Soldering of Plastic Encapsulated Devices
logo
STMicroelectronics
AN2352 STMICROELECTRONICS-AN2352 Datasheet
188Kb / 20P
   PLL jitter effects on C-CAN modules of the ST10F27x
logo
Exar Corporation
XRDAN28 EXAR-XRDAN28 Datasheet
122Kb / 4P
   Frequency Response Effects of Overampling and Averaging on A/D Output Data
logo
Dynex Semiconductor
AN4999 DYNEX-AN4999 Datasheet
107Kb / 6P
   Turn-On Performance Of Thyristors In Parallel
logo
National Semiconductor ...
AN-2026 NSC-AN-2026 Datasheet
450Kb / 8P
   The Effect of PCB Design on the Thermal Performance of SIMPLE SWITCHER
AD-03 NSC-AD-03 Datasheet
43Kb / 4P
   Effects of Aperture Time and Jitter in a Sampled Data System
logo
NXP Semiconductors
SAA7712H PHILIPS-SAA7712H Datasheet
178Kb / 44P
   Sound effects DSP
1999 Aug 05
logo
Sciosense B.V.
ENS21X SCIOSENSE-ENS21X Datasheet
3Mb / 2P
   Scalable Family of High-Performance Digital Temperature and Humidity Sensors
logo
Analog Devices
AN-756 AD-AN-756 Datasheet
298Kb / 12P
   Sampled Systems and the Effects of Clock Phase Noise and Jitter
REV. 0
logo
List of Unclassifed Man...
LB-20 ETC-LB-20 Datasheet
70Kb / 1P
   Effect of PWB Copper Area on Thermal Performance of 20-Lead SOIC LB Package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com