Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX520AEPE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX520AEPE
Description  Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX520AEPE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX520AEPE Datasheet HTML 1Page - Maxim Integrated Products MAX520AEPE Datasheet HTML 2Page - Maxim Integrated Products MAX520AEPE Datasheet HTML 3Page - Maxim Integrated Products MAX520AEPE Datasheet HTML 4Page - Maxim Integrated Products MAX520AEPE Datasheet HTML 5Page - Maxim Integrated Products MAX520AEPE Datasheet HTML 6Page - Maxim Integrated Products MAX520AEPE Datasheet HTML 7Page - Maxim Integrated Products MAX520AEPE Datasheet HTML 8Page - Maxim Integrated Products MAX520AEPE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Quad/Octal, 2-Wire Serial 8-Bit DACs
with Rail-to-Rail Outputs
_______________________________________________________________________________________
5
Note 8: A master device must provide a hold time of at least 300ns for the SDA signal (referred to VIL of the SCL signal) in order to
bridge the undefined region of SCL’s falling edge.
Note 9: Cb = total capacitance of one bus line in pF. tR and tf measured between 0.3VDD and 0.7VDD.
Note 10: An input filter on the SDA and SCL input suppresses noise spikes less than 50ns.
Note 11: Guaranteed by design.
Hold Time, (Repeated) Start Condition
tHD, STA
0.6
µs
Low Period of the SCL Clock
tLOW
1.3
µs
High Period of the SCL Clock
tHIGH
0.6
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Serial Clock Frequency
fSCL
0
400
kHz
Bus Free Time Between a STOP and a
START Condition
tBUF
1.3
µs
CONDITIONS
µs
Setup Time for a Repeated START Condition
tSU, STA
0.6
µs
Data Hold Time
tHD, DAT
0
0.9
µs
Data Setup Time
tSU, DAT
100
(Note 8)
ns
Fall Time of SDA Transmitting (Note 6)
tF
20 + 0.1Cb
250
ns
Setup Time for STOP Condition
tSU, STO
0.6
µs
Capacitive Load for Each Bus Line
Cb
400
ISINK ≤ 6mA (Note 9)
pF
Rise Time of Both SDA and SCL Signals, Receiving
tR
20 + 0.1Cb
300
ns
Fall Time of Both SDA and SCL Signals, Receiving
tF
20 + 0.1Cb
300
(Note 9)
(Note 9)
ns
Pulse Width of Spike Suppressed
tSP
050
(Notes 10, 11)
ns
TIMING CHARACTERISTICS
(VDD = 5V ±10%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
__________________________________________Typical Operating Characteristics
(VDD = 5V, DAC outputs unloaded, TA = +25°C, unless otherwise noted.)
10
9
0
-60
-30
30
90
120
150
MAX520
SUPPLY CURRENT vs. TEMPERATURE
2
1
8
7
TEMPERATURE (°C)
060
6
5
4
3
OPERATING MODE OR
SHUTDOWN MODE
40
0
-60
-30
30
90
120
150
MAX520
REFERENCE INPUT CURRENT vs.
TEMPERATURE (SHUTDOWN MODE)
5
35
30
TEMPERATURE (°C)
060
25
20
15
10
VREF = 4V
ONE REF INPUT DRIVEN
0
1k
100k
10k
1M
10M
MAX520
REFERENCE VOLTAGE INPUT
FREQUENCY RESPONSE
-16
-18
FREQUENCY (Hz)
-14
-12
-10
-8
-6
-4
-2
2
VDD = 5V
VREF = 4Vp-p SINE WAVE
CENTERED AT 2.5V


Similar Part No. - MAX520AEPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5200 MAXIM-MAX5200 Datasheet
288Kb / 13P
   Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in μMAX
Rev 2; 10/04
MAX5200ACUB MAXIM-MAX5200ACUB Datasheet
288Kb / 13P
   Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in μMAX
Rev 2; 10/04
MAX5200AEUB MAXIM-MAX5200AEUB Datasheet
288Kb / 13P
   Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in μMAX
Rev 2; 10/04
MAX5200BEUB MAXIM-MAX5200BEUB Datasheet
288Kb / 13P
   Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in μMAX
Rev 2; 10/04
MAX5201ACUB MAXIM-MAX5201ACUB Datasheet
288Kb / 13P
   Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in μMAX
Rev 2; 10/04
More results

Similar Description - MAX520AEPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX517 MAXIM-MAX517 Datasheet
178Kb / 16P
   2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 0; 5/95
MAX509 MAXIM-MAX509 Datasheet
235Kb / 20P
   Quad, Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 2; 1/96
MAX505 MAXIM-MAX505 Datasheet
554Kb / 16P
   Quad 8-Bit DACs with Rail-to-Rail Voltage Outputs
Rev 2; 1/94
logo
Linear Technology
LTC1458L LINER-LTC1458L_15 Datasheet
178Kb / 12P
   Quad 12-Bit Rail-to-Rail Micropower DACs
LTC1458 LINER-LTC1458_15 Datasheet
178Kb / 12P
   Quad 12-Bit Rail-to-Rail Micropower DACs
LTC1458 LINER-LTC1458 Datasheet
248Kb / 12P
   Quad 12-Bit Rail-to-Rail Micropower DACs
LTC2634 LINER-LTC2634 Datasheet
382Kb / 28P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_2 Datasheet
454Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_15 Datasheet
459Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/C Reference
LTC2634 LINER-LTC2634_1 Datasheet
363Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com