Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX519 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX519
Description  2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX519 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX519 Datasheet HTML 7Page - Maxim Integrated Products MAX519 Datasheet HTML 8Page - Maxim Integrated Products MAX519 Datasheet HTML 9Page - Maxim Integrated Products MAX519 Datasheet HTML 10Page - Maxim Integrated Products MAX519 Datasheet HTML 11Page - Maxim Integrated Products MAX519 Datasheet HTML 12Page - Maxim Integrated Products MAX519 Datasheet HTML 13Page - Maxim Integrated Products MAX519 Datasheet HTML 14Page - Maxim Integrated Products MAX519 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
2-Wire Serial 8-Bit DACs with
Rail-to-Rail Outputs
______________________________________________________________________________________
11
Furthermore if the transmission’s last command byte
has PD high, the output latches are updated, but volt-
age outputs will not reflect the newly entered data
because the DAC enters power-down mode when the
STOP condition is detected. When in power-down, the
DAC outputs float. In this mode, the supply current is a
maximum of 20µA. A command byte with the PD bit low
returns the MAX517/MAX518/MAX519 to normal opera-
tion following a STOP condition, with the voltage out-
puts reflecting the output-latch contents (Figures 10a
and 10b). Because each subsequent command byte
overwrites the previous PD bit, only the last command
byte of a transmission affects the power-down state.
Setting the RST bit high clears the DAC input latches.
The DAC outputs remain unchanged until a STOP con-
dition is detected (Figure 11a). If a reset is issued, the
following output byte is ignored. Subsequent pairs of
command/output bytes overwrite the input latches
(Figure 11b).
All changes made during a transmission affect the
MAX517/MAX518/MAX519’s outputs only when the
transmission ends and a STOP has been recognized.
The R0, R1, and R2 bits are reserved and must be set
to zero.
I2C Compatibility
The MAX517/MAX518/MAX519 are fully compatible
with existing I2C systems. SCL and SDA are high-
impedance inputs; SDA has an open drain that pulls
the data line low during the 9th clock pulse. Figure 12
shows a typical I2C application.
(
)
(
)
(
)
SDA
0
START
CONDITION
ADDRESS BYTE
ACK
10
1
or
AD3
1
or
AD2 AD1AD0 0
0
0 0010
0
(RST)
(RST)
STOP
CONDITION
COMMAND BYTE
ACK
ALL OUTPUTS
SET TO 0.
(
)
ALL INPUT LATCHES
SET TO 0.
ALL INPUT LATCHES
SET TO 0.
SDA
0
START
CONDITION
ADDRESS BYTE
ACK
10
1
or
AD3
1
or
AD2 AD1 AD0 0
0 00010
0
0
STOP
CONDITION
COMMAND BYTE
ACK
"DUMMY"
OUTPUT BYTE
ACK
(a)
(b)
DAC OUTPUTS SET TO 0 UNLESS
CHANGED BY ADDITIONAL COMMAND
BYTE/OUTPUT BYTE PAIRS.
NOTE: X = DON'T CARE
ADDITIONAL
COMMAND BYTE/
OUTPUT BYTE PAIRS
X
X
X
X
X
X
X
X
X
X
X
X
X
X
Figure 11. Resetting DAC Outputs
(
)
SDA
0
START
CONDITION
ADDRESS BYTE
ACK
10
1
or
AD3
1
or
AD2 AD1 AD0 0
0
0
0 0000
(PD)
(PD)
STOP
CONDITION
COMMAND BYTE
ACK
DEVICE RETURNS TO
NORMAL OPERATION
(
)
DAC0 INPUT
LATCH SET TO 0.
SDA
0
START
CONDITION
ADDRESS BYTE
ACK
10
1
or
AD3
1
or
AD2AD1 AD0 0
0
0
0000
0
0
0
0
0
00
00
00
STOP
CONDITION
COMMAND BYTE
(ADDRESSING DAC0)
ACK
OUTPUT BYTE
(SET TO 0)
ACK
(a)
(b)
DEVICE RETURNS TO NORMAL OPERATION.
DAC0 SET TO 0.
NOTE: X = DON'T CARE
X
X
X
X
X
(
)
Figure 10. Returning to Normal Operation from Power-Down


Similar Part No. - MAX519

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5190 MAXIM-MAX5190 Datasheet
226Kb / 16P
   8-Bit, 40MHz, Current/Voltage-Output DACs
Rev 0; 12/99
MAX5190BEEG MAXIM-MAX5190BEEG Datasheet
226Kb / 16P
   8-Bit, 40MHz, Current/Voltage-Output DACs
Rev 0; 12/99
MAX5191BEEI MAXIM-MAX5191BEEI Datasheet
226Kb / 16P
   Dual, 8-Bit, 40MHz, Current/Voltage, Alternate-Phase Output DACs
Rev 0; 12/99
MAX5195 MAXIM-MAX5195 Datasheet
595Kb / 17P
   14-Bit, 260Msps High-Dynamic Performance DAC
Rev 0; 7/02
MAX5195EGM MAXIM-MAX5195EGM Datasheet
595Kb / 17P
   14-Bit, 260Msps High-Dynamic Performance DAC
Rev 0; 7/02
More results

Similar Description - MAX519

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX520 MAXIM-MAX520 Datasheet
274Kb / 20P
   Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 3; 9/96
MAX509 MAXIM-MAX509 Datasheet
235Kb / 20P
   Quad, Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 2; 1/96
MAX505 MAXIM-MAX505 Datasheet
554Kb / 16P
   Quad 8-Bit DACs with Rail-to-Rail Voltage Outputs
Rev 2; 1/94
logo
Analog Devices
LTC2630 AD-LTC2630 Datasheet
495Kb / 22P
   Single 12-/10-/8-Bit Rail-to- Rail DACs
logo
Linear Technology
LTC1451 LINER-LTC1451_15 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1453 LINER-LTC1453_15 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1452 LINER-LTC1452_15 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1451 LINER-LTC1451 Datasheet
173Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC2634 LINER-LTC2634_2 Datasheet
454Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_15 Datasheet
459Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/C Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com