Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX533ACEE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX533ACEE
Description  2.7V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX533ACEE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX533ACEE Datasheet HTML 2Page - Maxim Integrated Products MAX533ACEE Datasheet HTML 3Page - Maxim Integrated Products MAX533ACEE Datasheet HTML 4Page - Maxim Integrated Products MAX533ACEE Datasheet HTML 5Page - Maxim Integrated Products MAX533ACEE Datasheet HTML 6Page - Maxim Integrated Products MAX533ACEE Datasheet HTML 7Page - Maxim Integrated Products MAX533ACEE Datasheet HTML 8Page - Maxim Integrated Products MAX533ACEE Datasheet HTML 9Page - Maxim Integrated Products MAX533ACEE Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
2.7V, Low-Power, 8-Bit Quad DAC
with Rail-to-Rail Output Buffers
6
_______________________________________________________________________________________
____________________________Typical Operating Characteristics (continued)
(VDD = +3V, TA = +25°C, unless otherwise noted.)
WORST-CASE 1LSB DIGITAL
STEP CHANGE (NEGATIVE)
MAX533-TOC10
2µs/div
CS
2V/div
OUTA
50mV/div
VDD = 3.0V
VREF = 2.5V
DAC CODE = 80 TO 7F hex
NO LOAD
WORST-CASE 1LSB DIGITAL
STEP CHANGE (POSITIVE)
MAX533-TOC11
2µs/div
CS
2V/div
OUTA
50mV/div
VDD = 3.0V
VREF = 2.5V
DAC CODE = 7F TO 80 hex
NO LOAD
-80
0.01
0.1
10
REFERENCE FEEDTHROUGH vs. FREQUENCY
-60
-70
-20
-30
-40
-50
FREQUENCY (MHz)
1
VDD = +3.0V
VREF = 3Vp-p SINE WAVE
DAC CODE = 00 HEX
CLOCK FEEDTHROUGH
MAX533-TOC13
2µs/div
SCLK
2V/div
OUTA
10mV/div
SCLK = 333kHz
SCLK tR = tF = 25ns
VDD = 3.0V
VREF = 2.5V
DAC CODE = 80 hex
NO LOAD
POSITIVE SETTLING TIME
MAX533-TOC14
5µs/div
CS
2V/div
OUTA
1V/div
VDD = 3.0V
VREF = 2.5V
DAC CODE = 00 TO FF hex
NO LOAD
5
-30
0.01
0.1
10
REFERENCE INPUT FREQUENCY RESPONSE
-20
-25
0
-5
-10
-15
FREQUENCY (MHz)
1
VREF = 0.1Vp-p SINE WAVE
CENTERED AT 2.5V
DAC CODE = FF HEX
VDD = +3.0V


Similar Part No. - MAX533ACEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5331 MAXIM-MAX5331 Datasheet
900Kb / 16P
   12-Bit DACs with 32-Channel Sample-and-Hold Outputs
19-3563; Rev 1; 5/05
MAX5331UCB MAXIM-MAX5331UCB Datasheet
900Kb / 16P
   12-Bit DACs with 32-Channel Sample-and-Hold Outputs
19-3563; Rev 1; 5/05
MAX5331UTK** MAXIM-MAX5331UTK* Datasheet
900Kb / 16P
   12-Bit DACs with 32-Channel Sample-and-Hold Outputs
19-3563; Rev 1; 5/05
MAX5332 MAXIM-MAX5332 Datasheet
900Kb / 16P
   12-Bit DACs with 32-Channel Sample-and-Hold Outputs
19-3563; Rev 1; 5/05
MAX5332UCB MAXIM-MAX5332UCB Datasheet
900Kb / 16P
   12-Bit DACs with 32-Channel Sample-and-Hold Outputs
19-3563; Rev 1; 5/05
More results

Similar Description - MAX533ACEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX534 MAXIM-MAX534 Datasheet
125Kb / 16P
   5V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
Rev 0; 8/96
MAX5100 MAXIM-MAX5100 Datasheet
401Kb / 8P
   2.7V to 5.5V, Low-Power, Quad, Parallel 8-Bit DAC with Rail-to-Rail Voltage Outputs
Rev 0; 10/99
MAX5101 MAXIM-MAX5101 Datasheet
429Kb / 8P
   2.7V to 5.5V, Low-Power, Triple, Parallel 8-Bit DAC with Rail-to-Rail Voltage Outputs
Rev 0; 10/99
MAX5102 MAXIM-MAX5102 Datasheet
454Kb / 8P
   2.7V to 5.5V, Low-Power, Dual, Parallel 8-Bit DAC with Rail-to-Rail Voltage Outputs
Rev 0; 10/99
MAX5258 MAXIM-MAX5258 Datasheet
509Kb / 20P
   3V/5V, Low-Power, 8-Bit Octal DACs with Rail-to-Rail Output Buffers
Rev 1; 4/01
logo
Analog Devices
AD7304 AD-AD7304_15 Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7304 AD-AD7304 Datasheet
936Kb / 14P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. A
AD7305BRZ-REEL AD-AD7305BRZ-REEL Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305BRUZ AD-AD7305BRUZ Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305BRZ AD-AD7305BRZ Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com