Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5352 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX5352
Description  Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5352 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX5352 Datasheet HTML 4Page - Maxim Integrated Products MAX5352 Datasheet HTML 5Page - Maxim Integrated Products MAX5352 Datasheet HTML 6Page - Maxim Integrated Products MAX5352 Datasheet HTML 7Page - Maxim Integrated Products MAX5352 Datasheet HTML 8Page - Maxim Integrated Products MAX5352 Datasheet HTML 9Page - Maxim Integrated Products MAX5352 Datasheet HTML 10Page - Maxim Integrated Products MAX5352 Datasheet HTML 11Page - Maxim Integrated Products MAX5352 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Low-Power, 12-Bit Voltage-Output DACs
with Serial Interface
8
_______________________________________________________________________________________
____________________________Typical Operating Characteristics (continued)
(MAX5353 only, VDD = +3.3V, RL = 5kΩ, CL = 100pF, TA = +25°C, unless otherwise noted.)
-0.5
0.4
0.8
1.2
1.6
2.0
REFERENCE VOLTAGE (V)
2.4
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
-0.4
INTEGRAL NONLINEARITY
vs. REFERENCE VOLTAGE
0
-4
-8
-12
-16
-20
100k
500k
1M
1.5M
2M
2.5M
REFERENCE VOLTAGE INPUT
FREQUENCY RESPONSE
FREQUENCY (Hz)
360
340
320
300
280
260
240
220
200
-60
-20
20
60
100
140
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
RL = ∞
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
-60
-20
20
60
100
140
POWER-DOWN SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
-100
0.5
1.6
3.8
OUTPUT FFT PLOT
-60
0
FREQUENCY (kHz)
2.7
4.9
6.0
-20
-40
-80
VREF = 1.9Vp-p
CODE = FULL SCALE
fIN = 1kHz
3.0
3.1
3.2
3.3
3.4
3.8
3.5
3.6
3.7
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
350
450
400
300
200
250
150
100
-50
-80
1
100
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. FREQUENCY
-75
FREQUENCY (kHz)
-65
10
-55
-70
-60
VREF = 1VDC + 0.5Vp-p SINE
CODE = FULL SCALE
FULL-SCALE OUTPUT vs. LOAD
LOAD (
Ω)
1.24978
1.24980
1.24982
1.24984
1.24986
1.24988
1.24990
0.1k
1k
10k
1M
100k
-100
0.5
1.2
2.6
REFERENCE FEEDTHROUGH
AT 1kHz
-60
0
FREQUENCY (kHz)
1.9
3.3
4.0
-20
-40
-80
OUTPUT FEEDTHROUGH
REFERENCE INPUT SIGNAL
MAX5353


Similar Part No. - MAX5352

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX535 MAXIM-MAX535 Datasheet
144Kb / 16P
   Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/96
MAX5351ACPA MAXIM-MAX5351ACPA Datasheet
144Kb / 16P
   Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/96
MAX5351ACUA MAXIM-MAX5351ACUA Datasheet
144Kb / 16P
   Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/96
MAX5351AEPA MAXIM-MAX5351AEPA Datasheet
144Kb / 16P
   Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/96
MAX5351AEUA MAXIM-MAX5351AEUA Datasheet
144Kb / 16P
   Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/96
More results

Similar Description - MAX5352

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5154 MAXIM-MAX5154 Datasheet
184Kb / 16P
   Low-Power, Dual, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/97
MAX5500 MAXIM-MAX5500 Datasheet
219Kb / 14P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 11/08
MAX5500 MAXIM-MAX5500_09 Datasheet
289Kb / 15P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 4/09
MAX5174 MAXIM-MAX5174 Datasheet
255Kb / 16P
   Low-Power, Serial, 12-Bit DACs with Voltage Output
Rev 0; 4/99
MAX535 MAXIM-MAX535 Datasheet
144Kb / 16P
   Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/96
MAX536 MAXIM-MAX536_11 Datasheet
2Mb / 24P
   Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 3; 3/11
MAX536 MAXIM-MAX536 Datasheet
361Kb / 24P
   Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 2a; 1/97
MAX5150 MAXIM-MAX5150 Datasheet
188Kb / 16P
   Low-Power, Dual, 13-Bit Voltage-Output DACs with Serial Interface
Rev 0; 8/97
logo
IC MICROSYSTEMS
ICM7563 ICMIC-ICM7563 Datasheet
192Kb / 11P
   12/10/8-Bit Low Power Quad DACs With Serial Interface and Voltage Output
logo
Maxim Integrated Produc...
MAX5158 MAXIM-MAX5158 Datasheet
181Kb / 16P
   Low-Power, Dual, 10-Bit, Voltage-Output DACs with Serial Interface
Rev 1; 12/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com