Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NEURON5000 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # NEURON5000
Description  Neuron짰 5000 Processor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NEURON5000 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  NEURON5000 Datasheet HTML 1Page - List of Unclassifed Manufacturers NEURON5000 Datasheet HTML 2Page - List of Unclassifed Manufacturers NEURON5000 Datasheet HTML 3Page - List of Unclassifed Manufacturers NEURON5000 Datasheet HTML 4Page - List of Unclassifed Manufacturers NEURON5000 Datasheet HTML 5Page - List of Unclassifed Manufacturers NEURON5000 Datasheet HTML 6Page - List of Unclassifed Manufacturers NEURON5000 Datasheet HTML 7Page - List of Unclassifed Manufacturers NEURON5000 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.echelon.com
®
SCK
MOSI
MISO
CS0~
SDA_CS1~
SCL
I2C
Slave
(EEPROM)
SPI
Slave
(Flash)
Series
5000 Chip
3.3 V
Figure 4: Using both I2C and SPI Interfaces for
External NVM Memories
Memory devices supported. The Neuron
5000 Processor supports any EEPROM
device that uses the SPI or I2C protocol,
and meets the clock speed and addressing
requirements described above.
While all EEPROM devices have a uniform
write procedure, flash devices from various
manufacturers differ slightly in their write
procedure. Thus, a small library routine is
stored in the external EEPROM device that
helps the system write successfully to the
external flash device. Echelon has qualified
the following SPI flash memory devices for
use with the Neuron 5000 Processor:
• Atmel®AT25F512B512-Kilobit
2.7-voltMinimumSPISerialFlash
Memory.
• Numonyx™M25P05-A512-Kbit,
serialflashmemory,50MHzSPIbus
interface.
• SiliconStorageTechnology
SST25VF512A512KbitSPISerial
Flash.
• Additionaldevicesmaybequalified
inthefuture.
Memory map. A Neuron 5000 Processor
has a memory map of 64KB. A Neuron
C application program uses this memory
map to organize its memory and data
access. The memory map is a logical view
of device memory, rather than a physical
view, because the chip’s processors only
directly access RAM. The memory map
divides the Neuron 5000 Processor’s
physical 64KB RAM into the following
types of logical memory, as shown in
Figure 5:
• Systemfirmwareimage(storedin
on-chipROMorexternalNVM).
• On-chipRAMorNVM.Memory
rangesforeachareconfigurable
withinthedevicehardware
template.Thenon-volatilememory
representstheareashadowedfrom
externalNVMintotheRAM.
• On-chipRAMforstacksegments
andRAMNEARdata.
• MandatoryexternalEEPROMthat
holdsconfigurationdataandnon-
volatile
applicationvariables.
• Reservedspaceforsystemuse.
If a 64KB external serial EEPROM or flash
device is used, the maximum allowed size
of application code is 42KB as defined by
extended NVM area in the memory map.
An additional 16KB of the remaining space
can hold an external system firmware
image, in case a future firmware upgrade is
required.
Reserved
Mandatory EEPROM
On-Chip RAM
Extended Memory
(Configurable as:
Extended RAM
or
Non-volatile memory)
On-Chip ROM
0x0000 to 0x3FFF
0x4000 to 0xE7FF
0xE800 to 0xEFFF
0xF000 to 0xF7FF
0xF800 to 0xFFFF
2 KB
2 KB
2 KB
42 KB
16 KB
Figure 5: FT 5000 Smart Transceiver
Memory Map
Programming memory devices. Because
the Neuron 5000 Processor does not
have any on-chip user-accessible NVM,
only the external serial EEPROM or flash
devices need to be programmed with the
application and configuration data. The
memory devices can be programmed in
any of the following ways:
In-circuit programming on the board.
Over the network.
Pre-programming before soldering
on the board.
Migration Considerations
Most device designs that use the previous-
generation Neuron 3120 or Neuron 3150
Chip can transition to using the Neuron
5000 Processor. However, because the
supply voltage and memory architecture of
Neuron 3120/3150 Chips and Neuron 5000
Processors are different, the transition
requires a hardware redesign of the
boards.
The recommended migration path for
devices based on a Neuron Chip depends
on the transceiver type used with the
Neuron Chip, as shown in Table 2.
Current
Transceiver
Type Used
Equivalent Series
5000 Design
Comments
FTT-10A
Transceiver
FT 5000 Smart
Transceiver plus
FT-X3
Communications
Transformer
Use an FT 5000
Smart Transceiver
for TP/FT-10
channels.
EIA-485
Transceiver
Neuron 5000
Processor plus
EIA-485
Transceiver
or (if possible)
FT 5000 Smart
Transceiver plus
FT-X3
Communications
Transformer
If your design is
flexible enough to
allow either
an EIA-485
channel or a
TP/FT-10 channel,
use the FT 5000
Smart Transceiver
with the TP/FT-10
channel.
TPT Twisted
Pair
Transceiver
Module
(for a
TP/XF-1250
channel
type)
Neuron 5000
Processor plus
TPT/XF-1250
Twisted Pair
Transceiver
Module (for a
TP/XF-1250
channel type)
The Neuron 5000
Processor must
be configured to
operate in 3.3V
Single-Ended
Mode with the
TPT Twisted
Pair Transceiver
Module and
external circuitry
must be added for
Single-Ended to
Differential Mode
conversion.
LonWorks
LPT-11
Link Power
Transceiver
Neuron 5000
Processor
plus LPT-11
Link Power
Transceiver
The Neuron 5000
Processor must
be configured to
operate in 3.3V
Single-Ended
Mode with the
LPT-11 Link Power
Transceiver.
Other
transceiver
type
Neuron 5000
Processor plus
other transceiver
type
The Neuron 5000
Processor can
connect to other
transceiver types
for the supported
channel types, but
more hardware
design work may
be required.
Table 2: Migration for Devices with
Neuron Chips
See the
Series 5000 Chip Data Book
and the Connecting a Neuron 5000
Processor to an External Transceiver
Engineering Bulletin for more
information about migrating device
designs for Neuron 3120/3150 Chips to
Neuron 5000 Processors.


Similar Part No. - NEURON5000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NEURON6050 ETC2-NEURON6050 Datasheet
5Mb / 4P
   IP Processor for IzoTTM Enabled Devices
More results

Similar Description - NEURON5000

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C53150 CYPRESS-CY7C53150_07 Datasheet
382Kb / 14P
   Neuron짰 Chip Network Processor
logo
Molex Electronics Ltd.
86065-5000 MOLEX-86065-5000 Datasheet
107Kb / 4P
   86065-5000
logo
Alcoa international inc...
99-5000 ALCOA-99-5000 Datasheet
151Kb / 2P
   99-5000
logo
Winchester Electronics ...
KTK-15 WINCHESTER-KTK-15 Datasheet
127Kb / 1P
   KTH-5000 SERIES
logo
Toshiba Semiconductor
TMPN3120FE5MG TOSHIBA-TMPN3120FE5MG Datasheet
391Kb / 10P
   Neuron짰 Chip for Distributed Intelligent Control Networks (LONWORKS짰)
TMPN3120FE3MG TOSHIBA-TMPN3120FE3MG Datasheet
371Kb / 10P
   Neuron짰 Chip for Distributed Intelligent Control Networks (LONWORKS)
logo
Winchester Electronics ...
KTK-14 WINCHESTER-KTK-14 Datasheet
127Kb / 1P
   KTH-5000 SERIES
logo
Keysight Technologies
TS-5040 KEYSIGHT-TS-5040 Datasheet
260Kb / 7P
   TS-5000 Family
logo
Ralston Instruments.
XHGV-5KPSI-M RALSTON-XHGV-5KPSI-M Datasheet
363Kb / 2P
   XHGV (5000 psi / 350 bar) pump, 5000 psi analog gauge
logo
Protek Devices
SM5KW10A PROTEC-SM5KW10A Datasheet
509Kb / 6P
   5000 WATT TVS COMPONENT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com