Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX534BCEE Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX534BCEE
Description  5V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX534BCEE Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX534BCEE Datasheet HTML 6Page - Maxim Integrated Products MAX534BCEE Datasheet HTML 7Page - Maxim Integrated Products MAX534BCEE Datasheet HTML 8Page - Maxim Integrated Products MAX534BCEE Datasheet HTML 9Page - Maxim Integrated Products MAX534BCEE Datasheet HTML 10Page - Maxim Integrated Products MAX534BCEE Datasheet HTML 11Page - Maxim Integrated Products MAX534BCEE Datasheet HTML 12Page - Maxim Integrated Products MAX534BCEE Datasheet HTML 13Page - Maxim Integrated Products MAX534BCEE Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
+5V, Low-Power, 8-Bit Quad DAC
with Rail-to-Rail Output Buffers
10
______________________________________________________________________________________
For this command, the data bits are “Don't Cares.” As
an example, three MAX534s are daisy chained (A, B,
and C), and devices A and C need to be updated. The
36-bit-wide command would consist of one 12-bit word
for device C, followed by an NOP instruction for device
B and a third 12-bit word with data for device A. At
CS’s
rising edge, device B will not change state.
Set DOUT Phase—SCLK Rising (Mode 1)
The mode 1 command resets the serial-output DOUT to
transition at SCLK’s rising edge. Once this command is
issued, DOUT’s phase is latched and will not change
except on power-up or if the specific command to set
the phase to falling edge is issued.
This command also loads all DAC registers with the con-
tents of their respective input registers, and is identical to
the “
LDAC” command.
Set DOUT Phase—SCLK Falling (Mode 0, Default)
This command resets DOUT to transition at SCLK’s
falling edge. The same command also updates all DAC
registers with the contents of their respective input reg-
isters, identical to the “
LDAC” command.
LDAC Operation (Hardware)
LDAC is typically used in 4-wire interfaces (Figure 7).
This command is level sensitive, and allows asynchro-
nous hardware control of the DAC outputs. With
LDAC
low the DAC registers are transparent, and any time an
input register is updated, the DAC output immediately
follows.
Clear DACs with
CLR
Strobing the
CLR pin low causes an asynchronous
clear of input and DAC registers and sets all DAC out-
puts to zero. Similar to the
LDAC pin, CLR can be
invoked at any time, typically when the device is not
selected (
CS = H). When the DAC data is all zeros, this
function is equivalent to the “Update all DACs from Shift
Registers” command.
Serial Data Output
DOUT is the internal shift register’s output. DOUT can
be programmed to clock out data on SCLK’s falling
edge (mode 0) or rising edge (mode 1). In mode 0, out-
put data lags input data by 12.5 clock cycles, maintain-
ing compatibility with Microwire and SPI. In mode 1,
output data lags input data by 12 clock cycles. On
power-up, DOUT defaults to mode 0 timing. DOUT
never three-states; it always actively drives either high
or low and remains unchanged when
CS is high.
1
0
1
1
x
x
xx
xxx
x
D0
D1
D2
D3
D4
D5
D6
D7
C0
C1
A0
A1
(
LDAC = x)
A1
A0
C1
C0
D7
D6
D5
D4
D3
D2
D1
D0
x
x
x
x
xxx
x
1
0
1
0
(
LDAC = x)
SCLK
DIN
CS
SK
SO
I/0
MICROWIRE
PORT
MAX534
Figure 4. Connections for Microwire
DIN
SCLK
CS
MOSI
SCK
I/0
SPI/QSPI
PORT
MAX534
Figure 5. Connections for SPI/QSPI


Similar Part No. - MAX534BCEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX530 MAXIM-MAX530 Datasheet
140Kb / 16P
   5V, Low-Power, Parallel-Input, Voltage-Output, 12-Bit DAC
Rev 3; 7/95
MAX5302 MAXIM-MAX5302 Datasheet
696Kb / 12P
   Low-Power, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 10/99
MAX5302CUA MAXIM-MAX5302CUA Datasheet
696Kb / 12P
   Low-Power, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 10/99
MAX5302EUA MAXIM-MAX5302EUA Datasheet
696Kb / 12P
   Low-Power, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 10/99
MAX5304 MAXIM-MAX5304 Datasheet
405Kb / 12P
   10-Bit Voltage-Output DAC in 8-Pin 關MAX
Rev 0; 10/99
More results

Similar Description - MAX534BCEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX533 MAXIM-MAX533 Datasheet
146Kb / 16P
   2.7V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
Rev 0; 6/96
MAX5258 MAXIM-MAX5258 Datasheet
509Kb / 20P
   3V/5V, Low-Power, 8-Bit Octal DACs with Rail-to-Rail Output Buffers
Rev 1; 4/01
MAX5100 MAXIM-MAX5100 Datasheet
401Kb / 8P
   2.7V to 5.5V, Low-Power, Quad, Parallel 8-Bit DAC with Rail-to-Rail Voltage Outputs
Rev 0; 10/99
logo
Analog Devices
AD7304 AD-AD7304_15 Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7304 AD-AD7304 Datasheet
936Kb / 14P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. A
AD7305BRZ-REEL AD-AD7305BRZ-REEL Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305BRUZ AD-AD7305BRUZ Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305BRZ AD-AD7305BRZ Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305 AD-AD7305_15 Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
logo
National Semiconductor ...
DAC084S085 NSC-DAC084S085 Datasheet
832Kb / 18P
   8-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com