Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC12D1600CCMPR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12D1600CCMPR
Description  12-Bit, Single or Dual, 3200/1600/800 MSPS RF Sampling ADC
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC12D1600CCMPR Datasheet(HTML) 4 Page - Texas Instruments

  ADC12D1600CCMPR Datasheet HTML 1Page - Texas Instruments ADC12D1600CCMPR Datasheet HTML 2Page - Texas Instruments ADC12D1600CCMPR Datasheet HTML 3Page - Texas Instruments ADC12D1600CCMPR Datasheet HTML 4Page - Texas Instruments ADC12D1600CCMPR Datasheet HTML 5Page - Texas Instruments ADC12D1600CCMPR Datasheet HTML 6Page - Texas Instruments ADC12D1600CCMPR Datasheet HTML 7Page - Texas Instruments ADC12D1600CCMPR Datasheet HTML 8Page - Texas Instruments ADC12D1600CCMPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 67 page
background image
VA
AGND
VA
AGND
100
VA
AGND
VA
AGND
100
VBIAS
50k
50k
50k
VA
AGND
VA
AGND
50k
Control from VCMO
VCMO
100
ADC12D1600QML
SNAS615 – DECMEBER 2012
www.ti.com
Pin Descriptions and Equivalent Circuits
Table 2. Analog Front-End and Clock Pins
Pin No.
Name
Equivalent Circuit
Description
Differential signal I- and Q-inputs. In the Non-Dual Edge
Sampling (Non-DES) Mode, each I- and Q-input is sampled
and converted by its respective channel with each positive
transition of the CLK input. In Non-ECM (Non-Extended
Control Mode) and DES Mode, both channels sample the I-
input. In Extended Control Mode (ECM), the Q-input may
optionally be selected for conversion in DES Mode by the
DEQ Bit (Addr: 0h, Bit 6).
Each I- and Q-channel input has an internal common mode
bias that is disabled when DC-coupled Mode is selected. Both
H1/J1
VinI+/-
inputs must be either AC- or DC-coupled. The coupling mode
N1/M1
VinQ+/-
is selected by the VCMO Pin.
In
Non-ECM,
the
full-scale
range
of
these
inputs
is
determined by the FSR Pin; both I- and Q-channels have the
same full-scale input range. In ECM, the full-scale input range
of the I- and Q-channel inputs may be independently set via
the Control Register (Addr: 3h and Addr: Bh). Note that the
high and low full-scale input range setting in Non-ECM
corresponds to the mid and minimum full-scale input range in
ECM.
The input offset may also be adjusted in ECM.
Differential Converter Sampling Clock. In the Non-DES Mode,
the analog inputs are sampled on the positive transitions of
U2/V1
CLK+/-
this clock signal. In the DES Mode, the selected input is
sampled on both transitions of this clock. This clock must be
AC-coupled.
Differential DCLK Reset. A positive pulse on this input is used
to reset the DCLKI and DCLKQ outputs of two or more
ADC12D1600s in order to synchronize them with other
ADC12D1600s in the system. DCLKI and DCLKQ are always
V2/W1
DCLK_RST+/-
in phase with each other, unless one channel is powered
down, and do not require a pulse from DCLK_RST to become
synchronized. The pulse applied here must meet timing
relationships with respect to the CLK input. Although
supported, this feature has been superseded by AutoSync.
4
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: ADC12D1600QML


Similar Part No. - ADC12D1600CCMPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12D1600CIUT TI-ADC12D1600CIUT Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
ADC12D1600CIUT TI-ADC12D1600CIUT Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
ADC12D1600CIUT TI1-ADC12D1600CIUT Datasheet
3Mb / 86P
[Old version datasheet]   GSPS Ultra High-Speed ADC
ADC12D1600CIUT/NOPB TI1-ADC12D1600CIUT/NOPB Datasheet
3Mb / 86P
[Old version datasheet]   GSPS Ultra High-Speed ADC
More results

Similar Description - ADC12D1600CCMPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12D1620QML-SP TI1-ADC12D1620QML-SP Datasheet
3Mb / 82P
[Old version datasheet]   12-Bit, Single Or Dual, 3200- or 1600-MSPS RF Sampling Analog-to-Digital Converter (ADC)
ADC12D1620QML-SP TI-ADC12D1620QML-SP_V01 Datasheet
3Mb / 83P
[Old version datasheet]   ADC12D1620QML-SP 12-Bit, Single Or Dual, 3200- or 1600-MSPS RF Sampling Analog-to-Digital Converter (ADC)
logo
Analog Devices
AD9433 AD-AD9433_15 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9433BSQZ-125 AD-AD9433BSQZ-125 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9433BSVZ-125 AD-AD9433BSVZ-125 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
logo
NXP Semiconductors
ADC1213D NXP-ADC1213D Datasheet
295Kb / 41P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps
Rev. 05-23 April 2010
logo
Analog Devices
AD7262 AD-AD7262_17 Datasheet
881Kb / 33P
   1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC
logo
Texas Instruments
ADC12D1800RFIUT TI-ADC12D1800RFIUT Datasheet
1Mb / 78P
[Old version datasheet]   ADC12D1800RF 12-Bit, Single 3.6 GSPS RF Sampling ADC
ADC12D1800RF TI1-ADC12D1800RF Datasheet
2Mb / 68P
[Old version datasheet]   ADC12D1800RF 12-Bit, Single 3.6 GSPS RF Sampling ADC
logo
Analog Devices
AD7356 AD-AD7356_08 Datasheet
531Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com