Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX532AEWE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX532AEWE
Description  Dual, Serial-Input, Voltage-Output, 12-Bit MDAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX532AEWE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX532AEWE Datasheet HTML 1Page - Maxim Integrated Products MAX532AEWE Datasheet HTML 2Page - Maxim Integrated Products MAX532AEWE Datasheet HTML 3Page - Maxim Integrated Products MAX532AEWE Datasheet HTML 4Page - Maxim Integrated Products MAX532AEWE Datasheet HTML 5Page - Maxim Integrated Products MAX532AEWE Datasheet HTML 6Page - Maxim Integrated Products MAX532AEWE Datasheet HTML 7Page - Maxim Integrated Products MAX532AEWE Datasheet HTML 8Page - Maxim Integrated Products MAX532AEWE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Dual, Serial-Input,
Voltage-Output, 12-Bit MDAC
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 11.4V to 16.5V, VSS = -11.4V to -16.5V, AGNDA = AGNDB = DGND = 0V, VREFA and VREFB = +10V, RL = 2kΩ, CL = 100pF,
VOUT_ connected to RFB_, TA = TMIN to TMAX, unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SYMBOL
VINL
VOL
Input Low Voltage
0.8
V
ISINK = 5mA
0.08
0.4
Output Voltage Low
ISINK = 16mA
0.2
V
VINH
Input High Voltage
2.4
V
Input Current
Digital inputs at 0V or VDD
±1
µA
8
pF
Input Capacitance (Note 2)
ILKG
Output High Leakage
VDOUT = 0V to VDD
±10
µA
COUT
15
pF
DC Output Impedance
0.2
Short-Circuit Current
VOUTA, VOUTB connected to AGNDA, AGNDB
20
mA
Output Voltage Swing
V
VDD
Positive Supply Voltage
11.4
16.5
V
VSS
Negative Supply Voltage
-11.4
-16.5
V
±0.035
PSR
Power-Supply Rejection
±0.035
LSB/%
IDD
Positive Supply Current
Output unloaded
510
mA
ISS
Negative Supply Current
Output unloaded
46
mA
Settling time to within 1/2 LSB of final DAC value; DAC
latch alternately loaded with all 0s and all 1s
2.5
µs
Slew Rate
8
V/µs
DAC latch alternately loaded with 011...11 and 100...00
60
nV-s
Output High Capacitance
(Note 2)
∆Full scale/∆VDD, VDD = 11.4V to 16.5V, VREF = -8.9V,
DAC latches loaded with all 1s
∆Full scale/∆VSS, VSS = -11.4V to -16.5V, VREF = 8.9V,
DAC latches loaded with all 1s
VREFA to VOUTB
-100
Channel-to-Channel
Isolation
VREFB to VOUTA
-100
dB
Voltage-Output
Settling Time
Digital-to-Analog
Glitch Impulse
VREFA = 20Vp-p 10kHz
sine wave; DAC latches
loaded with all 0s
VREFB = 20Vp-p 10kHz
sine wave; DAC latches
loaded with all 0s
(VDD - 2.5)
to
(VSS + 2.5)
DIGITAL INPUTS (SCLK, DIN,
LDAC, CS)
DIGITAL OUTPUT (DOUT) (Note 3)
ANALOG OUTPUTS (VOUTA, VOUTB)
POWER REQUIREMENTS
AC CHARACTERISTICS


Similar Part No. - MAX532AEWE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5322 MAXIM-MAX5322 Datasheet
692Kb / 18P
   짹10V, Dual, 12-Bit, Serial, Voltage-Output DAC
Rev 2; 10/05
MAX5322EAI MAXIM-MAX5322EAI Datasheet
692Kb / 18P
   짹10V, Dual, 12-Bit, Serial, Voltage-Output DAC
Rev 2; 10/05
More results

Similar Description - MAX532AEWE

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2618 WOLFSON-WM2618 Datasheet
125Kb / 10P
   Dual 12-Bit Serial Input Voltage Output DAC
WM2616 WOLFSON-WM2616 Datasheet
132Kb / 9P
   12-bit Serial Input Voltage Output DAC
logo
Texas Instruments
DAC7614 TI1-DAC7614_09 Datasheet
503Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output
DAC7615 TI1-DAC7615_09 Datasheet
505Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output
logo
Analog Devices
AD5512A AD-AD5512A Datasheet
503Kb / 21P
   Serial-Input Voltage-Output, 12-/16-Bit DAC
logo
Wolfson Microelectronic...
WM2614 WOLFSON-WM2614 Datasheet
155Kb / 10P
   Quad 12-bit Serial Input Voltage Output DAC
logo
Analog Devices
AD5530 AD-AD5530 Datasheet
407Kb / 16P
   Serial Input, Voltage Output 12-/14-Bit DACs
REV. 0
logo
Wolfson Microelectronic...
WM2638 WOLFSON-WM2638 Datasheet
360Kb / 11P
   Dual 12-Bit Serial Input Voltage Output DAC with Internal reference
logo
Maxim Integrated Produc...
MAX5322 MAXIM-MAX5322 Datasheet
692Kb / 18P
   짹10V, Dual, 12-Bit, Serial, Voltage-Output DAC
Rev 2; 10/05
logo
Sipex Corporation
HS3120 SIPEX-HS3120 Datasheet
248Kb / 4P
   Double Buffered 12-Bit MDAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com