Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC430F5147IRGZR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CC430F5147IRGZR
Description  MSP430 SoC With RF Core
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC430F5147IRGZR Datasheet(HTML) 3 Page - Texas Instruments

  CC430F5147IRGZR Datasheet HTML 1Page - Texas Instruments CC430F5147IRGZR Datasheet HTML 2Page - Texas Instruments CC430F5147IRGZR Datasheet HTML 3Page - Texas Instruments CC430F5147IRGZR Datasheet HTML 4Page - Texas Instruments CC430F5147IRGZR Datasheet HTML 5Page - Texas Instruments CC430F5147IRGZR Datasheet HTML 6Page - Texas Instruments CC430F5147IRGZR Datasheet HTML 7Page - Texas Instruments CC430F5147IRGZR Datasheet HTML 8Page - Texas Instruments CC430F5147IRGZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 118 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
CC430F614x
CC430F514x
CC430F512x
www.ti.com
SLAS555A – NOVEMBER 2012 – REVISED FEBRUARY 2013
Table 2. Ordering Information(1)
PACKAGED DEVICES(2)
TA
PLASTIC 64-PIN QFN (RGC)
PLASTIC 48-PIN QFN (RGZ)
CC430F6147IRGC
CC430F5147IRGZ
CC430F6145IRGC
CC430F5145IRGZ
-40°C to 85°C
CC430F6143IRGC
CC430F5143IRGZ
CC430F5125IRGZ
CC430F5123IRGZ
(1)
For the most current package and ordering information, see the Package Option Addendum at the end
of this document, or see the TI web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3


Similar Part No. - CC430F5147IRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC430F5147IRGZR TI1-CC430F5147IRGZR Datasheet
1Mb / 116P
[Old version datasheet]   MSP430 SoC With RF Core
More results

Similar Description - CC430F5147IRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC430F5143 TI-CC430F5143_15 Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F5123 TI1-CC430F5123 Datasheet
1Mb / 116P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F6137 TI1-CC430F6137_14 Datasheet
2Mb / 120P
[Old version datasheet]   MSP430??SoC With RF Core
CC430F5125 TI-CC430F5125 Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F5147 TI-CC430F5147_15 Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F613X TI-CC430F613X Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC with RF Core
CC430F613 TI1-CC430F613 Datasheet
1Mb / 120P
[Old version datasheet]   MSP430 SoC with RF Core
FET430F6137RF900 TI-FET430F6137RF900 Datasheet
1Mb / 120P
[Old version datasheet]   MSP430??SoC with RF Core
CC430F613X TI-CC430F613X_12 Datasheet
1Mb / 121P
[Old version datasheet]   MSP430??SoC with RF Core
CC430F5133 TI1-CC430F5133 Datasheet
1Mb / 121P
[Old version datasheet]   MSP430??SoC with RF Core
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com