Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX536AEPE Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX536AEPE
Description  Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX536AEPE Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX536AEPE Datasheet HTML 6Page - Maxim Integrated Products MAX536AEPE Datasheet HTML 7Page - Maxim Integrated Products MAX536AEPE Datasheet HTML 8Page - Maxim Integrated Products MAX536AEPE Datasheet HTML 9Page - Maxim Integrated Products MAX536AEPE Datasheet HTML 10Page - Maxim Integrated Products MAX536AEPE Datasheet HTML 11Page - Maxim Integrated Products MAX536AEPE Datasheet HTML 12Page - Maxim Integrated Products MAX536AEPE Datasheet HTML 13Page - Maxim Integrated Products MAX536AEPE Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
INPUT CODE = ALL 0s
MAX537
REFERENCE FEEDTHROUGH AT 400Hz
500
µs/div
REFAB,
1V/div
0V
OUTA,
AC-COUPLED,
100
µV/div
INPUT CODE = ALL 0s
MAX537
REFERENCE FEEDTHROUGH AT 4kHz
50
µs/div
REFAB,
1V/div
0V
OUTA,
AC-COUPLED,
100
µV/div
Calibrated, Quad, 12-Bit
Voltage-Output DACs with Serial Interface
10
______________________________________________________________________________________
____________________________Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
-2.0
0
VREF (V)
1
2
4
5
-0.5
0.5
1.0
2.0
MAX537
INTEGRAL NONLINEARITY
ERROR vs. REFERENCE VOLTAGE
-1.5
-1.0
0
1.5
3
VDD = +5V
VSS = -5V
1k
10k
100k
MAX537
REFERENCE VOLTAGE INPUT
FREQUENCY RESPONSE
FREQUENCY (Hz)
1M
10M
-50
-40
-30
-20
-10
10
20
0
REFAB SWEPT 2Vp-p
VOUTA MONITORED
10
100
200
MAX537
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. FREQUENCY
FREQUENCY (kHz)
0.200
0.175
0.150
0.125
0.100
0.075
0.050
0.025
0
REFAB = 2.5Vp-p
RL = 10kΩ, CL = 100pF
RL = NO LOAD, CL = 0pF
MAX537
10
100
200
MAX537
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. FREQUENCY
FREQUENCY (kHz)
0.200
0.175
0.150
0.125
0.100
0.075
0.050
0.025
0
REFAB = 1Vp-p
RL = 10kΩ, CL = 100pF
RL = NO LOAD, CL = 0pF
-4
-3
0.1
10
1000
MAX537
FULL-SCALE ERROR vs. LOAD
-2
LOAD (k
Ω)
-1
0
1
1
100
2
MAX537
SUPPLY CURRENT vs. TEMPERATURE
-5
-60
TEMPERATURE (°C)
-3
-1
1
3
5
-20
20
60
100
140
VDD = +5V
VSS = -5V
ISS
IDD


Similar Part No. - MAX536AEPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX536AEPE MAXIM-MAX536AEPE Datasheet
2Mb / 24P
   Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 3; 3/11
More results

Similar Description - MAX536AEPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX536 MAXIM-MAX536_11 Datasheet
2Mb / 24P
   Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 3; 3/11
MAX5500 MAXIM-MAX5500 Datasheet
219Kb / 14P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 11/08
MAX5500 MAXIM-MAX5500_09 Datasheet
289Kb / 15P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 4/09
MAX5352 MAXIM-MAX5352 Datasheet
197Kb / 16P
   Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 2/97
logo
IC MICROSYSTEMS
ICM7377B ICMIC-ICM7377B Datasheet
133Kb / 11P
   Quad 12/10/8-Bit Voltage Output DACs with Serial Interface and Adjustable Output Gain
ICM7563 ICMIC-ICM7563 Datasheet
192Kb / 11P
   12/10/8-Bit Low Power Quad DACs With Serial Interface and Voltage Output
logo
Maxim Integrated Produc...
MAX5154 MAXIM-MAX5154 Datasheet
184Kb / 16P
   Low-Power, Dual, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/97
MAX5253 MAXIM-MAX5253 Datasheet
135Kb / 16P
   3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 9/96
MAX5253 MAXIM-MAX5253_V01 Datasheet
695Kb / 16P
   3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
2002
MAX5174 MAXIM-MAX5174 Datasheet
255Kb / 16P
   Low-Power, Serial, 12-Bit DACs with Voltage Output
Rev 0; 4/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com