Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5353BEUA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5353BEUA
Description  Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5353BEUA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5353BEUA Datasheet HTML 1Page - Maxim Integrated Products MAX5353BEUA Datasheet HTML 2Page - Maxim Integrated Products MAX5353BEUA Datasheet HTML 3Page - Maxim Integrated Products MAX5353BEUA Datasheet HTML 4Page - Maxim Integrated Products MAX5353BEUA Datasheet HTML 5Page - Maxim Integrated Products MAX5353BEUA Datasheet HTML 6Page - Maxim Integrated Products MAX5353BEUA Datasheet HTML 7Page - Maxim Integrated Products MAX5353BEUA Datasheet HTML 8Page - Maxim Integrated Products MAX5353BEUA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
__________________General Description
The MAX5352/MAX5353 combine a low-power, voltage-
output, 12-bit digital-to-analog converter (DAC) and a
precision output amplifier in an 8-pin µMAX or DIP pack-
age. The MAX5352 operates from a single +5V supply,
and the MAX5353 operates from a single +3.3V supply.
Both devices draw less than 280µA of supply current.
The output amplifier’s inverting input is available to the
user, allowing specific gain configurations, remote
sensing, and high output current capability. This makes
the MAX5352/MAX5353 ideal for a wide range of appli-
cations, including industrial process control. Other fea-
tures include a software shutdown and power-on reset.
The serial interface is compatible with SPI™/QSPI™
and Microwire™. The DAC has a double-buffered input,
organized as an input register followed by a DAC regis-
ter. A 16-bit serial word loads data into the input regis-
ter. The DAC register can be updated independently or
simultaneously with the input register. All logic inputs
are TTL/CMOS-logic compatible and buffered with
Schmitt triggers to allow direct interfacing to opto-
couplers.
________________________Applications
Industrial Process Controls
Automatic Test Equipment
Digital Offset and Gain Adjustment
Motion Control
Remote Industrial Controls
Microprocessor-Controlled Systems
______________________________Features
o 12-Bit DAC with Configurable Output Amplifier
o +5V Single-Supply Operation (MAX5352)
+3.3V Single-Supply Operation (MAX5353)
o Low Supply Current: 0.28mA Normal Operation
2µA Shutdown Mode
o Available in 8-Pin µMAX
o Power-On Reset Clears DAC Output to Zero
o SPI/QSPI and Microwire Compatible
o Schmitt-Trigger Digital Inputs for Direct
Optocoupler Interface
o +3.3V MAX5353 Directly Interfaces with +5V Logic
Low-Power, 12-Bit Voltage-Output DACs
with Serial Interface
________________________________________________________________
Maxim Integrated Products
1
MAX5352
MAX5353
OUT
FB
CS
DIN
SCLK
DAC
REF
DAC
REGISTER
INPUT
REGISTER
CONTROL
VDD
GND
16-BIT
SHIFT
REGISTER
____________________Functional Diagram
REF
DIN
FB
SCLK
1
2
8
7
VDD
GND
CS
OUT
MAX5352
MAX5353
DIP/
µMAX
TOP VIEW
3
4
6
5
_______________________Pin Configuration
19-1196; Rev 0; 2/97
PART*
MAX5352ACPA
MAX5352BCPA
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
8 Plastic DIP
8 Plastic DIP
_________________Ordering Information
Ordering Information continued at end of data sheet.
*
Contact factory for availability of 8-pin SO package.
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800
INL
(LSB)
±1/2
±1
SPI and QSPI are registered trademarks of Motorola, Inc. Microwire is a registered trademark of National Semiconductor Corp.
MAX5352ACUA
MAX5352BCUA
0°C to +70°C
0°C to +70°C
8 µMAX
8 µMAX
±1/2
±1


Similar Part No. - MAX5353BEUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX535 MAXIM-MAX535 Datasheet
144Kb / 16P
   Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/96
MAX5351ACPA MAXIM-MAX5351ACPA Datasheet
144Kb / 16P
   Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/96
MAX5351ACUA MAXIM-MAX5351ACUA Datasheet
144Kb / 16P
   Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/96
MAX5351AEPA MAXIM-MAX5351AEPA Datasheet
144Kb / 16P
   Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/96
MAX5351AEUA MAXIM-MAX5351AEUA Datasheet
144Kb / 16P
   Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/96
More results

Similar Description - MAX5353BEUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5154 MAXIM-MAX5154 Datasheet
184Kb / 16P
   Low-Power, Dual, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/97
MAX5500 MAXIM-MAX5500 Datasheet
219Kb / 14P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 11/08
MAX5500 MAXIM-MAX5500_09 Datasheet
289Kb / 15P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 4/09
MAX5174 MAXIM-MAX5174 Datasheet
255Kb / 16P
   Low-Power, Serial, 12-Bit DACs with Voltage Output
Rev 0; 4/99
MAX535 MAXIM-MAX535 Datasheet
144Kb / 16P
   Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/96
MAX536 MAXIM-MAX536_11 Datasheet
2Mb / 24P
   Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 3; 3/11
MAX536 MAXIM-MAX536 Datasheet
361Kb / 24P
   Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 2a; 1/97
MAX5150 MAXIM-MAX5150 Datasheet
188Kb / 16P
   Low-Power, Dual, 13-Bit Voltage-Output DACs with Serial Interface
Rev 0; 8/97
logo
IC MICROSYSTEMS
ICM7563 ICMIC-ICM7563 Datasheet
192Kb / 11P
   12/10/8-Bit Low Power Quad DACs With Serial Interface and Voltage Output
logo
Maxim Integrated Produc...
MAX5158 MAXIM-MAX5158 Datasheet
181Kb / 16P
   Low-Power, Dual, 10-Bit, Voltage-Output DACs with Serial Interface
Rev 1; 12/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com