Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC2640F128RGZR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CC2640F128RGZR
Description  CC2640 SimpleLink Bluetooth Smart Wireless MCU
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2640F128RGZR Datasheet(HTML) 6 Page - Texas Instruments

Back Button CC2640F128RGZR Datasheet HTML 2Page - Texas Instruments CC2640F128RGZR Datasheet HTML 3Page - Texas Instruments CC2640F128RGZR Datasheet HTML 4Page - Texas Instruments CC2640F128RGZR Datasheet HTML 5Page - Texas Instruments CC2640F128RGZR Datasheet HTML 6Page - Texas Instruments CC2640F128RGZR Datasheet HTML 7Page - Texas Instruments CC2640F128RGZR Datasheet HTML 8Page - Texas Instruments CC2640F128RGZR Datasheet HTML 9Page - Texas Instruments CC2640F128RGZR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
CC2640
SWRS176 – FEBRUARY 2015
www.ti.com
2
Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
DATE
REVISION
NOTES
February 2015
*
Initial Release
6
Revision History
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC2640


Similar Part No. - CC2640F128RGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2640R2F TI1-CC2640R2F Datasheet
1Mb / 64P
[Old version datasheet]   SimpleLink Bluetooth low energy Wireless MCU
CC2640R2F TI1-CC2640R2F Datasheet
1Mb / 40P
[Old version datasheet]   SimpleLink Bluetooth low energy Wireless MCU for Automotive
CC2640R2F TI-CC2640R2F Datasheet
3Mb / 63P
[Old version datasheet]   CC2651P3 SimpleLink??Single-Protocol 2.4 GHz Wireless MCU With Integrated Power Amplifier
MARCH 2022
CC2640R2F TI-CC2640R2F Datasheet
2Mb / 72P
[Old version datasheet]   CC2652PSIP SimpleLink??Multiprotocol 2.4-GHz Wireless System-in-Package With Integrated Power Amplifier
JUNE 2022
CC2640R2F TI-CC2640R2F Datasheet
1Mb / 54P
[Old version datasheet]   CC2642R-Q1 SimpleLink™ Bluetooth® 5.2 Low Energy Wireless MCU
REVISED JUNE 2022
More results

Similar Description - CC2640F128RGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2640R2F TI1-CC2640R2F Datasheet
1Mb / 64P
[Old version datasheet]   SimpleLink Bluetooth low energy Wireless MCU
CC2642R TI1-CC2642R Datasheet
1,016Kb / 45P
[Old version datasheet]   SimpleLink Bluetooth 5 low energy Wireless MCU
CC2640R2F-Q1 TI1-CC2640R2F-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   SimpleLink Bluetooth low energy Wireless MCU for Automotive
CC2541-Q1 TI1-CC2541-Q1 Datasheet
987Kb / 35P
[Old version datasheet]   SimpleLink Bluetooth Low Energy Wireless MCU for Automotive
CC2540T TI-CC2540T_15 Datasheet
1,014Kb / 37P
[Old version datasheet]   SimpleLink CC2540T 2.4-GHz Bluetooth Low Energy Wireless MCU
CC2540T TI1-CC2540T Datasheet
1,023Kb / 37P
[Old version datasheet]   Extended Industrial Temperature Bluetooth Smart Wireless MCU
CC2541-Q1 TI-CC2541-Q1_15 Datasheet
984Kb / 35P
[Old version datasheet]   CC2541-Q1 SimpleLink Bluetooth Low Energy Wireless MCU for Automotive
CC2340R5 TI-CC2340R5 Datasheet
2Mb / 64P
[Old version datasheet]   CC2340R5 SimpleLink™ Bluetooth ® 5.3 Low Energy Wireless MCU
REVISED MAY 2023
CC2642R-Q1 TI-CC2642R-Q1_V01 Datasheet
1Mb / 54P
[Old version datasheet]   CC2642R-Q1 SimpleLink™ Bluetooth® 5.2 Low Energy Wireless MCU
REVISED JUNE 2022
CC2620 TI1-CC2620 Datasheet
1Mb / 52P
[Old version datasheet]   SimpleLink ZigBee RF4CE Wireless MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com