Electronic Components Datasheet Search |
|
MAX536AEWE Datasheet(PDF) 6 Page - Maxim Integrated Products |
|
MAX536AEWE Datasheet(HTML) 6 Page - Maxim Integrated Products |
6 / 24 page MAX537_M Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface 6 _______________________________________________________________________________________ PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS Output High Voltage VOH SDO sourcing 2mA VDD – 0.5 VDD – 0.25 V Output Low Voltage VOL SDO sinking 2mA 0.13 0.40 V Voltage-Output Slew Rate 5 V/ µs Output Settling Time To ±1⁄2LSB of full scale 5 µs Digital Feedthrough 5 nV-s Digital Crosstalk (Note 3) 5 nV-s Positive Supply Range VDD 4.5 5.5 V Negative Supply Range VSS -4.5 -5.5 V Positive Supply Current (Note 4) IDD TA = +25°C 5.5 12 mA TA = TMIN to TMAX 16 Negative Supply Current (Note 4) ISS TA = +25°C -4.7 -10 mA TA = TMIN to TMAX -14 tPOR 50 µs SCK Clock Period tCP 100 ns SCK Pulse Width High tCH MAX537_C/E 35 ns MAX537_M 40 SCK Pulse Width Low tCL MAX537_C/E 35 ns MAX537_M 40 CS Fall to SCK Rise Setup Time tCSS MAX537_C/E 40 ns 50 tCSH 0 ns tDS MAX537_C/E 40 24 SDI Hold Time tDH 0 ns SCK Rise to SDO Valid Propagation Delay (Note 6) tDO1 CLOAD = 50pF MAX537_C/E 116 200 ns MAX537_M 230 SCK Fall to SDO Valid Propagation Delay (Note 7) tDO2 CLOAD = 50pF MAX537_C/E 123 210 ns MAX537_M 250 Internal Power-On Reset Pulse Width (Note 2) SCK Rise to CS Rise Hold Time POWER SUPPLIES DIGITAL OUTPUT (SDO) DYNAMIC PERFORMANCE (RL = 5kΩ, CL = 100pF) TIMING CHARACTERISTICS (Note 5) ELECTRICAL CHARACTERISTICS—MAX537 (continued) (VDD = +5V, VSS = -5V, REFAB/REFCD = 2.5V, AGND = DGND = 0V, RL = 5kΩ, CL = 100pF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) SDI Setup Time MAX537_M 50 ns |
Similar Part No. - MAX536AEWE |
|
Similar Description - MAX536AEWE |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |