Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5401EKA-T Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5401EKA-T
Description  256-Tap SOT-PoT, Low-Drift Digital Potentiometers in SOT23
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5401EKA-T Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5401EKA-T Datasheet HTML 1Page - Maxim Integrated Products MAX5401EKA-T Datasheet HTML 2Page - Maxim Integrated Products MAX5401EKA-T Datasheet HTML 3Page - Maxim Integrated Products MAX5401EKA-T Datasheet HTML 4Page - Maxim Integrated Products MAX5401EKA-T Datasheet HTML 5Page - Maxim Integrated Products MAX5401EKA-T Datasheet HTML 6Page - Maxim Integrated Products MAX5401EKA-T Datasheet HTML 7Page - Maxim Integrated Products MAX5401EKA-T Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
0
0.4
0.2
0.8
0.6
1.0
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
-40
-20
020
40
60
80
-30
-10
10
30
70
50
VDD = +3V
VDD = +5V
256-Tap SOT-PoT,
Low-Drift Digital Potentiometers in SOT23
4
_______________________________________________________________________________________
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
0
200
100
400
300
600
500
02
13
4
5
WIPER RESISTANCE vs. VOLTAGE
WIPER VOLTAGE (V)
VDD = +3V
VDD = +5V
-0.11
-0.05
-0.07
-0.09
-0.03
-0.01
0.03
0.01
0.05
-40 -30 -20 -10 0 10 20 30 40 50 60 70 80
END-TO-END RESISTANCE % CHANGE
vs. TEMPERATURE
TEMPERATURE (°C)
100k
50k
0
20
10
40
30
60
50
70
90
80
100
064
96
32
128 160 192 224 256
W-to-L RESISTANCE vs. INPUT CODE
(100k
Ω)
INPUT CODE-DECIMAL
VDD = 2.7V
to 5.5V
0
10
5
20
15
30
25
35
45
40
50
064
96
32
128 160 192 224 256
W-to-L RESISTANCE vs. INPUT CODE
(50k
Ω)
INPUT CODE-DECIMAL
VDD = 2.7V
to 5.5V
-0.020
-0.010
-0.015
-0.005
0
0.005
0.015
0.010
0.020
064
96
32
128 160 192 224 256
VARIABLE RESISTOR DNL
vs. INPUT CODE (50k
Ω)
INPUT CODE-DECIMAL
-0.20
-0.15
-0.05
-0.10
0.05
0
0.10
0.15
0.20
064
96
32
128 160 192 224 256
VARIABLE RESISTOR INL vs. INPUT CODE
(50k
Ω)
INPUT CODE-DECIMAL
-1.020
-0.010
-0.015
-0.005
0.005
0
0.010
0.015
0.020
064
96
32
128 160 192 224 256
VARIABLE RESISTOR DNL
vs. INPUT CODE (100k
Ω)
INPUT CODE-DECIMAL
-0.20
-0.10
-0.15
-0.05
0.05
0
0.15
0.10
0.20
064
96
32
128 160 192 224 256
VARIABLE RESISTOR INL
vs. INPUT CODE (100k
Ω)
INPUT CODE-DECIMAL


Similar Part No. - MAX5401EKA-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5401EKA-T MAXIM-MAX5401EKA-T Datasheet
252Kb / 8P
   Low-Drift Digital Potentiometers in SOT23
Rev 0; 10/00
More results

Similar Description - MAX5401EKA-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5402 MAXIM-MAX5402 Datasheet
208Kb / 9P
   256-Tap, 關PoT, Low-Drift, Digital Potentiometer
Rev 0; 1/01
MAX5401EKA MAXIM-MAX5401EKA Datasheet
252Kb / 8P
   Low-Drift Digital Potentiometers in SOT23
Rev 0; 10/00
MAX5403 MAXIM-MAX5403_V01 Datasheet
442Kb / 10P
   Dual 256-Tap, Low-Drift, Digital Potentiometers in 10-關MAX
2005
MAX5413 MAXIM-MAX5413 Datasheet
532Kb / 11P
   Dual, 256-Tap, Low-Drift, Digital Potentiometers in 14-Pin TSSOP
Rev 0; 1/01
MAX5403 MAXIM-MAX5403 Datasheet
561Kb / 10P
   Dual 256-Tap, Low-Drift, Digital Potentiometers in 10-關MAX
Rev 1; 4/01
MAX5436 MAXIM-MAX5436 Datasheet
795Kb / 11P
   짹15V, 128-Tap, Low-Drift Digital Potentiometers
Rev 3; 9/04
MAX5471 MAXIM-MAX5471_06 Datasheet
297Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers in SOT23
19-3067; Rev 1; 2/06
logo
ON Semiconductor
CAT5140 ONSEMI-CAT5140_13 Datasheet
172Kb / 10P
   Single Channel 256 Tap Digital Potentiometer (POT)
July, 2013 ??Rev. 4
logo
Maxim Integrated Produc...
MAX5417LETA-T MAXIM-MAX5417LETA-T Datasheet
296Kb / 14P
   256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 4/10
MAX5422 MAXIM-MAX5422 Datasheet
611Kb / 11P
   256-Tap, Nonvolatile, SPI-Interface, Digital Potentiometers
Rev 0; 7/04
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com