Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5351ACPA Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX5351ACPA
Description  Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5351ACPA Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX5351ACPA Datasheet HTML 6Page - Maxim Integrated Products MAX5351ACPA Datasheet HTML 7Page - Maxim Integrated Products MAX5351ACPA Datasheet HTML 8Page - Maxim Integrated Products MAX5351ACPA Datasheet HTML 9Page - Maxim Integrated Products MAX5351ACPA Datasheet HTML 10Page - Maxim Integrated Products MAX5351ACPA Datasheet HTML 11Page - Maxim Integrated Products MAX5351ACPA Datasheet HTML 12Page - Maxim Integrated Products MAX5351ACPA Datasheet HTML 13Page - Maxim Integrated Products MAX5351ACPA Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Low-Power, 13-Bit Voltage-Output DACs
with Serial Interface
10
______________________________________________________________________________________
Shutdown Mode
The MAX535/MAX5351 feature a software-programmable
shutdown that reduces supply current to a typical value
of 4µA. Writing 111XXXXXXXXXXXXX as the input-control
word puts the MAX535/MAX5351 in shutdown mode
(Table 1).
In shutdown mode, the MAX535/MAX5351 output ampli-
fier and the reference input enter a high-impedance
state. The serial interface remains active. Data in the
input registers is retained in shutdown, allowing the
MAX535/MAX5351 to recall the output state prior to
entering shutdown. Exit shutdown mode by either recall-
ing the previous configuration or by updating the DAC
with new data. When powering up the device or bringing
it out of shutdown, allow 20µs for the output to stabilize.
Serial-Interface Configurations
The MAX535/MAX5351’s 3-wire serial interface is com-
patible with both Microwire™ (Figure 2) and
SPI™/QSPI™ (Figure 3). The serial input word consists
of three control bits followed by 13 data bits (MSB first),
as shown in Figure 4. The 3-bit control code determines
the MAX535/MAX5351’s response outlined in Table 1.
The MAX535/MAX5351’s digital inputs are double
buffered. Depending on the command issued through
the serial interface, the input register can be loaded
without affecting the DAC register, the DAC register
can be loaded directly, or the DAC register can be
updated from the input register (Table 1).
Serial-Interface Description
The MAX535/MAX5351 require 16 bits of serial data.
Table 1 lists the serial-interface programming com-
mands. For certain commands, the 13 data bits are
“don’t cares.” Data is sent MSB first and can be sent in
two 8-bit packets or one 16-bit word (
CS must remain
low until 16 bits are transferred). The serial data is com-
posed of three control bits (C2, C1, C0), followed by the
13 data bits D12...D0 (Figure 4). The 3-bit control code
determines:
• The register to be updated
• The configuration when exiting shutdown
Figure 5 shows the serial-interface timing requirements.
The chip-select pin (
CS) must be low to enable the DAC’s
serial interface. When
CS is high, the interface control cir-
cuitry is disabled.
CS must go low at least tCSS before the
rising serial clock (SCLK) edge to properly clock in the
first bit. When
CS is low, data is clocked into the internal
shift register via the serial-data input pin (DIN) on SCLK’s
rising edge. The maximum guaranteed clock frequency is
10MHz. Data is latched into the MAX535/MAX5351
input/DAC register on
CS’s rising edge.
SCLK
DIN
CS
SK
SO
I/O
MAX535
MAX5351
MICROWIRE
PORT
Figure 2. Connections for Microwire
DIN
SCLK
CS
MOSI
SCK
I/O
SPI/QSPI
PORT
SS
+5V
CPOL = 0,CPHA = 0
MAX535
MAX5351
Figure 3. Connections for SPI/QSPI
Figure 4. Serial-Data Format
3 Control
Bits
13 Data Bits
D12................................................D0
C2
C1
C0
Data Bits
MSB.............................................LSB
Control
Bits
16 Bits of Serial Data
MSB ..................................................................................LSB


Similar Part No. - MAX5351ACPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5352 MAXIM-MAX5352 Datasheet
197Kb / 16P
   Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 2/97
MAX5352ACPA MAXIM-MAX5352ACPA Datasheet
197Kb / 16P
   Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 2/97
MAX5352ACUA MAXIM-MAX5352ACUA Datasheet
197Kb / 16P
   Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 2/97
MAX5352AEPA MAXIM-MAX5352AEPA Datasheet
197Kb / 16P
   Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 2/97
MAX5352AEUA MAXIM-MAX5352AEUA Datasheet
197Kb / 16P
   Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 2/97
More results

Similar Description - MAX5351ACPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5150 MAXIM-MAX5150 Datasheet
188Kb / 16P
   Low-Power, Dual, 13-Bit Voltage-Output DACs with Serial Interface
Rev 0; 8/97
MAX5352 MAXIM-MAX5352 Datasheet
197Kb / 16P
   Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 2/97
MAX5154 MAXIM-MAX5154 Datasheet
184Kb / 16P
   Low-Power, Dual, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/97
MAX5500 MAXIM-MAX5500 Datasheet
219Kb / 14P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 11/08
MAX5500 MAXIM-MAX5500_09 Datasheet
289Kb / 15P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 4/09
MAX5158 MAXIM-MAX5158 Datasheet
181Kb / 16P
   Low-Power, Dual, 10-Bit, Voltage-Output DACs with Serial Interface
Rev 1; 12/97
MAX5170 MAXIM-MAX5170 Datasheet
241Kb / 16P
   Low-Power, Serial, 14-Bit DACs with Voltage Output
Rev 0; 4/99
MAX5174 MAXIM-MAX5174 Datasheet
255Kb / 16P
   Low-Power, Serial, 12-Bit DACs with Voltage Output
Rev 0; 4/99
MAX512 MAXIM-MAX512 Datasheet
179Kb / 16P
   Low-Cost, Triple, 8-Bit Voltage-Output DACs with Serial Interface
Rev 2; 5/96
MAX536 MAXIM-MAX536_11 Datasheet
2Mb / 24P
   Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 3; 3/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com