Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX536AMDE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX536AMDE
Description  Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX536AMDE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX536AMDE Datasheet HTML 1Page - Maxim Integrated Products MAX536AMDE Datasheet HTML 2Page - Maxim Integrated Products MAX536AMDE Datasheet HTML 3Page - Maxim Integrated Products MAX536AMDE Datasheet HTML 4Page - Maxim Integrated Products MAX536AMDE Datasheet HTML 5Page - Maxim Integrated Products MAX536AMDE Datasheet HTML 6Page - Maxim Integrated Products MAX536AMDE Datasheet HTML 7Page - Maxim Integrated Products MAX536AMDE Datasheet HTML 8Page - Maxim Integrated Products MAX536AMDE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Calibrated, Quad, 12-Bit
Voltage-Output DACs with Serial Interface
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—MAX536 (continued)
(VDD = +15V, VSS = -5V, REFAB/REFCD = 10V, AGND = DGND = 0V, RL = 5kΩ, CL = 100pF, TA = TMIN to TMAX, unless
otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
tPOR
20
µs
SCK Clock Period
tCP
100
ns
SCK Pulse Width High
tCH
30
ns
SCK Pulse Width Low
tCL
30
ns
tCSS
20
ns
tCSH
10
ns
SDI Setup Time
tDS
40
26
ns
SDI Hold Time
tDH
0
ns
tDO1
1k
Ω pull-up on SDO
to VDD, CLOAD = 50pF
SDO high
78
105
ns
SDO low
50
80
SCK Fall to SDO Valid
Propagation Delay (Note 7)
tDO2
1k
Ω pull-up on SDO
to VDD, CLOAD = 50pF
SDO high
81
110
ns
SDO low
53
85
tDV
27
45
ns
tTR
40
60
ns
SCK Rise to CS Fall Delay
tCS0
Continuous SCK, SCK edge ignored
20
ns
tCS1
SCK edge ignored
20
ns
LDAC Pulse Width Low
tLDAC
30
ns
CS Pulse Width High
tCSW
40
ns
Internal Power-On Reset
Pulse Width (Note 2)
CS Fall to SCK Rise
Setup Time
SCK Rise to CS Rise
Hold Time
SCK Rise to SDO Valid
Propagation Delay (Note 6)
CS Fall to SDO Enable
(Note 8)
CS Rise to SDO Disable
(Note 9)
CS Rise to SCK Rise
Hold Time
Note 1: TUE is specified with no resistive load.
Note 2: Guaranteed by design.
Note 3: Crosstalk is defined as the glitch energy at any DAC output in response to a full-scale step change on any other DAC.
Note 4: Digital inputs at 2.4V; with digital inputs at CMOS levels, IDD decreases slightly.
Note 5: All input signals are specified with tR = tF
≤ 5ns. Logic input swing is 0V to 5V.
Note 6: Serial data clocked out of SDO on SCK’s falling edge. (SDO is an open-drain output for the MAX536. The MAX537’s SDO
pin has an internal active pull-up.)
Note 7: Serial data clocked out of SDO on SCK’s rising edge.
Note 8: SDO changes from High-Z state to 90% of final value.
Note 9: SDO rises 10% toward High-Z state.
TIMING CHARACTERISTICS (Note 5)


Similar Part No. - MAX536AMDE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX536ACPE MAXIM-MAX536ACPE Datasheet
2Mb / 24P
   Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 3; 3/11
MAX536ACWE MAXIM-MAX536ACWE Datasheet
2Mb / 24P
   Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 3; 3/11
MAX536AEPE MAXIM-MAX536AEPE Datasheet
2Mb / 24P
   Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 3; 3/11
MAX536AEWE MAXIM-MAX536AEWE Datasheet
2Mb / 24P
   Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 3; 3/11
More results

Similar Description - MAX536AMDE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX536 MAXIM-MAX536_11 Datasheet
2Mb / 24P
   Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 3; 3/11
MAX5500 MAXIM-MAX5500 Datasheet
219Kb / 14P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 11/08
MAX5500 MAXIM-MAX5500_09 Datasheet
289Kb / 15P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 4/09
MAX5352 MAXIM-MAX5352 Datasheet
197Kb / 16P
   Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 2/97
logo
IC MICROSYSTEMS
ICM7377B ICMIC-ICM7377B Datasheet
133Kb / 11P
   Quad 12/10/8-Bit Voltage Output DACs with Serial Interface and Adjustable Output Gain
ICM7563 ICMIC-ICM7563 Datasheet
192Kb / 11P
   12/10/8-Bit Low Power Quad DACs With Serial Interface and Voltage Output
logo
Maxim Integrated Produc...
MAX5154 MAXIM-MAX5154 Datasheet
184Kb / 16P
   Low-Power, Dual, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/97
MAX5253 MAXIM-MAX5253 Datasheet
135Kb / 16P
   3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 9/96
MAX5253 MAXIM-MAX5253_V01 Datasheet
695Kb / 16P
   3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
2002
MAX5174 MAXIM-MAX5174 Datasheet
255Kb / 16P
   Low-Power, Serial, 12-Bit DACs with Voltage Output
Rev 0; 4/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com