Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5380NEUK Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5380NEUK
Description  Low-Cost, Low-Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5380NEUK Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5380NEUK Datasheet HTML 2Page - Maxim Integrated Products MAX5380NEUK Datasheet HTML 3Page - Maxim Integrated Products MAX5380NEUK Datasheet HTML 4Page - Maxim Integrated Products MAX5380NEUK Datasheet HTML 5Page - Maxim Integrated Products MAX5380NEUK Datasheet HTML 6Page - Maxim Integrated Products MAX5380NEUK Datasheet HTML 7Page - Maxim Integrated Products MAX5380NEUK Datasheet HTML 8Page - Maxim Integrated Products MAX5380NEUK Datasheet HTML 9Page - Maxim Integrated Products MAX5380NEUK Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Low-Cost, Low-Power, 8-Bit DACs with
2-Wire Serial Interface in SOT23
6
_______________________________________________________________________________________
160
150
145
140
135
155
130
-40
20
-20
0
40
60
80
100
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
MAX5381
MAX5380
MAX5382
NO LOAD
160
150
145
140
135
155
130
096
32
64
128 160 192 224
256
SUPPLY CURRENT vs. CODE
CODE
MAX5381, VDD = +5.0V
NO LOAD
MAX5382, VDD = +5.0V
MAX5380, VDD = +5.0V
MAX5380, VDD = +3.0V
1.0
0.4
0.2
0.6
0.8
0
2.5
4.0
3.0
3.5
4.5
5.0
5.5
SHUTDOWN SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
1.0
0.6
0.4
0.2
0.8
0
-40
20
-20
0
40
60
80
100
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
VDD = +5.0V
VDD = +3.0V
2.0
1.5
2.5
3.0
4.0
3.5
4.5
0
0.1
0.2
02
14
36
58
9
710
OUTPUT LOAD REGULATION
MAX5380/1/2-17
LOAD CURRENT (mA)
A: MAX5361/MAX5362, VDD = 4.5V FULL-SCALE OR SOURCING
B: MAX5360, FULL-SCALE, VDD = 2.7V SINKING, VDD = 5.0V SOURCING
C: MAX5360, FULL-SCALE, VDD = 2.7V SOURCING
D: ZERO CODE, VDD = 2.7V SINKING
E: ZERO CODE, VDD = 5.5V SINKING
A
B
C
D
E
4
µs/div
OUTPUT VOLTAGE ON POWER-UP
OUT
50mV/div
VDD
2V/div
Typical Operating Characteristics (continued)
(VDD = +3.0V (MAX5380), VDD = +5.0V (MAX5381/MAX5382); RL = 10k
Ω, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX5380NEUK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX538 MAXIM-MAX538 Datasheet
207Kb / 16P
   5V, Low-Power, Voltage-Output, Serial 12-Bit DACs
Rev 6; 2/97
MAX5383 MAXIM-MAX5383 Datasheet
342Kb / 12P
   Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 2; 1/02
MAX5383 MAXIM-MAX5383 Datasheet
501Kb / 15P
   Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 3; 1/09
MAX5383EUT+T MAXIM-MAX5383EUT+T Datasheet
335Kb / 15P
   Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 3; 1/09
MAX5383EUT-T MAXIM-MAX5383EUT-T Datasheet
342Kb / 12P
   Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 2; 1/02
More results

Similar Description - MAX5380NEUK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5383 MAXIM-MAX5383_09 Datasheet
335Kb / 15P
   Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 3; 1/09
MAX5384EUT MAXIM-MAX5384EUT Datasheet
501Kb / 15P
   Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 3; 1/09
MAX5383 MAXIM-MAX5383 Datasheet
342Kb / 12P
   Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 2; 1/02
MAX5360 MAXIM-MAX5360_11 Datasheet
214Kb / 12P
   Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package
Rev 2; 3/11
MAX5360 MAXIM-MAX5360 Datasheet
322Kb / 12P
   Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package
Rev 1; 3/01
MAX5363 MAXIM-MAX5363 Datasheet
304Kb / 12P
   Low-Cost, Low-Power, 6-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 0; 4/00
MAX512 MAXIM-MAX512 Datasheet
179Kb / 16P
   Low-Cost, Triple, 8-Bit Voltage-Output DACs with Serial Interface
Rev 2; 5/96
MAX5115 MAXIM-MAX5115 Datasheet
459Kb / 19P
   Nonvolatile, Quad, 8-Bit DACs with 2-Wire Serial Interface
Rev 0; 2/05
MAX535 MAXIM-MAX535 Datasheet
144Kb / 16P
   Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/96
MAX5352 MAXIM-MAX5352 Datasheet
197Kb / 16P
   Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 2/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com