Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5401 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5401
Description  256-Tap SOT-PoT, Low-Drift Digital Potentiometers in SOT23
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5401 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5401 Datasheet HTML 1Page - Maxim Integrated Products MAX5401 Datasheet HTML 2Page - Maxim Integrated Products MAX5401 Datasheet HTML 3Page - Maxim Integrated Products MAX5401 Datasheet HTML 4Page - Maxim Integrated Products MAX5401 Datasheet HTML 5Page - Maxim Integrated Products MAX5401 Datasheet HTML 6Page - Maxim Integrated Products MAX5401 Datasheet HTML 7Page - Maxim Integrated Products MAX5401 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
256-Tap SOT-PoT,
Low-Drift Digital Potentiometers in SOT23
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +5V, VH = VDD, VL = 0, TA = TMIN to TMAX. Typical values are at TA = +25°C, unless otherwise noted. Parameters are mea-
sured at TA = +25°C. Values over full temperature range are guaranteed by design.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND ............................................................. -0.3V to +6V
DIN, SCLK, CS to GND ............................................-0.3V to +6V
H, L, W to GND...........................................-0.3V to (VDD + 0.3V)
Maximum Continuous Current into
Pins H, L, and W ...........................................................±1mA
Continuous Power Dissipation (TA = +70°C)
8-Pin SOT23 (derate 8.7mW/°C above +70°C)...........697mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ..................................................…+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC PERFORMANCE (Voltage Divider Mode)
Resolution
N
8
Bits
Integral Nonlinearity
(Notes 1, 2)
INL
±1/2
LSB
Differential Nonlinearity
(Notes 1, 2)
DNL
±1/2
LSB
End-to-End Resistor Tempco
TCR
50
ppm/
°C
Ratiometric Resistor Tempco
5
ppm/
°C
MAX5400
-0.8
Full-Scale Ratio Error
MAX5401
-0.4
LSB
MAX5400
+0.8
Zero-Scale Ratio Error
MAX5401
+0.4
LSB
POWER SUPPLIES
Supply Voltage
VDD
2.7
5.5
V
VDD = 5V
0.7
5
µA
Supply Current
IDD
CS = SCLK = DIN = VDD
VDD = 2.7V
0.1
µA
DC PERFORMANCE (Variable Resistor Mode)
Resolution
N
8
Bits
VCC = 5V
±1
MAX5400
±1.5
Integral Nonlinearity
(Notes 1, 3)
INL
VCC = 3V
MAX5401
±1
LSB
VCC = 5V
±1/2
Differential Nonlinearity
(Notes 1, 3)
DNL
VCC = 3V
±1/2
LSB
DC PERFORMANCE (Resistor Characteristics)
Wiper Resistance (Note 4)
RW
250
800
Wiper Capacitance
CW
25
pF
MAX5401
75
100
125
End-to-End Resistance
RHL
MAX5400
37.5
50
62.5
k


Similar Part No. - MAX5401

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5401EKA MAXIM-MAX5401EKA Datasheet
252Kb / 8P
   Low-Drift Digital Potentiometers in SOT23
Rev 0; 10/00
MAX5401EKA-T MAXIM-MAX5401EKA-T Datasheet
252Kb / 8P
   Low-Drift Digital Potentiometers in SOT23
Rev 0; 10/00
More results

Similar Description - MAX5401

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5402 MAXIM-MAX5402 Datasheet
208Kb / 9P
   256-Tap, 關PoT, Low-Drift, Digital Potentiometer
Rev 0; 1/01
MAX5401EKA MAXIM-MAX5401EKA Datasheet
252Kb / 8P
   Low-Drift Digital Potentiometers in SOT23
Rev 0; 10/00
MAX5403 MAXIM-MAX5403_V01 Datasheet
442Kb / 10P
   Dual 256-Tap, Low-Drift, Digital Potentiometers in 10-關MAX
2005
MAX5413 MAXIM-MAX5413 Datasheet
532Kb / 11P
   Dual, 256-Tap, Low-Drift, Digital Potentiometers in 14-Pin TSSOP
Rev 0; 1/01
MAX5403 MAXIM-MAX5403 Datasheet
561Kb / 10P
   Dual 256-Tap, Low-Drift, Digital Potentiometers in 10-關MAX
Rev 1; 4/01
MAX5436 MAXIM-MAX5436 Datasheet
795Kb / 11P
   짹15V, 128-Tap, Low-Drift Digital Potentiometers
Rev 3; 9/04
MAX5471 MAXIM-MAX5471_06 Datasheet
297Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers in SOT23
19-3067; Rev 1; 2/06
logo
ON Semiconductor
CAT5140 ONSEMI-CAT5140_13 Datasheet
172Kb / 10P
   Single Channel 256 Tap Digital Potentiometer (POT)
July, 2013 ??Rev. 4
logo
Maxim Integrated Produc...
MAX5417LETA-T MAXIM-MAX5417LETA-T Datasheet
296Kb / 14P
   256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 4/10
MAX5422 MAXIM-MAX5422 Datasheet
611Kb / 11P
   256-Tap, Nonvolatile, SPI-Interface, Digital Potentiometers
Rev 0; 7/04
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com