Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC3100 Datasheet(PDF) 5 Page - Texas Instruments

Part # CC3100
Description  CC3100 SimpleLink Wi-Fi Network Processor, Internet-of-Things Solution for MCU Applications
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC3100 Datasheet(HTML) 5 Page - Texas Instruments

  CC3100_15 Datasheet HTML 1Page - Texas Instruments CC3100_15 Datasheet HTML 2Page - Texas Instruments CC3100_15 Datasheet HTML 3Page - Texas Instruments CC3100_15 Datasheet HTML 4Page - Texas Instruments CC3100_15 Datasheet HTML 5Page - Texas Instruments CC3100_15 Datasheet HTML 6Page - Texas Instruments CC3100_15 Datasheet HTML 7Page - Texas Instruments CC3100_15 Datasheet HTML 8Page - Texas Instruments CC3100_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
VDD_RAM
49
32
nRESET
UART1_nRTS
50
31
RF_BG
RTC_XTAL_P
51
30
RESERVED
RTC_XTAL_N
52
29
RESERVED
NC
53
28
NC
VIN_IO2
54
27
NC
UART1_TX
55
26
NC
VDD_DIG2
56
25
LDO_IN2
UART1_RX
57
24
VDD_PLL
TEST_58
58
23
WLAN_XTAL_P
TEST_59
59
22
WLAN_XTAL_N
TEST_60
60
21
SOP2/TCXO_EN
UART1_nCTS
61
20
NC
TEST_62
62
19
RESERVED
NC
63
18
NC
NC
64
17
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
CC3100
CC3100
www.ti.com
SWAS031D – JUNE 2013 – REVISED FEBRUARY 2015
3
Terminal Configuration and Functions
Figure 3-1 shows pin assignments for the 64-pin QFN package.
Figure 3-1. QFN 64-Pin Assignments (Top View)
3.1
Pin Attributes
Table 3-1 describes the CC3100 pins.
NOTE
If an external device drives a positive voltage to signal pads when the CC3100 device is not
powered, DC current is drawn from the other device. If the drive strength of the external
device is adequate, an unintentional wakeup and boot of the CC3100 device can occur. To
prevent current draw, TI recommends one of the following:
All devices interfaced to the CC3100 device must be powered from the same power rail
as the CC3100 device.
Use level-shifters between the CC3100 device and any external devices fed from other
independent rails.
The nRESET pin of the CC3100 device must be held low until the VBAT supply to the
device is driven and stable.
Copyright © 2013–2015, Texas Instruments Incorporated
Terminal Configuration and Functions
5
Submit Documentation Feedback
Product Folder Links: CC3100


Similar Part No. - CC3100_15

ManufacturerPart #DatasheetDescription
logo
Soshin electric Co., Lt...
CC3100C-AZ SOSHIN-CC3100C-AZ Datasheet
127Kb / 3P
   3-phase 3-line 500VAC Available 5-150A For output line only
logo
Texas Instruments
CC3100MOD TI-CC3100MOD Datasheet
2Mb / 41P
[Old version datasheet]   CC3100MOD SimpleLink??Certified Wi-Fi짰 Network Processor Internet-of-Things Module Solution for MCU Applications
CC3100MODR11MAMOBR TI-CC3100MODR11MAMOBR Datasheet
2Mb / 41P
[Old version datasheet]   CC3100MOD SimpleLink??Certified Wi-Fi짰 Network Processor Internet-of-Things Module Solution for MCU Applications
CC3100MODR11MAMOBT TI-CC3100MODR11MAMOBT Datasheet
2Mb / 41P
[Old version datasheet]   CC3100MOD SimpleLink??Certified Wi-Fi짰 Network Processor Internet-of-Things Module Solution for MCU Applications
CC3100MOD TI-CC3100MOD_15 Datasheet
2Mb / 41P
[Old version datasheet]   CC3100MOD SimpleLink??Certified Wi-Fi짰 Network Processor Internet-of-Things Module Solution for MCU Applications
More results

Similar Description - CC3100_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC3120 TI1-CC3120 Datasheet
1Mb / 57P
[Old version datasheet]   SimpleLink Wi-Fi Wireless Network Processor Internet-of-Things Solution for MCU Applications
CC3120MOD TI1-CC3120MOD Datasheet
2Mb / 52P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Network Processor Internet-of-Things Module Solution for MCU Applications
CC3100MOD TI-CC3100MOD_15 Datasheet
2Mb / 41P
[Old version datasheet]   CC3100MOD SimpleLink??Certified Wi-Fi짰 Network Processor Internet-of-Things Module Solution for MCU Applications
CC3135 TI1-CC3135 Datasheet
1Mb / 78P
[Old version datasheet]   SimpleLink Wi-Fi, Dual-Band Network Processor, solution for MCU applications
CC3220 TI1-CC3220 Datasheet
2Mb / 84P
[Old version datasheet]   SimpleLink Wi-Fi Wireless and Internet-of-Things Solution, a Single-Chip Wireless MCU
CC3135MOD TI1-CC3135MOD Datasheet
1Mb / 60P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Dual-Band Network Processor Module Solution for MCU Applications
CC3200 TI-CC3200_15 Datasheet
2Mb / 71P
[Old version datasheet]   CC3200 SimpleLink??Wi-Fi짰 and Internet-of-Things Solution, a Single-Chip Wireless MCU
CC3200MOD TI-CC3200MOD_15 Datasheet
2Mb / 66P
[Old version datasheet]   CC3200MOD SimpleLink??Wi-Fi짰 and Internet-of-Things Module Solution, a Single-Chip Wireless MCU
logo
silex technology americ...
SX-ULPGN SILEX-SX-ULPGN Datasheet
639Kb / 2P
   Hostless 802.11n Wi-Fi Internet-of-Things Platform
REV D. 20192903
SX-NEWAH SILEX-SX-NEWAH Datasheet
5Mb / 2P
   Industry?셲 rst 802.11ah Wi-Fi Solution for Internet of things (IoT) devices
REV A. 20200214
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com