Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

78LXXMG-T92-B Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 78LXXMG-T92-B
Description  3-TERMINAL 0.2A POSITIVE VOLTAGE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78LXXMG-T92-B Datasheet(HTML) 5 Page - Unisonic Technologies

  78LXXMG-T92-B Datasheet HTML 1Page - Unisonic Technologies 78LXXMG-T92-B Datasheet HTML 2Page - Unisonic Technologies 78LXXMG-T92-B Datasheet HTML 3Page - Unisonic Technologies 78LXXMG-T92-B Datasheet HTML 4Page - Unisonic Technologies 78LXXMG-T92-B Datasheet HTML 5Page - Unisonic Technologies 78LXXMG-T92-B Datasheet HTML 6Page - Unisonic Technologies 78LXXMG-T92-B Datasheet HTML 7Page - Unisonic Technologies 78LXXMG-T92-B Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
78LXXM
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 8
www.unisonic.com.tw
QW-R101-002.M
ELECTRICAL CHARACTERISTICS(Cont.)
For UTC78L10M (VIN=16V, IOUT=40mA)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TJ=25°C
9.6
10.0
10.4
V
12.5V≦VIN≦23V,IOUT=1mA ~ 40mA
9.5
10.5
V
Output Voltage
VOUT
12.5V≦VIN≦VMAX,
IOUT=1mA - 200mA
9.5
10.5
V
(Note 2)
TJ=25°C,IOUT=1mA ~ 100mA
20
94
mV
Load Regulation
VOUT
TJ=25°C,IOUT=1mA ~ 70mA
10
47
mV
12.5V≦VIN≦23V, TJ=25°C
100
220
mV
Line Regulation
VOUT
14V≦VIN≦23V, TJ=25°C
200
170
mV
Quiescent Current
IQ
4.2
6.5
mA
12.5V≦VIN≦23V
1.5
mA
Quiescent Current Change
IQ
1mA≦VIN≦40mA
0.1
mA
Output Noise Voltage
eN
10Hz≦f≦100kHz
74
μV
Temperature Coefficient of VOUT
VO/T IOUT=5mA
0.95
mV/°C
Ripple Rejection
RR
15V≦VIN≦23V, f=120Hz,TJ=25°C
38
43
dB
Dropout Voltage
VD
TJ=25°C
1.7
V
For UTC78L12M (VIN=19V, IOUT=40mA)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TJ=25°C
11.52
12
12.48
V
14.5V≦VIN≦27V,IOUT=1mA ~ 40mA
11.40
12.60
V
Output Voltage
VOUT
14.5V≦VIN≦VMAX,
IOUT=1mA - 200mA
11.40
12.60
V
(Note 2)
TJ=25°C, IOUT=1mA ~ 100mA
25
150
mV
Load Regulation
VOUT
TJ=25°C, IOUT=1mA ~ 40mA
12
75
mV
14.5V≦VIN≦27V,TJ=25°C
25
300
mV
Line Regulation
VOUT
16V≦VIN≦27V,TJ=25°C
20
250
mV
Quiescent Current
IQ
2.0
6.0
mA
16V≦VIN≦27V
1.5
mA
Quiescent Current Change
IQ
1mA≦VIN≦40mA
0.1
mA
Output Noise Voltage
eN
10Hz≦f≦100kHz
80
μV
Temperature Coefficient of VOUT
VO/T IOUT=5mA
-1.0
mV/°C
Ripple Rejection
RR
15V≦VIN≦25V,f=120Hz,TJ=25°C
37
65
dB
Dropout Voltage
VD
TJ=25°C
1.7
V
For UTC78L15M (VIN=23V, IOUT=40mA)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TJ=25°C
14.40
15
15.60
V
17.5V≦VIN≦30V,IOUT=1mA ~ 40mA
14.25
15.75
V
Output Voltage
VOUT
17.5V≦VIN≦VMAX,
IOUT=1mA - 200mA
14.25
15.75
V
(Note 2)
TJ=25°C, IOUT=1mA ~ 100mA
20
150
mV
Load Regulation
VOUT
TJ=25°C, IOUT=1mA ~ 70mA
25
150
mV
17.5 ≦
VVIN≦30V,TJ=25°C
25
150
mV
Line Regulation
VOUT
20V VIN≦30V,TJ=25°C
15
75
mV
Quiescent Current
IQ
2.2
6.5
mA
20V VIN≦30V
1.5
mA
Quiescent Current Change
IQ
1mA VIN≦40mA
0.1
mA
Output Noise Voltage
eN
≦≦
10Hz f 100kHz
90
μV
Temperature Coefficient of VOUT
VO/T IOUT=5mA
-1.3
mV/°C
Ripple Rejection
RR
18.5V VIN≦28.5V,f=120Hz,TJ=25°C
34
63
dB
Dropout Voltage
VD
TJ=25°C
1.7
V


Similar Part No. - 78LXXMG-T92-B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
78LXXMG-T92-B UTC-78LXXMG-T92-B Datasheet
317Kb / 10P
   3-TERMINAL 0.2A POSITIVE VOLTAGE REGULATOR
78LXXMG-T92-B UTC-78LXXMG-T92-B Datasheet
322Kb / 10P
   3-TERMINAL 0.2A POSITIVE VOLTAGE REGULATOR
78LXXMG-T92-B UTC-78LXXMG-T92-B Datasheet
271Kb / 8P
   3-TERMINAL 0.2A POSITIVE VOLTAGE REGULATOR
More results

Similar Description - 78LXXMG-T92-B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
78LXXM UTC-78LXXM_V01 Datasheet
271Kb / 8P
   3-TERMINAL 0.2A POSITIVE VOLTAGE REGULATOR
78LXXM UTC-78LXXM_17 Datasheet
204Kb / 8P
   3-TERMINAL 0.2A POSITIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
78LXXM ETL-78LXXM Datasheet
330Kb / 9P
   3-TERMINAL 0.2A POSITIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
78LXXM UTC-78LXXM_10 Datasheet
317Kb / 10P
   3-TERMINAL 0.2A POSITIVE VOLTAGE REGULATOR
78LXXM UTC-78LXXM_12 Datasheet
322Kb / 10P
   3-TERMINAL 0.2A POSITIVE VOLTAGE REGULATOR
logo
Hi-Sincerity Mocroelect...
H7805AE HSMC-H7805AE Datasheet
35Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AI HSMC-H7809AI Datasheet
37Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AJ HSMC-H7809AJ Datasheet
33Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Micro Electronics
ML7800 MICRO-ELECTRONICS-ML7800 Datasheet
431Kb / 11P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GM78L12 ETC2-GM78L12 Datasheet
196Kb / 2P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com