Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

78LXXG-T92-K Datasheet(PDF) 8 Page - Unisonic Technologies

Part # 78LXXG-T92-K
Description  3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78LXXG-T92-K Datasheet(HTML) 8 Page - Unisonic Technologies

  78LXXG-T92-K Datasheet HTML 1Page - Unisonic Technologies 78LXXG-T92-K Datasheet HTML 2Page - Unisonic Technologies 78LXXG-T92-K Datasheet HTML 3Page - Unisonic Technologies 78LXXG-T92-K Datasheet HTML 4Page - Unisonic Technologies 78LXXG-T92-K Datasheet HTML 5Page - Unisonic Technologies 78LXXG-T92-K Datasheet HTML 6Page - Unisonic Technologies 78LXXG-T92-K Datasheet HTML 7Page - Unisonic Technologies 78LXXG-T92-K Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
78LXX
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
8 of 8
www.unisonic.com.tw
QW-R101-001.R
TYPICAL CHARACTERISTICS(Cont.)
UTC78L12 Quiescent Current vs.
Output Current
UTC78L05 Quiescent Current vs.
Input Voltage
Output Current, IOUT (mA)
020
80
40
60
100
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
UTC78L12
Input Voltage, VIN(V)
0
10203040
0
1
2
3
4
Peak Output Current
vs. Dropout Voltage Difference
Input-output voltage difference(V)
010
20
30
40
100
200
300
400
(TJ=0°C)
Dropout Voltage
025
50
100
1.0
1.5
2.0
2.5
Junction Temperature, TJ (°C)
0.5
DROPOUT CONDITIONS
ΔVOUT=2% of VOUT
75
125
TJ=25°C
IOUT=0mA
TJ=25°C
(TJ=150°C)
(TJ=25°C)
IOUT=70mA
IOUT=40mA
IOUT=1.0mA
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - 78LXXG-T92-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
78LXXG-T92-K UTC-78LXXG-T92-K Datasheet
290Kb / 9P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
78LXXG-T92-K UTC-78LXXG-T92-K Datasheet
316Kb / 9P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
More results

Similar Description - 78LXXG-T92-K

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MC78LXXA FAIRCHILD-MC78LXXA_10 Datasheet
86Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
KA78LXXA FAIRCHILD-KA78LXXA_10 Datasheet
102Kb / 17P
   3-Terminal 0.1A Positive Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM78LXX HTC-LM78LXX_10 Datasheet
252Kb / 11P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78LXXA FAIRCHILD-KA78LXXA Datasheet
68Kb / 16P
   3-terminal 0.1A positive voltage regulator
MC78LXXA FAIRCHILD-MC78LXXA Datasheet
73Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
KA78LXXA FAIRCHILD-KA78LXXA Datasheet
82Kb / 18P
   3-Terminal 0.1A Positive Voltage Regulator
MC78LXXA FAIRCHILD-MC78LXXA_04 Datasheet
72Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
logo
Unisonic Technologies
78LXX UTC-78LXX_V01 Datasheet
316Kb / 9P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78L24A FAIRCHILD-KA78L24A Datasheet
78Kb / 16P
   3-Terminal 0.1A Positive Voltage Regulator
logo
Unisonic Technologies
78LXX UTC-78LXX_09 Datasheet
290Kb / 9P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com