Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1206 Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S1206
Description  ULTRA LOW CURRENT CONSUMPTION AND
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1206 Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S1206 Datasheet HTML 3Page - Seiko Instruments Inc S1206 Datasheet HTML 4Page - Seiko Instruments Inc S1206 Datasheet HTML 5Page - Seiko Instruments Inc S1206 Datasheet HTML 6Page - Seiko Instruments Inc S1206 Datasheet HTML 7Page - Seiko Instruments Inc S1206 Datasheet HTML 8Page - Seiko Instruments Inc S1206 Datasheet HTML 9Page - Seiko Instruments Inc S1206 Datasheet HTML 10Page - Seiko Instruments Inc S1206 Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
ULTRA LOW CURRENT CONSUMPTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.2_00
S-1206 Series
Seiko Instruments Inc.
7
Electrical Characteristics
Table 6
(Ta = 25
°C unless otherwise specified)
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Test
Circuit
Output voltage
*1
VOUT(E)
VIN = VOUT(S)
+ 1.0 V, IOUT = 30 mA,
1.2 V
≤ VOUT(S) < 1.5 V
VOUT(S)
−15 mV
VOUT(S)
VOUT(S)
+15 mV
V
1
VIN = VOUT(S)
+ 1.0 V, IOUT = 30 mA,
1.5 V
≤ VOUT(S)
VOUT(S)
× 0.99
VOUT(S)
VOUT(S)
× 1.01
V
1
Output current
*2
IOUT
VIN
≥ VOUT(S) + 1.0 V, 1.2 V ≤ VOUT(S) < 1.5 V
150
*5
mA
3
VIN
≥ VOUT(S) + 1.0 V, 1.5 V ≤ VOUT(S)
250
*5
mA
3
Dropout voltage
*3
Vdrop
IOUT = 100 mA
1.2 V
≤ VOUT(S) < 1.3 V
0.5
0.54
0.81
V
1
1.3 V
≤ VOUT(S) < 1.4 V
0.50
0.73
V
1
1.4 V
≤ VOUT(S) < 1.5 V
0.43
0.66
V
1
1.5 V
≤ VOUT(S) < 1.7 V
0.35
0.53
V
1
1.7 V
≤ VOUT(S) < 1.9 V
0.33
0.50
V
1
1.9 V
≤ VOUT(S) < 2.1 V
0.26
0.43
V
1
2.1 V
≤ VOUT(S) < 3.0 V
0.23
0.36
V
1
3.0 V
≤ VOUT(S) ≤ 5.2 V
0.15
0.23
V
1
Line regulation
OUT
IN
1
OUT
V
V
V
Δ
Δ
VOUT(S)
+ 0.5 V ≤ VIN ≤ 6.5 V IOUT = 1 μA
0.05
0.2
%/V
1
IOUT = 30 mA
0.05
0.2
%/V
1
Load regulation
ΔVOUT2
VIN = VOUT(S)
+ 1.0 V, 1 μA ≤ IOUT ≤ 100 mA
20
40
mV
1
Output voltage
temperature
coefficient
*4
OUT
OUT
V
Ta
V
Δ
Δ
VIN = VOUT(S)
+ 1.0 V, IOUT = 30 mA,
−40°C ≤ Ta ≤ 85°C
±120
ppm/
°C
1
Current consumption
during operation
ISS1
VIN = VOUT(S)
+ 1.0 V, no load
1.0
1.5
μA
2
Input voltage
VIN
1.7
6.5
V
Short-circuit current ISHORT
VIN = VOUT(S)
+ 1.0 V,
VOUT = 0 V
1.2 V
≤ VOUT < 2.3 V
130
mA
3
2.3 V
≤ VOUT ≤ 5.2 V
100
mA
3
*1.
VOUT(S) : Set output voltage
VOUT(E) : Actual output voltage
Output voltage when fixing IOUT (= 30 mA) and inputting VOUT(S)
+ 1.0 V
*2.
The output current at which the output voltage becomes 95% of VOUT(E) after gradually increasing the output current.
*3.
Vdrop = VIN1
− (VOUT3
× 0.98)
VOUT3 is the output voltage when VIN = VOUT(S)
+ 1.0 V and IOUT = 100 mA.
VIN1 is the input voltage at which the output voltage becomes 98% of VOUT3 after gradually decreasing the input
voltage.
*4.
A change in the temperature of the output voltage [mV/°C] is calculated using the following equation.
ΔVOUT
ΔTa []
mV/°C
*1 = V
OUT(S) []
V
*2 ×
ΔVOUT
ΔTa • VOUT []
ppm/°C
*3 ÷ 1000
*1.
Change in temperature of output voltage
*2.
Set output voltage
*3.
Output voltage temperature coefficient
*5.
The output current can be at least this value.
Due to restrictions on the package power dissipation, this value may not be satisfied. Attention should be paid to the
power dissipation of the package when the output current is large.
This specification is guaranteed by design.


Similar Part No. - S1206

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
S1206H GOOD-ARK-S1206H Datasheet
186Kb / 4P
   Chip Fuse
S1206H1 GOOD-ARK-S1206H1 Datasheet
186Kb / 4P
   Chip Fuse
S1206H1.25 GOOD-ARK-S1206H1.25 Datasheet
186Kb / 4P
   Chip Fuse
S1206H1.5 GOOD-ARK-S1206H1.5 Datasheet
186Kb / 4P
   Chip Fuse
S1206H2 GOOD-ARK-S1206H2 Datasheet
186Kb / 4P
   Chip Fuse
More results

Similar Description - S1206

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S5470 SII-S5470 Datasheet
245Kb / 24P
   ULTRA-LOW CURRENT CONSUMPTION
S-5470A21I-M5T1U SII-S-5470A21I-M5T1U Datasheet
1Mb / 24P
   ULTRA-LOW CURRENT CONSUMPTION
logo
Infineon Technologies A...
TLE7276-2E INFINEON-TLE7276-2E Datasheet
424Kb / 19P
   Ultra Low Current Consumption 20
Rev. 1.0, June 2009
logo
Seiko Instruments Inc
S-1206 SII-S-1206 Datasheet
653Kb / 36P
   ULTRA LOW CURRENT CONSUMPTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1206 ABLIC-S-1206 Datasheet
566Kb / 35P
   ULTRA LOW CURRENT CONSUMPTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.2_02
logo
Rohm
BD4830FVE-TR ROHM-BD4830FVE-TR Datasheet
433Kb / 18P
   High accuracy detection, Ultra-low current consumption
logo
Seiko Instruments Inc
S1167 SII-S1167 Datasheet
1Mb / 31P
   ULTRA LOW CURRENT CONSUMPTION, HIGH RIPPLE REJECTION
logo
STMicroelectronics
STBC15 STMICROELECTRONICS-STBC15 Datasheet
832Kb / 23P
   Ultra-low current consumption linear battery charger
DS12551 - Rev 1 - May 2018
logo
Rohm
BD7602GUL ROHM-BD7602GUL Datasheet
1Mb / 25P
   Low current consumption
logo
Seiko Instruments Inc
S-5716ANDL0-M3T1U SII-S-5716ANDL0-M3T1U Datasheet
1Mb / 28P
   LOW CURRENT CONSUMPTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com