Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5414EUD Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5414EUD
Description  Dual, 256-Tap, Low-Drift, Digital Potentiometers in 14-Pin TSSOP
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5414EUD Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5414EUD Datasheet HTML 1Page - Maxim Integrated Products MAX5414EUD Datasheet HTML 2Page - Maxim Integrated Products MAX5414EUD Datasheet HTML 3Page - Maxim Integrated Products MAX5414EUD Datasheet HTML 4Page - Maxim Integrated Products MAX5414EUD Datasheet HTML 5Page - Maxim Integrated Products MAX5414EUD Datasheet HTML 6Page - Maxim Integrated Products MAX5414EUD Datasheet HTML 7Page - Maxim Integrated Products MAX5414EUD Datasheet HTML 8Page - Maxim Integrated Products MAX5414EUD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Dual, 256-Tap, Low-Drift, Digital Potentiometers
in 14-Pin TSSOP
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +5V, unless otherwise noted. VH = VDD, VL = 0, TA = TMIN to TMAX. Typical values are at VDD = +5V, TA = +25°C,
unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND ..............................................................-0.3V to +6V
DIN, SCLK, CS .........................................................-0.3V to +6V
HX, LX, WX to GND ........................................-0.3V to (VDD +0.3)
Maximum Continuous Current into HX, LX, and WX............±1mA
Continuous Power Dissipation (TA = +70°C)
14-Pin TSSOP (derate 9.1mW/°C above +70°C) .........727mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC PERFORMANCE (Voltage-Divider Mode)
Resolution
N
8
Bits
Integral Nonlinearity (Notes 1, 2)
INL
±1/2
LSB
Differential Nonlinearity (Notes 1, 2)
DNL
±1/2
LSB
End-to-End Resistor Tempco
TCR
35
ppm/
°C
Ratiometric Resistor Tempco
5
ppm/
°C
MAX5413
-8
MAX5414
-1.6
Full-Scale Error
MAX5415
0.8
LSB
MAX5413
+8
MAX5414
+1.6
Zero-Scale Error
MAX5415
+0.8
LSB
DC PERFORMANCE (Variable-Resistor Mode)
Resolution
N
8
Bits
VDD = +5V
±1
LSB
MAX5413
±3
MAX5414
±1.5
Integral Nonlinearity (Notes 1, 3)
INL
VDD = +3V
MAX5415
±1.5
LSB
VDD = +5V
Differential Nonlinearity
(Notes 1, 3)
DNL
VDD = +3V
±1/2
LSB
DC PERFORMANCE (Resistor Characteristics)
VDD = +5V
275
Wiper Resistance (Note 4)
RW
VDD = +3V
550
MAX5413
50
Wiper Capacitance
CW
MAX5414/MAX5415
30
pF
MAX5413
7.5
10
12.5
MAX5414
37.5
50
62.5
End-to-End Resistance
RHL
MAX5415
75
100
125
k


Similar Part No. - MAX5414EUD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX541 MAXIM-MAX541 Datasheet
239Kb / 12P
   5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 12/99
MAX541 MAXIM-MAX541 Datasheet
1Mb / 12P
   MAX54X Evaluation Kit
Rev 0; 5/12
MAX5410EEE MAXIM-MAX5410EEE Datasheet
312Kb / 13P
   Dual, Audio, Log Taper Digital Potentiometers
Rev 2; 9/02
MAX5410ETE MAXIM-MAX5410ETE Datasheet
312Kb / 13P
   Dual, Audio, Log Taper Digital Potentiometers
Rev 2; 9/02
MAX5411 MAXIM-MAX5411 Datasheet
312Kb / 13P
   Dual, Audio, Log Taper Digital Potentiometers
Rev 2; 9/02
More results

Similar Description - MAX5414EUD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5403 MAXIM-MAX5403_V01 Datasheet
442Kb / 10P
   Dual 256-Tap, Low-Drift, Digital Potentiometers in 10-關MAX
2005
MAX5403 MAXIM-MAX5403 Datasheet
561Kb / 10P
   Dual 256-Tap, Low-Drift, Digital Potentiometers in 10-關MAX
Rev 1; 4/01
MAX5400 MAXIM-MAX5400 Datasheet
250Kb / 8P
   256-Tap SOT-PoT, Low-Drift Digital Potentiometers in SOT23
Rev 0; 10/00
MAX5436 MAXIM-MAX5436 Datasheet
795Kb / 11P
   짹15V, 128-Tap, Low-Drift Digital Potentiometers
Rev 3; 9/04
MAX5477 MAXIM-MAX5477_11 Datasheet
318Kb / 16P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 5; 11/11
MAX5477 MAXIM-MAX5477_06 Datasheet
716Kb / 17P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 1/06
MAX5391 MAXIM-MAX5391 Datasheet
2Mb / 13P
   Dual 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
Rev 0; 10/09
MAX5386 MAXIM-MAX5386_10 Datasheet
2Mb / 13P
   Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
Rev 2; 1/10
MAX5386 MAXIM-MAX5386_V01 Datasheet
1Mb / 13P
   Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
2014
MAX5391 MAXIM-MAX5391_V01 Datasheet
1Mb / 14P
   Dual 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com