Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX535BEPA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX535BEPA
Description  Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX535BEPA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX535BEPA Datasheet HTML 3Page - Maxim Integrated Products MAX535BEPA Datasheet HTML 4Page - Maxim Integrated Products MAX535BEPA Datasheet HTML 5Page - Maxim Integrated Products MAX535BEPA Datasheet HTML 6Page - Maxim Integrated Products MAX535BEPA Datasheet HTML 7Page - Maxim Integrated Products MAX535BEPA Datasheet HTML 8Page - Maxim Integrated Products MAX535BEPA Datasheet HTML 9Page - Maxim Integrated Products MAX535BEPA Datasheet HTML 10Page - Maxim Integrated Products MAX535BEPA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Low-Power, 13-Bit Voltage-Output DACs
with Serial Interface
_______________________________________________________________________________________
7
2
µs/div
OUT,
AC COUPLED
10mV/div
CODE = 4096
DIGITAL FEEDTHROUGH (fSCLK = 100kHz)
SCLK,
2V/div
CS = 5V
____________________________Typical Operating Characteristics (continued)
(MAX535 only, VDD = +5V, RL = 5kΩ, CL = 100pF, TA = +25°C, unless otherwise noted.)
10
µs/div
MAJOR-CARRY TRANSITION
OUT,
AC COUPLED
100mV/div
CS
5V/div
10
µs/div
DYNAMIC RESPONSE
OUT
1V/div
GND
GAIN = 2, SWITCHING FROM CODE 0 TO 8040
MAX535 (continued)


Similar Part No. - MAX535BEPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5352 MAXIM-MAX5352 Datasheet
197Kb / 16P
   Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 2/97
MAX5352ACPA MAXIM-MAX5352ACPA Datasheet
197Kb / 16P
   Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 2/97
MAX5352ACUA MAXIM-MAX5352ACUA Datasheet
197Kb / 16P
   Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 2/97
MAX5352AEPA MAXIM-MAX5352AEPA Datasheet
197Kb / 16P
   Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 2/97
MAX5352AEUA MAXIM-MAX5352AEUA Datasheet
197Kb / 16P
   Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 2/97
More results

Similar Description - MAX535BEPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5150 MAXIM-MAX5150 Datasheet
188Kb / 16P
   Low-Power, Dual, 13-Bit Voltage-Output DACs with Serial Interface
Rev 0; 8/97
MAX5352 MAXIM-MAX5352 Datasheet
197Kb / 16P
   Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 2/97
MAX5154 MAXIM-MAX5154 Datasheet
184Kb / 16P
   Low-Power, Dual, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/97
MAX5500 MAXIM-MAX5500 Datasheet
219Kb / 14P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 11/08
MAX5500 MAXIM-MAX5500_09 Datasheet
289Kb / 15P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 4/09
MAX5158 MAXIM-MAX5158 Datasheet
181Kb / 16P
   Low-Power, Dual, 10-Bit, Voltage-Output DACs with Serial Interface
Rev 1; 12/97
MAX5170 MAXIM-MAX5170 Datasheet
241Kb / 16P
   Low-Power, Serial, 14-Bit DACs with Voltage Output
Rev 0; 4/99
MAX5174 MAXIM-MAX5174 Datasheet
255Kb / 16P
   Low-Power, Serial, 12-Bit DACs with Voltage Output
Rev 0; 4/99
MAX512 MAXIM-MAX512 Datasheet
179Kb / 16P
   Low-Cost, Triple, 8-Bit Voltage-Output DACs with Serial Interface
Rev 2; 5/96
MAX536 MAXIM-MAX536_11 Datasheet
2Mb / 24P
   Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 3; 3/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com