Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7388G-J25-B-T Datasheet(PDF) 5 Page - Unisonic Technologies

Part # TDA7388G-J25-B-T
Description  QUAD BRIDGE CAR RADIO AMPLIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA7388G-J25-B-T Datasheet(HTML) 5 Page - Unisonic Technologies

  TDA7388G-J25-B-T Datasheet HTML 1Page - Unisonic Technologies TDA7388G-J25-B-T Datasheet HTML 2Page - Unisonic Technologies TDA7388G-J25-B-T Datasheet HTML 3Page - Unisonic Technologies TDA7388G-J25-B-T Datasheet HTML 4Page - Unisonic Technologies TDA7388G-J25-B-T Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TDA7388
Preliminary
LINEAR INTEGRATED CIRCUIT
TYPICAL APPLICATION CIRCUIT
0.47µF
SVR
47µF
TAB
HSD
16
10
25
1
0.1µF
2200µF
VCC
VCC
10K
47K
1µF
0.1µF
0.1µF
0.1µF
0.1µF
S-GND
24
23
21
18
19
17
2
3
5
7
8
9
620
4
22
11
12
15
14
13
ST-BY
MUTE
IN1
IN2
IN3
IN4
1µF
AC-GND
OUT1+
OUT1-
P-GND1
OUT2+
OUT2-
P-GND2
OUT3+
OUT3-
P-GND3
OUT4+
OUT4-
P-GND4
OTP
Current Limitation
Short-circuit Protection
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.
UNISONICTECHNOLOGIESCO.,LTD
5 of 5
www.unisonic.com.tw
QW-R107-067.b


Similar Part No. - TDA7388G-J25-B-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TDA7388G-J25-B-T UTC-TDA7388G-J25-B-T Datasheet
188Kb / 5P
   4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
More results

Similar Description - TDA7388G-J25-B-T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7388A STMICROELECTRONICS-TDA7388A Datasheet
213Kb / 13P
   4 x 42W quad bridge car radio amplifier
TDA7381 STMICROELECTRONICS-TDA7381_08 Datasheet
227Kb / 13P
   4 x 25W quad bridge car radio amplifier
logo
Shenzhenshi YONGFUKANG ...
TDA7388 YONGFUKANG-TDA7388 Datasheet
232Kb / 9P
   4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
logo
STMicroelectronics
TDA7385 STMICROELECTRONICS-TDA7385 Datasheet
322Kb / 12P
   4 x 30W QUAD BRIDGE CAR RADIO AMPLIFIER
TDA7386 STMICROELECTRONICS-TDA7386 Datasheet
310Kb / 9P
   4 x 40W QUAD BRIDGE CAR RADIO AMPLIFIER
logo
Unisonic Technologies
TDA7388 UTC-TDA7388 Datasheet
188Kb / 5P
   4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
logo
STMicroelectronics
TDA7389 STMICROELECTRONICS-TDA7389 Datasheet
217Kb / 14P
   4 x 45W quad bridge car radio amplifier
TDA7386 STMICROELECTRONICS-TDA7386_07 Datasheet
346Kb / 14P
   4 x 45W quad bridge car radio amplifier
TDA7384A STMICROELECTRONICS-TDA7384A_07 Datasheet
279Kb / 14P
   4 x 42W quad bridge car radio amplifier
TDA7388 STMICROELECTRONICS-TDA7388 Datasheet
210Kb / 10P
   4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com