Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UH477 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UH477
Description  SINGLE PHASE DC MOTOR DRIVE IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UH477 Datasheet(HTML) 3 Page - Unisonic Technologies

  UH477_15 Datasheet HTML 1Page - Unisonic Technologies UH477_15 Datasheet HTML 2Page - Unisonic Technologies UH477_15 Datasheet HTML 3Page - Unisonic Technologies UH477_15 Datasheet HTML 4Page - Unisonic Technologies UH477_15 Datasheet HTML 5Page - Unisonic Technologies UH477_15 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
UH477
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R109-028.b
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
VCC Pin Voltage
30
V
Output Peak Sink Current
Peak Current
IOUT
800
mA
Hold Current
600
mA
Continuous Current
300
mA
Power Dissipation
TA=25°C
PD
600
mW
TA=70°C
450
mW
Junction Temperature
TJ
+150
°C
Operating Junction Temperature
TJ
0 ~ +85
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
DC ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
3
30
V
Quiescent Supply Current
ICC
VCC=30V, No use pin open
25
30
mA
Output Saturation Voltage
VCE(SINK)
VCC=14V, IC=200mA
0.55
0.8
V
VCE(DRIVE)
VCC=14V, IC=200mA
12.5
14
V
AC ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Rise Time
tR
RL=820Ω, CL=20pF
0.5
1.0
μs
Fall Time
tF
RL=820Ω, CL=20pF
0.5
1.5
μs
Switch Time Differential
∆t
RL=820Ω, CL=20pF
1.0
0.5
μs
MAGNETIC CHARACTERITICS
A Grade
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Operating Point
BOP
10
45
Gauss
Release Point
BRP
-45
-10
B Grade
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Operating Point
BOP
65
Gauss
Release Point
BRP
-65
C Grade
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Operating Point
BOP
90
Gauss
Release Point
BRP
-90


Similar Part No. - UH477_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UH477 UTC-UH477_15 Datasheet
171Kb / 6P
   SINGLE PHASE DC MOTOR DRIVE IC
More results

Similar Description - UH477_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UH477 UTC-UH477_17 Datasheet
141Kb / 6P
   SINGLE PHASE DC MOTOR DRIVE IC
logo
Feeling Technology Corp...
FS310 FEELING-FS310 Datasheet
122Kb / 13P
   SINGLE PHASE DC MOTOR DRIVE IC
logo
Unisonic Technologies
319 UTC-319_11 Datasheet
156Kb / 7P
   SINGLE PHASE DC MOTOR DRIVE IC
UH477 UTC-UH477 Datasheet
155Kb / 6P
   SINGLE PHASE DC MOTOR DRIVE IC
logo
Feeling Technology Corp...
FS319 FEELING-FS319 Datasheet
125Kb / 13P
   SINGLE PHASE DC MOTOR DRIVE IC
logo
Unisonic Technologies
319 UTC-319_15 Datasheet
203Kb / 7P
   SINGLE PHASE DC MOTOR DRIVE IC
UH477 UTC-UH477_15 Datasheet
171Kb / 6P
   SINGLE PHASE DC MOTOR DRIVE IC
UH210 UTC-UH210 Datasheet
154Kb / 5P
   2-PHASE DC MOTOR DRIVE IC
logo
Feeling Technology Corp...
FS211F FEELING-FS211F Datasheet
128Kb / 13P
   2 PHASE DC MOTOR DRIVE IC
logo
Unisonic Technologies
UH210 UTC-UH210_15 Datasheet
161Kb / 5P
   2-PHASE DC MOTOR DRIVE IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com