Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX537AEPE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX537AEPE
Description  Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX537AEPE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX537AEPE Datasheet HTML 1Page - Maxim Integrated Products MAX537AEPE Datasheet HTML 2Page - Maxim Integrated Products MAX537AEPE Datasheet HTML 3Page - Maxim Integrated Products MAX537AEPE Datasheet HTML 4Page - Maxim Integrated Products MAX537AEPE Datasheet HTML 5Page - Maxim Integrated Products MAX537AEPE Datasheet HTML 6Page - Maxim Integrated Products MAX537AEPE Datasheet HTML 7Page - Maxim Integrated Products MAX537AEPE Datasheet HTML 8Page - Maxim Integrated Products MAX537AEPE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
TA = TMIN to TMAX
Calibrated, Quad, 12-Bit
Voltage-Output DACs with Serial Interface
2
_______________________________________________________________________________________
VDD to AGND or DGND
MAX536 ..................................................................-0.3V, +17V
MAX537 ....................................................................-0.3V, +7V
VSS to AGND or DGND ...............................................-7V, +0.3V
SDI, SCK , CS, LDAC, TP, SDO
to AGND or DGND.....................................-0.3V, (VDD + 0.3V)
REFAB, REFCD to AGND or DGND .............-0.3V, (VDD + 0.3V)
OUT_ to AGND or DGND .............................................VDD, VSS
Maximum Current into Any Pin............................................50mA
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 10.53mW/°C above +70°C) .................842mW
Wide SO (derate 9.52mW/°C above +70°C).................762mW
Ceramic SB (derate 10.53mW/°C above +70°C)..................842mW
Operating Temperature Ranges
MAX53_AC_E/BC_E.............................................0°C to +70°C
MAX53_AE_E/BE_E ..........................................-40°C to +85°C
MAX53_AMDE/BMDE .....................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
ELECTRICAL CHARACTERISTICS—MAX536
(VDD = +15V, VSS = -5V, REFAB/REFCD = 10V, AGND = DGND = 0V, RL = 5kΩ, CL = 100pF, TA = TMIN to TMAX, unless
otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS
MAX536B
MAX536A
MAX536B
MAX536A
MAX536BM
MAX536AM
MAX536AC
MAX536BC
MAX536AE
MAX536BE
LSB/V
±0.03
±0.30
PSRR
LSB/V
±0.02
±0.125
PSRR
±2.0
LSB
-0.1
±1.0
Gain Error
LSB
±1
DNL
Differential Nonlinearity
±2.0
±1.0
±1
LSB
±0.15
±0.50
INL
Integral Nonlinearity
±4.0
±3.0
±2.0
±3.0
±2.5
±3.5
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
TA = +25°C, -5.5V < VSS < -4.5V
TA = +25°C, 10.8V < VDD < 16.5V
RL = 5k
Guaranteed monotonic
CONDITIONS
TUE
Total Unadjusted Error
(Note 1)
LSB
Bits
12
N
Resolution
VDD Power-Supply
Rejection Ratio
VSS Power-Supply
Rejection Ratio
TA = +25°C
MAX536_M
MAX536_C/E
-0.6
±1.5
RL =
MAX536B
MAX536A
TA = +25°C
MAX536BM
MAX536AM
MAX536AC
MAX536BC
MAX536AE
MAX536BE
±5.0
Offset Error
mV
±2.5
±10.0
±7.5
±5.0
±7.5
±6.1
±8.5
TA = TMIN to TMAX
STATIC PERFORMANCE—ANALOG SECTION


Similar Part No. - MAX537AEPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX530 MAXIM-MAX530 Datasheet
140Kb / 16P
   5V, Low-Power, Parallel-Input, Voltage-Output, 12-Bit DAC
Rev 3; 7/95
MAX5302 MAXIM-MAX5302 Datasheet
696Kb / 12P
   Low-Power, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 10/99
MAX5302CUA MAXIM-MAX5302CUA Datasheet
696Kb / 12P
   Low-Power, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 10/99
MAX5302EUA MAXIM-MAX5302EUA Datasheet
696Kb / 12P
   Low-Power, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 10/99
MAX5304 MAXIM-MAX5304 Datasheet
405Kb / 12P
   10-Bit Voltage-Output DAC in 8-Pin 關MAX
Rev 0; 10/99
More results

Similar Description - MAX537AEPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX536 MAXIM-MAX536_11 Datasheet
2Mb / 24P
   Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 3; 3/11
MAX5500 MAXIM-MAX5500 Datasheet
219Kb / 14P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 11/08
MAX5500 MAXIM-MAX5500_09 Datasheet
289Kb / 15P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 4/09
MAX5352 MAXIM-MAX5352 Datasheet
197Kb / 16P
   Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 2/97
logo
IC MICROSYSTEMS
ICM7377B ICMIC-ICM7377B Datasheet
133Kb / 11P
   Quad 12/10/8-Bit Voltage Output DACs with Serial Interface and Adjustable Output Gain
ICM7563 ICMIC-ICM7563 Datasheet
192Kb / 11P
   12/10/8-Bit Low Power Quad DACs With Serial Interface and Voltage Output
logo
Maxim Integrated Produc...
MAX5154 MAXIM-MAX5154 Datasheet
184Kb / 16P
   Low-Power, Dual, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/97
MAX5253 MAXIM-MAX5253 Datasheet
135Kb / 16P
   3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 9/96
MAX5253 MAXIM-MAX5253_V01 Datasheet
695Kb / 16P
   3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
2002
MAX5174 MAXIM-MAX5174 Datasheet
255Kb / 16P
   Low-Power, Serial, 12-Bit DACs with Voltage Output
Rev 0; 4/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com