Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5411ETE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5411ETE
Description  Dual, Audio, Log Taper Digital Potentiometers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5411ETE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5411ETE Datasheet HTML 1Page - Maxim Integrated Products MAX5411ETE Datasheet HTML 2Page - Maxim Integrated Products MAX5411ETE Datasheet HTML 3Page - Maxim Integrated Products MAX5411ETE Datasheet HTML 4Page - Maxim Integrated Products MAX5411ETE Datasheet HTML 5Page - Maxim Integrated Products MAX5411ETE Datasheet HTML 6Page - Maxim Integrated Products MAX5411ETE Datasheet HTML 7Page - Maxim Integrated Products MAX5411ETE Datasheet HTML 8Page - Maxim Integrated Products MAX5411ETE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Dual, Audio, Log Taper Digital Potentiometers
4
_______________________________________________________________________________________
Typical Operating Characteristics
(VDD = +3V (MAX5408/MAX5409), VDD = +5V (MAX5410/MAX5411), DOUT = floating)
988
990
989
991
994
995
993
992
996
0
1.0 1.5 2.0 2.5
0.5
3.0 3.5 4.0 4.5 5.0
WIPER RESISTANCE vs.
WIPER VOLTAGE
WIPER VOLTAGE (V)
TAP POSITION 31
VDD = 5V = VLOGIC, L_ = GND
-0.20
-0.15
-0.10
-0.05
0
0.05
0.10
0.15
0.20
-40
-15
10
35
60
85
END-TO-END RESISTANCE % CHANGE
vs. TEMPERATURE
TEMPERATURE (
°C)
-70
-60
-40
-50
-20
-10
-30
0
08
12
4
1620242832
ATTENUATION vs. TAP POSITION
TAP POSITION
20
25
30
35
40
45
50
55
60
-40
-15
10
35
60
85
TOTAL SUPPLY CURRENT
VS.
TEMPERATURE
TEMPERATURE (
°C)
ZERO-CROSSING ENABLED
ITOTAL = IDD + ILOGIC
ACTIVE MODE
4
µs/div
TAP-TO-TAP SWITCHING TRANSIENT
(ZERO-CROSSING DISABLE)
VW_
2V/div
CS
2V/div
MAX5408-11 toc05
VH_ = 5V
VL_ = 0
0
0.10
0.05
0.20
0.15
0.25
0.30
2.5
3.5
4.0
3.0
4.5
5.0
5.5
LOGIC CURRENT
vs. LOGIC VOLTAGE
LOGIC SUPPLY VOLTAGE (V)
STANDBY MODE
SCLK = GND


Similar Part No. - MAX5411ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX541 MAXIM-MAX541 Datasheet
239Kb / 12P
   5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 12/99
MAX541 MAXIM-MAX541 Datasheet
1Mb / 12P
   MAX54X Evaluation Kit
Rev 0; 5/12
MAX5413 MAXIM-MAX5413 Datasheet
532Kb / 11P
   Dual, 256-Tap, Low-Drift, Digital Potentiometers in 14-Pin TSSOP
Rev 0; 1/01
MAX5413-MAX5415 MAXIM-MAX5413-MAX5415 Datasheet
532Kb / 11P
   Dual, 256-Tap, Low-Drift, Digital Potentiometers in 14-Pin TSSOP
Rev 0; 1/01
MAX5413EUD MAXIM-MAX5413EUD Datasheet
532Kb / 11P
   Dual, 256-Tap, Low-Drift, Digital Potentiometers in 14-Pin TSSOP
Rev 0; 1/01
More results

Similar Description - MAX5411ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1882 MAXIM-DS1882 Datasheet
237Kb / 15P
   Dual Log Audio Digital Potentiometer
Rev 0; 6/06
MAX5494 MAXIM-MAX5494 Datasheet
859Kb / 20P
   10-Bit, Dual, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 1; 6/05
MAX5494 MAXIM-MAX5494_06 Datasheet
687Kb / 20P
   10-Bit, Dual, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 2; 1/06
DS1881 MAXIM-DS1881 Datasheet
222Kb / 16P
   Dual NV Audio Taper Digital Potentiometer
Rev 0; 1/06
MAX5456 MAXIM-MAX5456 Datasheet
462Kb / 20P
   Stereo Audio Taper Potentiometers with Pushbutton Interface
Rev 0; 11/04
MAX5481 MAXIM-MAX5481_10 Datasheet
509Kb / 20P
   10-Bit, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 5; 4/10
MAX5527 MAXIM-MAX5527 Datasheet
218Kb / 12P
   One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 1; 7/09
MAX5471 MAXIM-MAX5471 Datasheet
336Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 0; 10/03
MAX5427 MAXIM-MAX5427_05 Datasheet
210Kb / 10P
   One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 2; 3/05
MAX5427 MAXIM-MAX5427 Datasheet
227Kb / 10P
   One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 1; 7/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com