Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25A080A Datasheet(PDF) 2 Page - Seiko Instruments Inc

Part # S25A080A
Description  FOR AUTOMOTIVE 125째C OPERATION
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S25A080A Datasheet(HTML) 2 Page - Seiko Instruments Inc

  S25A080A Datasheet HTML 1Page - Seiko Instruments Inc S25A080A Datasheet HTML 2Page - Seiko Instruments Inc S25A080A Datasheet HTML 3Page - Seiko Instruments Inc S25A080A Datasheet HTML 4Page - Seiko Instruments Inc S25A080A Datasheet HTML 5Page - Seiko Instruments Inc S25A080A Datasheet HTML 6Page - Seiko Instruments Inc S25A080A Datasheet HTML 7Page - Seiko Instruments Inc S25A080A Datasheet HTML 8Page - Seiko Instruments Inc S25A080A Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
FOR AUTOMOTIVE 125°C OPERATION SPI SERIAL E2PROM
S-25A080A/160A/320A, S-25A080B/160B/320B
Rev.4.2_00
Seiko Instruments Inc.
2
Block Diagram
Mode
Decoder
Status Register
Address Register
Data Register
WP
CS
HOLD
SI
SCK
SO
VCC
GND
Memory
Cell
Array
Status
Memory Cell Array
Voltage Detector
Read Circuit
Clock Counter
Y Decoder
Output
Control
Circuit
Step-up Circuit
Page Latch
Figure 1


Similar Part No. - S25A080A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S25A010 SII-S25A010 Datasheet
509Kb / 35P
   FOR AUTOMOTIVE 125C OPERATION
More results

Similar Description - S25A080A

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-25A640A ABLIC-S-25A640A Datasheet
516Kb / 32P
   FOR AUTOMOTIVE 125째C OPERATION SPI SERIAL E2PROM
Rev.3.2_02
S-25A080A ABLIC-S-25A080A Datasheet
525Kb / 33P
   FOR AUTOMOTIVE 125째C OPERATION SPI SERIAL E2PROM
Rev.4.2_02
S-25A128B ABLIC-S-25A128B Datasheet
450Kb / 26P
   FOR AUTOMOTIVE 125째C OPERATION SPI SERIAL E2PROM
Rev.1.3_02
S-25A010A ABLIC-S-25A010A Datasheet
524Kb / 35P
   FOR AUTOMOTIVE 125째C OPERATION SPI SERIAL E2PROM
Rev.5.2_02
S-25A256B ABLIC-S-25A256B Datasheet
414Kb / 23P
   FOR AUTOMOTIVE 125째C OPERATION SPI SERIAL E2PROM
Rev.1.2_02
S-93A46B ABLIC-S-93A46B Datasheet
550Kb / 39P
   FOR AUTOMOTIVE 125째C OPERATION 3-WIRE SERIAL E2PROM
Rev.1.3_00
logo
Seiko Instruments Inc
S35770 SII-S35770 Datasheet
2Mb / 26P
   FOR AUTOMOTIVE 125째C OPERATION 2-WIRE COUNTER CONVENIENCE TIMER
S35740 SII-S35740 Datasheet
2Mb / 31P
   FOR AUTOMOTIVE 125째C OPERATION 2-WIRE INTERVAL TIMER CONVENIENCE TIMER
S35710M SII-S35710M Datasheet
2Mb / 29P
   FOR AUTOMOTIVE 125째C OPERATION 2-WIRE BUILT-IN QUARTZ CRYSTAL CONVENIENCE TIMER
logo
ABLIC Inc.
S-19213 ABLIC-S-19213 Datasheet
771Kb / 46P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 500 mA VOLTAGE REGULATOR
Rev.1.1_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com