Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25A080A Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part # S25A080A
Description  FOR AUTOMOTIVE 125째C OPERATION
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S25A080A Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S25A080A Datasheet HTML 1Page - Seiko Instruments Inc S25A080A Datasheet HTML 2Page - Seiko Instruments Inc S25A080A Datasheet HTML 3Page - Seiko Instruments Inc S25A080A Datasheet HTML 4Page - Seiko Instruments Inc S25A080A Datasheet HTML 5Page - Seiko Instruments Inc S25A080A Datasheet HTML 6Page - Seiko Instruments Inc S25A080A Datasheet HTML 7Page - Seiko Instruments Inc S25A080A Datasheet HTML 8Page - Seiko Instruments Inc S25A080A Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
FOR AUTOMOTIVE 125°C OPERATION SPI SERIAL E2PROM
Rev.4.2_00
S-25A080A/160A/320A, S-25A080B/160B/320B
Seiko Instruments Inc.
5
Pin Configurations
1. 8-Pin SOP (JEDEC)
7
6
5
8
2
3
4
1
Top view
Figure 2
Table 3
Pin No.
Symbol
Description
1
CS
*1
Chip select input
2
SO
Serial data output
3
WP
*1
Write protect input
4
GND
Ground
5
SI
*1
Serial data input
6
SCK
*1
Serial clock input
7
HOLD
*1
Hold input
8
VCC
Power supply
2. 8-Pin TSSOP
7
6
5
8
2
3
4
1
Top view
Figure 3
Table 4
Pin No.
Symbol
Description
1
CS
*1
Chip select input
2
SO
Serial data output
3
WP
*1
Write protect input
4
GND
Ground
5
SI
*1
Serial data input
6
SCK
*1
Serial clock input
7
HOLD
*1
Hold input
8
VCC
Power supply
3. TMSOP-8
7
6
5
8
2
3
4
1
Top view
Figure 4
Table 5
Pin No.
Symbol
Description
1
CS
*1
Chip select input
2
SO
Serial data output
3
WP
*1
Write protect input
4
GND
Ground
5
SI
*1
Serial data input
6
SCK
*1
Serial clock input
7
HOLD
*1
Hold input
8
VCC
Power supply
*1.
Do not use it in "High-Z".


Similar Part No. - S25A080A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S25A010 SII-S25A010 Datasheet
509Kb / 35P
   FOR AUTOMOTIVE 125C OPERATION
More results

Similar Description - S25A080A

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-25A640A ABLIC-S-25A640A Datasheet
516Kb / 32P
   FOR AUTOMOTIVE 125째C OPERATION SPI SERIAL E2PROM
Rev.3.2_02
S-25A080A ABLIC-S-25A080A Datasheet
525Kb / 33P
   FOR AUTOMOTIVE 125째C OPERATION SPI SERIAL E2PROM
Rev.4.2_02
S-25A128B ABLIC-S-25A128B Datasheet
450Kb / 26P
   FOR AUTOMOTIVE 125째C OPERATION SPI SERIAL E2PROM
Rev.1.3_02
S-25A010A ABLIC-S-25A010A Datasheet
524Kb / 35P
   FOR AUTOMOTIVE 125째C OPERATION SPI SERIAL E2PROM
Rev.5.2_02
S-25A256B ABLIC-S-25A256B Datasheet
414Kb / 23P
   FOR AUTOMOTIVE 125째C OPERATION SPI SERIAL E2PROM
Rev.1.2_02
S-93A46B ABLIC-S-93A46B Datasheet
550Kb / 39P
   FOR AUTOMOTIVE 125째C OPERATION 3-WIRE SERIAL E2PROM
Rev.1.3_00
logo
Seiko Instruments Inc
S35770 SII-S35770 Datasheet
2Mb / 26P
   FOR AUTOMOTIVE 125째C OPERATION 2-WIRE COUNTER CONVENIENCE TIMER
S35740 SII-S35740 Datasheet
2Mb / 31P
   FOR AUTOMOTIVE 125째C OPERATION 2-WIRE INTERVAL TIMER CONVENIENCE TIMER
S35710M SII-S35710M Datasheet
2Mb / 29P
   FOR AUTOMOTIVE 125째C OPERATION 2-WIRE BUILT-IN QUARTZ CRYSTAL CONVENIENCE TIMER
logo
ABLIC Inc.
S-19213 ABLIC-S-19213 Datasheet
771Kb / 46P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 500 mA VOLTAGE REGULATOR
Rev.1.1_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com