Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX544AEPA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX544AEPA
Description  5V, Serial-Input, Voltage-Output, 14-Bit DACs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX544AEPA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX544AEPA Datasheet HTML 3Page - Maxim Integrated Products MAX544AEPA Datasheet HTML 4Page - Maxim Integrated Products MAX544AEPA Datasheet HTML 5Page - Maxim Integrated Products MAX544AEPA Datasheet HTML 6Page - Maxim Integrated Products MAX544AEPA Datasheet HTML 7Page - Maxim Integrated Products MAX544AEPA Datasheet HTML 8Page - Maxim Integrated Products MAX544AEPA Datasheet HTML 9Page - Maxim Integrated Products MAX544AEPA Datasheet HTML 10Page - Maxim Integrated Products MAX544AEPA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
+5V, Serial-Input, Voltage-Output, 14-Bit DACs
_______________________________________________________________________________________
7
Detailed Description
The MAX544/MAX545 voltage-output, 14-bit digital-to-
analog converters (DACs) offer full 14-bit performance
with less than 0.5LSB integral linearity error and less
than 0.9LSB differential linearity error, thus ensuring
monotonic performance. Serial-data transfer minimizes
the number of package pins required.
The MAX544/MAX545 are composed of two matched
DAC sections, with an inverted R-2R DAC forming the
LSBs and the four MSBs derived from 15 identically
matched resistors. This architecture allows the lowest
glitch energy to be transferred to the DAC output on
major-carry transitions. It also lowers the DAC output
impedance by a factor of eight compared to a standard
R-2R ladder, allowing unbuffered operation in medium-
load applications.
The MAX545 provides matched bipolar offset resistors,
which connect to an external op amp for bipolar output
swings (Figure 2b). For optimum performance, the
MAX545 also provides a set of Kelvin connections to
the voltage-reference and analog-ground inputs.
MAX545
MAX400
AGNDF
DGND
(GND)
VDD
REFF
REFS
RINV
RFB
RFB
INV
OUT
LDAC
SCLK
DIN
CS
AGNDS
0.1
µF
+5V
EXTERNAL OP AMP
MC68XXXX
PCS0
MOSI
SCLK
IC1
BIPOLAR
OUT
+5V
-5V
0.1
µF
+2.5V
10
µF
Figure 2b. Typical Operating Circuit—Bipolar Output
MAX544/MAX545
MAX495
DGND
( ) ARE FOR MAX545 ONLY
(GND)
VDD
(REFS)
REF (REFF)
OUT
SCLK
DIN
CS
AGND_
0.1
µF
0.1
µF
+5V
+2.5V
EXTERNAL OP AMP
MC68XXXX
PCS0
MOSI
SCLK
UNIPOLAR
OUT
(LDAC)
10
µF
Figure 2a. Typical Operating Circuit—Unipolar Output


Similar Part No. - MAX544AEPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5440 MAXIM-MAX5440 Datasheet
635Kb / 16P
   Stereo Volume Control with Rotary Encoder Interface
Rev 1; 5/06
MAX5440 MAXIM-MAX5440 Datasheet
196Kb / 16P
   Stereo Volume Control with Rotary Encoder Interface
Rev 2; 11/08
MAX5440 MAXIM-MAX5440 Datasheet
1Mb / 16P
   Stereo Volume Control with Rotary Encoder Interface
19-0542; Rev 3; 4/14
MAX5440EAG MAXIM-MAX5440EAG Datasheet
635Kb / 16P
   Stereo Volume Control with Rotary Encoder Interface
Rev 1; 5/06
MAX5440EAG MAXIM-MAX5440EAG Datasheet
196Kb / 16P
   Stereo Volume Control with Rotary Encoder Interface
Rev 2; 11/08
More results

Similar Description - MAX544AEPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5141 MAXIM-MAX5141 Datasheet
410Kb / 12P
   3V/5V, Serial-Input, Voltage-Output, 14-Bit DACs
Rev 1; 5/01
MAX541 MAXIM-MAX541 Datasheet
239Kb / 12P
   5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 12/99
logo
Analog Devices
AD5530 AD-AD5530 Datasheet
407Kb / 16P
   Serial Input, Voltage Output 12-/14-Bit DACs
REV. 0
logo
Maxim Integrated Produc...
MAX5441 MAXIM-MAX5441_08 Datasheet
223Kb / 12P
   3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 10/07
MAX5441 MAXIM-MAX5441_09 Datasheet
249Kb / 12P
   3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 3; 1/09
MAX5441 MAXIM-MAX5441 Datasheet
385Kb / 12P
   3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 1; 6/01
logo
Analog Devices
AD5551 AD-AD5551 Datasheet
208Kb / 12P
   5 V, Serial-Input Voltage-Output, 14-Bit DACs
REV. 0
AD5543 AD-AD5543_15 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5553 AD-AD5553_15 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5543 AD-AD5543_12 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com