Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX531AEPD Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX531AEPD
Description  5V, Low-Power, Voltage-Output, Serial 12-Bit DACs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX531AEPD Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX531AEPD Datasheet HTML 6Page - Maxim Integrated Products MAX531AEPD Datasheet HTML 7Page - Maxim Integrated Products MAX531AEPD Datasheet HTML 8Page - Maxim Integrated Products MAX531AEPD Datasheet HTML 9Page - Maxim Integrated Products MAX531AEPD Datasheet HTML 10Page - Maxim Integrated Products MAX531AEPD Datasheet HTML 11Page - Maxim Integrated Products MAX531AEPD Datasheet HTML 12Page - Maxim Integrated Products MAX531AEPD Datasheet HTML 13Page - Maxim Integrated Products MAX531AEPD Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Daisy-Chaining Devices
The serial output, DOUT, allows cascading of two or
more DACs. The data at DIN appears at DOUT,
delayed by 16 clock cycles plus one clock width. For
low power, DOUT is a CMOS output that does not
require an external pull-up resistor. DOUT does not go
into a high-impedance state when
CS is high. DOUT
changes on SCLK’s falling edge when
CS is low. When
CS is high, DOUT remains in the state of the last data
bit.
Any number of MAX531/MAX538/MAX539 DACs can
be daisy-chained by connecting the DOUT of one
device to the DIN of the next device in the chain. For
proper timing, ensure that tCL (CS low to SCLK high) is
greater than tDO + tDS.
Unipolar Configuration
The MAX531 is configured for a gain of +1 (0V to VREFIN
unipolar output) by connecting BIPOFF and RFB to
VOUT (Figure 6). The converter operates from either sin-
gle or dual supplies in this configuration. See Table 1 for
the DAC-latch contents (input) vs. the analog VOUT
(output). In this range, 1LSB = VREFIN (2-12). The
MAX538 is internally configured for unipolar gain = +1
operation.
A gain of +2 (0V to 2VREFIN unipolar output) is set up
by connecting BIPOFF to AGND and RFB to VOUT
(Figure 7). Table 2 shows the DAC-latch contents vs.
VOUT. The MAX531 operates from either single or dual
supplies in this mode. In this range, 1LSB = (2)(VREFIN)
(2-12) = (VREFIN)(2-11). The MAX539 is internally config-
ured for unipolar gain = +2 operation.
Bipolar Configuration
A bipolar range is set up by connecting BIPOFF to
REFIN and RFB to VOUT, and operating from dual
(±5V) supplies (Figure 8). Table 3 shows the DAC-latch
contents (input) vs. VOUT (output). In this range,
1LSB = VREFIN (2-11).
Four-Quadrant Multiplication
The MAX531 can be used as a four-quadrant multiplier
by connecting BIPOFF to REFIN and RFB to VOUT,
using (1) an offset binary digital code, (2) bipolar power
supplies, using dual power supplies, and (3) a bipolar
analog input at REFIN within the range VSS + 2V to VDD
- 2V, as shown in Figure 9.
In general, a 12-bit DAC’s output is (D) (VREFIN) (G),
where “G” is the gain (+1 or +2) and “D” is the binary
representation of the digital input divided by 212 or
4096. This formula is precise for unipolar operation.
However, for bipolar, offset binary operation, the MSB is
really a polarity bit. No resolution is lost, as there are
the same number of steps. The output voltage, howev-
er, has been shifted from a range of, for example, 0V to
4.096V (G = +2) to a range of -2.048V to +2.048V.
Keep in mind that when using the DAC as a four-quad-
rant multiplier, the scale is skewed. Negative full scale
is -VREFIN, while positive full scale is +VREFIN - 1LSB.
+5V, Low-Power, Voltage-Output,
Serial 12-Bit DACs
10
______________________________________________________________________________________
MAX531
CONNECT BIPOFF
TO VOUT FOR G = 1,
TO AGND FOR G = 2,
OR TO REFIN FOR
BIPOLAR GAIN
INVERTED
R-2R DAC
DIN
DOUT
SCLK
CS
CLR
2.048V
REFIN
REFOUT
AGND DGND
VDD VSS
+5V
0V TO -5V
33
µF
0.1
µF
0.1
µF
2R
2R
BIPOFF
RFB
VOUT
MAX538
MAX539
INVERTED
R-2R DAC
DIN
DOUT
SCLK
CS
REFIN
AGND
+5V
VDD
VOUT
MAX539
ONLY
0.1
µF
2R
2R
Figure 3a. MAX531 Typical Operating Circuit
Figure 3b. MAX538/MAX539 Typical Operating Circuit


Similar Part No. - MAX531AEPD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5312 MAXIM-MAX5312 Datasheet
1Mb / 19P
   -10V, 12-Bit, Serial, Voltage-Output DAC
Rev 0; 12/03
MAX5312 MAXIM-MAX5312 Datasheet
348Kb / 10P
   MAX5312 Evaluation Kit
Rev 0; 2/08
MAX5312EAE MAXIM-MAX5312EAE Datasheet
1Mb / 19P
   -10V, 12-Bit, Serial, Voltage-Output DAC
Rev 0; 12/03
MAX5312EVKIT MAXIM-MAX5312EVKIT Datasheet
348Kb / 10P
   MAX5312 Evaluation Kit
Rev 0; 2/08
MAX5316 MAXIM-MAX5316 Datasheet
4Mb / 33P
   16-Bit, ±1 LSB Accuracy Voltage Output DAC with SPI Interface
Rev 0; 1/12
More results

Similar Description - MAX531AEPD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX504 MAXIM-MAX504 Datasheet
174Kb / 16P
   5V, Low-Power, Voltage-Output, Serial 10-Bit DACs
Rev 2; 11/96
MAX5174 MAXIM-MAX5174 Datasheet
255Kb / 16P
   Low-Power, Serial, 12-Bit DACs with Voltage Output
Rev 0; 4/99
MAX5352 MAXIM-MAX5352 Datasheet
197Kb / 16P
   Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 2/97
MAX5120 MAXIM-MAX5120 Datasheet
288Kb / 20P
   3V/5V, 12-Bit, Serial Voltage-Output DACs with Internal Reference
Rev 0; 2/99
MAX541 MAXIM-MAX541 Datasheet
239Kb / 12P
   5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 12/99
MAX544 MAXIM-MAX544 Datasheet
265Kb / 12P
   5V, Serial-Input, Voltage-Output, 14-Bit DACs
Rev 3; 12/99
MAX5500 MAXIM-MAX5500 Datasheet
219Kb / 14P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 11/08
MAX5500 MAXIM-MAX5500_09 Datasheet
289Kb / 15P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 4/09
MAX5175 MAXIM-MAX5175 Datasheet
255Kb / 16P
   Low-Power, Serial, 12-Bit DACs with Force/Sense Voltage Output
Rev 0; 4/99
MAX5154 MAXIM-MAX5154 Datasheet
184Kb / 16P
   Low-Power, Dual, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com