Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX547BCMH Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX547BCMH
Description  Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX547BCMH Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX547BCMH Datasheet HTML 2Page - Maxim Integrated Products MAX547BCMH Datasheet HTML 3Page - Maxim Integrated Products MAX547BCMH Datasheet HTML 4Page - Maxim Integrated Products MAX547BCMH Datasheet HTML 5Page - Maxim Integrated Products MAX547BCMH Datasheet HTML 6Page - Maxim Integrated Products MAX547BCMH Datasheet HTML 7Page - Maxim Integrated Products MAX547BCMH Datasheet HTML 8Page - Maxim Integrated Products MAX547BCMH Datasheet HTML 9Page - Maxim Integrated Products MAX547BCMH Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Octal, 13-Bit Voltage-Output
DAC with Parallel Interface
6
_______________________________________________________________________________________
PLCC
NAME
1
C
L
R
Clear Input (active low). Driving this asynchronous input low sets the content of all latches to
1000hex. All DAC outputs are reset to AGND_.
3
REFCD
Reference Voltage Input for DAC C and DAC D. Bypass to AGNDCD with a 0.1µF to 1µF capacitor.
2
AGNDCD
Analog Ground for DAC C and DAC D
7
VOUTB
DAC B Output Voltage
6
VOUTC
DAC C Output Voltage
5
VOUTD
DAC D Output Voltage
4, 42
VSS
Negative Power Supply, -5V (2 pins). Connect both pins to the supply voltage. Bypass each pin
to the system analog ground with a 0.1µF to 1µF capacitor.
FLAT
PACK
PIN
39
41
40
1
44
43
42, 36
FUNCTION
8
VOUTA
DAC A Output Voltage
2
9, 37
VDD
Positive Power Supply, 5V (2 pins). Connect both pins to the supply voltage. Bypass each pin to
the system analog ground with a 0.1µF to 1µF capacitor.
3, 31
10
REFAB
Reference Voltage Input for DAC A and DAC B. Bypass to AGNDAB with a 0.1µF to 1µF capacitor.
4
11
AGNDAB
Analog Ground for DAC A and DAC B
5
12
L
D
A
B
Load Input (active low). Driving this asynchronous input low transfers the contents of input latches
A and B to the respective DAC latches.
6
13
L
D
C
D
Load Input (active low). Driving this asynchronous input low transfers the contents of input latches
C and D to the respective DAC latches.
7
14
C
S
Chip Select (active low)
8
15
W
R
Write Input (active low).
W
R
, along with
C
S
, loads data into the DAC input latch selected by A0–A2.
9
ADJACENT-CHANNEL CROSSTALK
A: DIGITAL INPUTS, DAC A, DATA BITS from ALL Os to OAAAhex
B: OUTPUT, DAC B
500ns/div
REF– = 4.096V, CL = 50pF, RL = 10kΩ
A
5V/div
B
5mV/div
ADJACENT-CHANNEL CROSSTALK
A: DIGITAL INPUTS, DAC A, DATA BITS from OAAAhex to ALL Os
B: OUTPUT, DAC B
500ns/div
REF– = 4.096V, CL = 50pF, RL = 10kΩ
A:
5V/div
B:
5mV/div
______________________________________________________________Pin Description
____________________________Typical Operating Characteristics (continued)
(VDD = 5V, VSS = -5V, REF_ = 4.096V, AGND_ = GND = 0V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX547BCMH

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5471 MAXIM-MAX5471 Datasheet
336Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 0; 10/03
MAX5471EZT MAXIM-MAX5471EZT Datasheet
336Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 0; 10/03
MAX5471EZT MAXIM-MAX5471EZT Datasheet
297Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers in SOT23
19-3067; Rev 1; 2/06
MAX5471EZT-T MAXIM-MAX5471EZT-T Datasheet
336Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 0; 10/03
MAX5471 MAXIM-MAX5471_06 Datasheet
297Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers in SOT23
19-3067; Rev 1; 2/06
More results

Similar Description - MAX547BCMH

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT5400 CADEKA-SPT5400 Datasheet
156Kb / 8P
   13-BIT, OCTAL VOLTAGE-OUTPUT DAC WITH PARALLEL INTERFACE
logo
Fairchild Semiconductor
SPT5400 FAIRCHILD-SPT5400 Datasheet
73Kb / 8P
   13-BIT, OCTAL VOLTAGE-OUTPUT DAC WITH PARALLEL INTERFACE
logo
Maxim Integrated Produc...
MAX5839 MAXIM-MAX5839 Datasheet
211Kb / 16P
   Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 0; 1/00
MX7839 MAXIM-MX7839 Datasheet
374Kb / 14P
   Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 0; 7/03
MAX5270 MAXIM-MAX5270 Datasheet
251Kb / 13P
   Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 1; 1/01
logo
Analog Devices
AD7839ASZ AD-AD7839ASZ Datasheet
157Kb / 12P
   Octal 13-Bit, Parallel Input, Voltage-Output DAC
REV. 0
AD7839 AD-AD7839 Datasheet
153Kb / 12P
   Octal 13-Bit, Parallel Input, Voltage-Output DAC
REV. 0
AD7839 AD-AD7839_15 Datasheet
157Kb / 12P
   Octal 13-Bit, Parallel Input, Voltage-Output DAC
REV. 0
logo
Maxim Integrated Produc...
MAX7841 MAXIM-MAX7841 Datasheet
326Kb / 14P
   Octal, 14-Bit Voltage-Output DAC with Parallel Interface
Rev 0; 7/03
MAX5264 MAXIM-MAX5264 Datasheet
451Kb / 16P
   Octal, 14-Bit Voltage-Output DAC with Parallel Interface for ATE
Rev 0; 5/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com