Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX551ACPA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX551ACPA
Description  3V/5V, 12-Bit, Serial, Multiplying DACs in 10-Pin 關MAX Package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX551ACPA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX551ACPA Datasheet HTML 4Page - Maxim Integrated Products MAX551ACPA Datasheet HTML 5Page - Maxim Integrated Products MAX551ACPA Datasheet HTML 6Page - Maxim Integrated Products MAX551ACPA Datasheet HTML 7Page - Maxim Integrated Products MAX551ACPA Datasheet HTML 8Page - Maxim Integrated Products MAX551ACPA Datasheet HTML 9Page - Maxim Integrated Products MAX551ACPA Datasheet HTML 10Page - Maxim Integrated Products MAX551ACPA Datasheet HTML 11Page - Maxim Integrated Products MAX551ACPA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
symmetrical, then the clock signal used must meet the
tCH and tCL requirements given in the Electrical
Characteristics.
Figure 2 shows the MAX551/MAX552 timing diagram.
The most significant bit (MSB) is always loaded first on
SCLK’s rising edge. When all data is shifted into the
input register, the DAC register is loaded by driving the
LOAD signal low. The DAC register is transparent when
LOAD is low and latched when LOAD is high. The
MAX551/MAX552 digital inputs are compatible with
CMOS logic levels. The MAX551’s inputs are also com-
patible with TTL logic.
Unipolar Operation
Figure 3 shows the MAX551/MAX552’s basic applica-
tion. This circuit is used for unipolar operation or 2-
quadrant multiplication. The code table for this mode is
given in Table 1. Note that the output’s polarity is the
opposite of the reference voltage polarity.
In many applications the gain accuracy is sufficient and
gain adjustment is not necessary. In these cases, resis-
tors R1 and R2 in Figure 3 can be omitted. If the gain is
trimmed and the DAC is operated over a wide tempera-
ture range, use low-tempco (<300ppm/°C) resistors for
R1 and R2. Capacitor C1 provides phase compensa-
tion and reduces overshoot and ringing when fast
amplifiers are used at the DAC’s output.
Bipolar Operation
Figure 4 shows the MAX551/MAX552 operating in bipo-
lar (or 4-quadrant multiplying) mode. Matched resistors
R3, R4, and R5 must be of the same material (prefer-
ably metal film or wire-wound) for good temperature-
tracking characteristics (<15ppm/°C) and should
match to 0.01% for 12-bit performance. The output
code is offset binary, as listed in Table 2.
To adjust the circuit, load the DAC with a code of 1000
0000 0000 and trim R1 for a 0V output. With R1 and R2
omitted, an alternative zero trim is needed to adjust the
ratio of R3 and R4 for 0V out. Trim full scale by loading
the DAC with all 0s or 1s and adjusting the VREF ampli-
tude or varying R5 until the desired positive or negative
output is obtained. In applications where gain trim is
not required, omit resistors R1 and R2. If gain trim is
desired and the DAC is operated over a wide tempera-
+3V/+5V, 12-Bit, Serial, Multiplying DACs
in 10-Pin µMAX Package
_______________________________________________________________________________________
9
Table 2. Offset Binary-Code Table
for Circuit of Figure 4
MAX551
MAX552
R3
10k
C1
33pF
+5V (+3V)
VDD
VREF
RFB
GND
SCLK
LOAD
DIN
AGND
REF
OUT
R2
50
R4
20k
R1
100
R5
20k
VOUT
( ) ARE FOR MAX552
DIGITAL INPUT
MSB
LSB
ANALOG OUTPUT
1111
1111
1111
1000
0000
0001
1000
0000
0000
0111
1111
1111
Figure 4. Bipolar Operation
0000
0000
0000
+


VREF
2047
2048
+


VREF
1
2048
0


VREF
1
2048


VREF
2048
2048


Similar Part No. - MAX551ACPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5510 MAXIM-MAX5510 Datasheet
1,012Kb / 18P
   1.8V to 5.5V, Ultra-Low-Power, 8-Bit, Voltage-Output DACs
Rev 0; 1/04
MAX5510 MAXIM-MAX5510 Datasheet
446Kb / 10P
   MAX5535 Evaluation Kit
Rev 1; 4/08
MAX5510ETC MAXIM-MAX5510ETC Datasheet
1,012Kb / 18P
   1.8V to 5.5V, Ultra-Low-Power, 8-Bit, Voltage-Output DACs
Rev 0; 1/04
MAX5511 MAXIM-MAX5511 Datasheet
446Kb / 10P
   MAX5535 Evaluation Kit
Rev 1; 4/08
MAX5511ETC MAXIM-MAX5511ETC Datasheet
1,012Kb / 18P
   1.8V to 5.5V, Ultra-Low-Power, 8-Bit, Voltage-Output DACs
Rev 0; 1/04
More results

Similar Description - MAX551ACPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5354 MAXIM-MAX5354 Datasheet
196Kb / 16P
   10-Bit Voltage-Output DACs in 8-Pin 關MAX
Rev 1; 2/97
MAX5120 MAXIM-MAX5120 Datasheet
288Kb / 20P
   3V/5V, 12-Bit, Serial Voltage-Output DACs with Internal Reference
Rev 0; 2/99
logo
Linear Technology
LTC7543 LINER-LTC7543_15 Datasheet
202Kb / 8P
   Improved Industry Standard Serial 12-Bit Multiplying DACs
LTC8143 LINER-LTC8143_15 Datasheet
202Kb / 8P
   Improved Industry Standard Serial 12-Bit Multiplying DACs
LTC7543 LINER-LTC7543 Datasheet
217Kb / 8P
   Improved Industry Standard Serial 12-Bit Multiplying DACs
LTC1595 LINER-LTC1595_15 Datasheet
254Kb / 16P
   Serial 16-Bit Multiplying DACs
logo
Analog Devices
AD5426 AD-AD5426 Datasheet
553Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
AD5432 AD-AD5432_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5443 AD-AD5443_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com