Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF430FRL154H Datasheet(PDF) 7 Page - Texas Instruments

Part # RF430FRL154H
Description  RF430FRL15xH NFC ISO 15693 Sensor Transponder
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RF430FRL154H Datasheet(HTML) 7 Page - Texas Instruments

Back Button RF430FRL154H_15 Datasheet HTML 3Page - Texas Instruments RF430FRL154H_15 Datasheet HTML 4Page - Texas Instruments RF430FRL154H_15 Datasheet HTML 5Page - Texas Instruments RF430FRL154H_15 Datasheet HTML 6Page - Texas Instruments RF430FRL154H_15 Datasheet HTML 7Page - Texas Instruments RF430FRL154H_15 Datasheet HTML 8Page - Texas Instruments RF430FRL154H_15 Datasheet HTML 9Page - Texas Instruments RF430FRL154H_15 Datasheet HTML 10Page - Texas Instruments RF430FRL154H_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
RF430FRL152H, RF430FRL153H, RF430FRL154H
www.ti.com
SLAS834C – NOVEMBER 2012 – REVISED DECEMBER 2014
4.2
Signal Descriptions
Table 4-1 describes the signals.
Table 4-1. Signal Descriptions
TERMINAL
I/O(1)
DESCRIPTION
NAME
NO.
ANT1
1
I
Antenna input 1
ANT2
2
I
Antenna input 2
VDDSW
3
Switched supply voltage
VDDB
4
Battery supply voltage
CP1
5
Charge pump flying cap terminal 1
CP2
6
Charge pump flying cap terminal 2
VDD2X
7
Voltage doubler output
P1.3
General-purpose digital I/O
SPI_STE
SPI slave transmit enable
8
I/O
TA0.2
Timer_A TA0 OUT2 output
ACLK
ACLK output (divided by 1, 2, 4, 8, 16, or 32)
TA0CLK
Timer_A TA0 clock signal TA0CLK input
P1.2
General-purpose digital I/O
SPI_CLK
SPI clock
9
I/O
MCLK
MCLK output
TA0.0
Timer_A TA0 OUT0 output
Reset input active low
RST/NMI
10
I
Non-maskable interrupt input
P1.1
General-purpose digital I/O
SPI_SOMI
SPI slave out master in
SCL
I2C clock
11
I/O
ACLK
ACLK output (divided by 1, 2, 4, or 8 )
TA0.2
Timer_A TA0 OUT2 output
CCI0.0
Timer_A TA0 CCR0 capture: CCI0B input, compare
P1.0
General-purpose digital I/O
SPI_SIMO
SPI slave in master out
SDA
I2C data
12
I/O
SMCLK
SMCLK output
TA0.1
Timer0_A3 OUT1 output
CCI0.0
Timer_A TA0 CCR0 capture: CCI0A input, compare
ADC0
13
I
ADC input pin 0
TST2
14
Internal; connect to GND
SVSS
15
Sensor reference potential
TST1
16
Internal; connect to GND
ADC1 / TEMP1
17
ADC input pin 1 / Resistive bias pin 1
ADC2 / TEMP2
18
ADC input pin 2 / Resistive bias pin 2
(1)
I = input, O = output
Copyright © 2012–2014, Texas Instruments Incorporated
Terminal Configuration and Functions
7
Submit Documentation Feedback
Product Folder Links: RF430FRL152H RF430FRL153H RF430FRL154H


Similar Part No. - RF430FRL154H_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RF430FRL154HCRGER TI1-RF430FRL154HCRGER Datasheet
1Mb / 53P
[Old version datasheet]   RF430FRL15xH NFC ISO 15693 Sensor Transponder
More results

Similar Description - RF430FRL154H_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RF430FRL152H TI-RF430FRL152H_15 Datasheet
682Kb / 51P
[Old version datasheet]   RF430FRL15xH NFC ISO 15693 Sensor Transponder
RF430FRL152H TI1-RF430FRL152H Datasheet
1Mb / 53P
[Old version datasheet]   RF430FRL15xH NFC ISO 15693 Sensor Transponder
RF37S114 TI1-RF37S114 Datasheet
263Kb / 10P
[Old version datasheet]   RF37S114 Tag-it??HF-I Type 5 NFC, ISO/IEC 15693 Transponder, 4 mm 횞 4 mm
logo
Zentrum Mikroelektronik...
ZMD41211 ZMD-ZMD41211 Datasheet
1Mb / 47P
   ISO 15693 Wireless Tag IC with Integrated Temperature Sensor
logo
Texas Instruments
RF430CL330H TI1-RF430CL330H Datasheet
438Kb / 33P
[Old version datasheet]   DYNAMIC NFC INTERFACE TRANSPONDER
RF430CL330H TI1-RF430CL330H_14 Datasheet
906Kb / 47P
[Old version datasheet]   Dynamic NFC Interface Transponder
logo
STMicroelectronics
AN3163 STMICROELECTRONICS-AN3163 Datasheet
232Kb / 13P
   Configuring your ISO 15693 reader
logo
List of Unclassifed Man...
RWM600 ETC1-RWM600 Datasheet
123Kb / 1P
   ISO/IEC 15693 READER MODULE
logo
Maxim Integrated Produc...
MAX66140 MAXIM-MAX66140 Datasheet
191Kb / 21P
   ISO 15693-Compliant Secure Memory
Rev 1; 1/11
logo
Texas Instruments
RF430CL330H-Q1 TI1-RF430CL330H-Q1 Datasheet
776Kb / 45P
[Old version datasheet]   Automotive Dynamic NFC Interface Transponder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com