Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTB60A03KQ8 Datasheet(PDF) 5 Page - Cystech Electonics Corp.

Part # MTB60A03KQ8
Description  Dual N-Channel Logic Level Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB60A03KQ8 Datasheet(HTML) 5 Page - Cystech Electonics Corp.

  MTB60A03KQ8 Datasheet HTML 1Page - Cystech Electonics Corp. MTB60A03KQ8 Datasheet HTML 2Page - Cystech Electonics Corp. MTB60A03KQ8 Datasheet HTML 3Page - Cystech Electonics Corp. MTB60A03KQ8 Datasheet HTML 4Page - Cystech Electonics Corp. MTB60A03KQ8 Datasheet HTML 5Page - Cystech Electonics Corp. MTB60A03KQ8 Datasheet HTML 6Page - Cystech Electonics Corp. MTB60A03KQ8 Datasheet HTML 7Page - Cystech Electonics Corp. MTB60A03KQ8 Datasheet HTML 8Page - Cystech Electonics Corp. MTB60A03KQ8 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C122Q8
Issued Date : 2015.05.25
Revised Date :
Page No. : 5/9
MTB60A03KQ8
CYStek Product Specification
Typical Characteristics(Cont.)
Capacitance vs Drain-to-Source Voltage
10
100
1000
0.1
1
10
100
VDS, Drain-Source Voltage(V)
C oss
Ciss
Crss
Threshold Voltage vs Junction Tempearture
0.4
0.6
0.8
1
1.2
1.4
-75 -50 -25
0
25
50
75 100 125 150 175
Tj, Junction Temperature(°C)
ID=250
μA
ID=1mA
Forward Transfer Admittance vs Drain Current
0.01
0.1
1
10
0.001
0.01
0.1
1
10
ID, Drain Current(A)
Ta=25°C
Pulsed
VDS=5V
Gate Charge Characteristics
0
2
4
6
8
10
02
4
6
8
Qg, Total Gate Charge(nC)
VDS=15V
ID=3.5A
Maximum Safe Operating Area
0.01
0.1
1
10
100
0.01
0.1
1
10
100
VDS, Drain-Source Voltage(V)
TA=25°C, Tj=150°C
VGS=10V, RθJA=78°C/W
Single Pulse
DC
100ms
RDSON
Limited
100
μs
1ms
1s
10ms
Maximum Drain Current vs Junction Temperature
0
1
2
3
4
5
6
25
50
75
100
125
150
175
Tj, Junction Temperature(°C)
TA=25°C, VGS=10V, RθJA=78°C/W


Similar Part No. - MTB60A03KQ8

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
MTB60A03KQ8 DOINGTER-MTB60A03KQ8 Datasheet
1Mb / 4P
   Dual N-Channel MOSFET uses advanced trench technology
More results

Similar Description - MTB60A03KQ8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTBA5A10Q8 CYSTEKEC-MTBA5A10Q8 Datasheet
361Kb / 8P
   Dual N-Channel Logic Level Enhancement Mode Power MOSFET
MTB20A03KQ8 CYSTEKEC-MTB20A03KQ8 Datasheet
412Kb / 9P
   Dual N-Channel Logic Level Enhancement Mode Power MOSFET
MTB22A04Q8 CYSTEKEC-MTB22A04Q8 Datasheet
336Kb / 8P
   Dual N-Channel Logic Level Enhancement Mode Power MOSFET
MTB55A03KQ8 CYSTEKEC-MTB55A03KQ8 Datasheet
412Kb / 9P
   Dual N-Channel Logic Level Enhancement Mode Power MOSFET
MTB45A06Q8 CYSTEKEC-MTB45A06Q8 Datasheet
357Kb / 8P
   Dual N-Channel Logic Level Enhancement Mode Power MOSFET
logo
Bruckewell Technology L...
MSB22A04Q8 BWTECH-MSB22A04Q8 Datasheet
1Mb / 4P
   Dual N-Channel Logic Level Enhancement Mode Power MOSFET
logo
Cystech Electonics Corp...
MTB20A03Q8 CYSTEKEC-MTB20A03Q8 Datasheet
358Kb / 9P
   Dual N-Channel Logic Level Enhancement Mode Power MOSFET
MTB20A06Q8 CYSTEKEC-MTB20A06Q8 Datasheet
428Kb / 9P
   Dual N-Channel Logic Level Enhancement Mode Power MOSFET
MTB22A03AKQ8 CYSTEKEC-MTB22A03AKQ8 Datasheet
413Kb / 9P
   Dual N-Channel Logic Level Enhancement Mode Power MOSFET
MTB17A03V8 CYSTEKEC-MTB17A03V8 Datasheet
357Kb / 9P
   Dual N-Channel Logic Level Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com