Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX539 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX539
Description  5V, Low-Power, Voltage-Output, Serial 12-Bit DACs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX539 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX539 Datasheet HTML 1Page - Maxim Integrated Products MAX539 Datasheet HTML 2Page - Maxim Integrated Products MAX539 Datasheet HTML 3Page - Maxim Integrated Products MAX539 Datasheet HTML 4Page - Maxim Integrated Products MAX539 Datasheet HTML 5Page - Maxim Integrated Products MAX539 Datasheet HTML 6Page - Maxim Integrated Products MAX539 Datasheet HTML 7Page - Maxim Integrated Products MAX539 Datasheet HTML 8Page - Maxim Integrated Products MAX539 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
+5V, Low-Power, Voltage-Output,
Serial 12-Bit DACs
4
_______________________________________________________________________________________
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Bipolar Offset Error
VOS
±8
Gain Error (Unipolar or Bipolar)
GEU
LSB
Differential Nonlinearity
±1
DNL
±1
LSB
Relative Accuracy
INL
LSB
LSB
±1
Gain-Error Tempco
Bipolar Offset Tempco
TCVOS
3
ppm/°C
1
ppm/°C
Power-Supply Rejection Ratio
(Note 3)
PSRR
0.4
1
LSB/V
Voltage Range
Resolution
VSS + 2
VDD - 2
N
12
V
Input Resistance
Bits
40
k
Input Capacitance
±0.5
10
50
pF
AC Feedthrough
-80
dB
CONDITIONS
BIPOFF = REFIN, MAX531_C/E
MAX531_C/E
Guaranteed monotonic
Tested at VDD = 5V,
VSS = -5V
BIPOFF = REFIN
4.5V
≤ VDD ≤ 5.5V, -5.5V ≤ VSS ≤ -4.5V
Code dependent, minimum at code 555 hex
Code dependent (Note 4)
REFIN = 1kHz, 2.0Vp-p
ELECTRICAL CHARACTERISTICS—Dual Supplies (MAX531 Only)
(VDD = +5V ±10%, VSS = -5V ±10%, AGND = DGND = 0V, REFIN = 2.048V (external), RFB = BIPOFF = VOUT, CREFOUT = 33µF,
RL = 10kΩ, CL = 100pF, TA = TMIN to TMAX, unless otherwise noted.)
MAX531AC/E
MAX531BC/E
2.024
2.048
2.072
MAX531AC/AE/AM/BM
30
50
Temperature Coefficient
TCREFOUT
MAX531BC/BE
30
ppm/°C
Resistance
RREFOUT
(Note 5)
0.5
2
Power-Supply Rejection Ratio
PSRR
4.5V
≤ VDD ≤ 5.5V
300
µV/V
en
0.1Hz to 10kHz
400
µVp-p
Noise Voltage
Minimum Required External
Capacitor
CMIN
3.3
µF
Input High
VIH
2.4
V
Input Low
VIL
0.8
V
Input Current
IIN
VIN = 0V or VDD
±1
µA
Input Capacitance
CIN
8
pF
Output High
VOH
ISOURCE = 2mA
VDD - 1
V
Output Low
VOL
ISINK = 2mA
0.4
V
2.017
2.079
VDD = 5.0V
2.013
2.083
V
Reference Output Voltage
TA = +25°C
MAX531BC
MAX531BE
REFERENCE INPUT (REFIN)
REFERENCE OUTPUT (REFOUT—MAX531 only)
DIGITAL INPUTS (DIN, SCLK,
CS)
DIGITAL OUTPUT (DOUT)


Similar Part No. - MAX539

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5391 MAXIM-MAX5391 Datasheet
2Mb / 13P
   Dual 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
Rev 0; 10/09
MAX5391 MAXIM-MAX5391 Datasheet
2Mb / 14P
   Dual 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
Rev 1; 4/10
MAX5391 MAXIM-MAX5391 Datasheet
826Kb / 14P
   2.6V to 5.25V Single-Supply Operation
Rev 0; 3/10
MAX5391 MAXIM-MAX5391 Datasheet
1Mb / 13P
   PC USB to 3-Wire Interface or Stand-Alone 3-Wire Serial-Interface Operation
Rev 0; 1/10
MAX5391 MAXIM-MAX5391 Datasheet
1Mb / 13P
   PC-USB to 3-Wire Interface or Stand-Alone 3-Wire Serial-Interface Operation
Rev 0; 12/09
More results

Similar Description - MAX539

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX504 MAXIM-MAX504 Datasheet
174Kb / 16P
   5V, Low-Power, Voltage-Output, Serial 10-Bit DACs
Rev 2; 11/96
MAX5174 MAXIM-MAX5174 Datasheet
255Kb / 16P
   Low-Power, Serial, 12-Bit DACs with Voltage Output
Rev 0; 4/99
MAX5352 MAXIM-MAX5352 Datasheet
197Kb / 16P
   Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 2/97
MAX5120 MAXIM-MAX5120 Datasheet
288Kb / 20P
   3V/5V, 12-Bit, Serial Voltage-Output DACs with Internal Reference
Rev 0; 2/99
MAX541 MAXIM-MAX541 Datasheet
239Kb / 12P
   5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 12/99
MAX544 MAXIM-MAX544 Datasheet
265Kb / 12P
   5V, Serial-Input, Voltage-Output, 14-Bit DACs
Rev 3; 12/99
MAX5500 MAXIM-MAX5500 Datasheet
219Kb / 14P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 11/08
MAX5500 MAXIM-MAX5500_09 Datasheet
289Kb / 15P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 4/09
MAX5175 MAXIM-MAX5175 Datasheet
255Kb / 16P
   Low-Power, Serial, 12-Bit DACs with Force/Sense Voltage Output
Rev 0; 4/99
MAX5154 MAXIM-MAX5154 Datasheet
184Kb / 16P
   Low-Power, Dual, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com