Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTC7540DH8 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # MTC7540DH8
Description  N- AND P-Channel Enhancement Mode MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTC7540DH8 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  MTC7540DH8 Datasheet HTML 1Page - Cystech Electonics Corp. MTC7540DH8 Datasheet HTML 2Page - Cystech Electonics Corp. MTC7540DH8 Datasheet HTML 3Page - Cystech Electonics Corp. MTC7540DH8 Datasheet HTML 4Page - Cystech Electonics Corp. MTC7540DH8 Datasheet HTML 5Page - Cystech Electonics Corp. MTC7540DH8 Datasheet HTML 6Page - Cystech Electonics Corp. MTC7540DH8 Datasheet HTML 7Page - Cystech Electonics Corp. MTC7540DH8 Datasheet HTML 8Page - Cystech Electonics Corp. MTC7540DH8 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CYStech Electronics Corp.
Spec. No. : C995H8
Issued Date : 2015.07.23
Revised Date :
Page No. : 2/13
MTC7540DH8
CYStek Product Specification
Absolute Maximum Ratings (TC=25°C, unless otherwise noted)
Limits
N-channel
P-channel
Parameter
Symbol
10s
steady
10s
steady
Unit
Drain-Source Breakdown Voltage
BVDSS
20
-20
Gate-Source Voltage
VGS
±
12
±
12
V
TA=25
°C, VGS=4.5V (-4.5V)
12
7.7
-8.9
-5.7
TA=70
°C, VGS=4.5V (-4.5V)
IDSM
9.6
6.2
-7.1
-4.6
TC=25
°C, VGS=4.5V (-4.5V)
28.7
-21.6
Continuous Drain Current
TC=100
°C, VGS=4.5V (-4.5V)
ID
18.1
-13.7
Pulsed Drain Current (Note 1 & 2)
IDM
30
-30
A
TA=25
°C steady state
1.4 (Note 3)
TA=70
°C steady state
PDSM
0.8 (Note 3)
TC=25
°C
23
Power Dissipation
TC=100
°C
PD
9.2
W
Operating Junction and Storage Temperature Range
Tj; Tstg
-55~+150
°C
Thermal Data
Parameter
Symbol
Value
Unit
Thermal Resistance, Junction-to-case, max
RθJC
5.5
t≤10s
35
Thermal Resistance, Junction-to-ambient, max (Note 3)
Steady state
RθJA
85
°C/W
Note : 1. Pulse width limited by maximum junction temperature
2. Duty cycle≤1%
3. Surface mounted on 1 in² copper pad of FR-4 board; 125
°C/W when mounted on minimum copper pad.
N-Channel Electrical Characteristics (Tc=25°C, unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
BVDSS
20
-
-
VGS=0V, ID=250μA
VGS(th)
0.5
-
1.2
V
VDS=VGS, ID=250μA
IGSS
-
-
±100
nA
VGS=±12V, VDS=0V
-
-
1
VDS=20V, VGS=0V
IDSS
-
-
5
μA
VDS=20V, VGS=0V , Tj=55
°C
-
10.5
14
ID=11.8A, VGS=4.5V
*RDS(ON)
-
13.1
17
m
Ω
ID=9.8A, VGS=2.5V
*GFS
-
20
-
S
VDS=5V, ID=11.8A
Dynamic
Ciss
-
782
-
Coss
-
106
-
Crss
-
93
-
pF
VDS=10V, VGS=0V, f=1MHz
*td(ON)
-
8.2
-
*tr
-
21.2
-
*td(OFF)
-
49.8
-
*tf
-
11.4
-
ns
VDS=6V, ID=1A, VGS=4.5V, RG=6Ω


Similar Part No. - MTC7540DH8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTC7540BDH8 CYSTEKEC-MTC7540BDH8 Datasheet
753Kb / 14P
   N- AND P-Channel Enhancement Mode MOSFET
MTC7540BDH8-0-T6-G CYSTEKEC-MTC7540BDH8-0-T6-G Datasheet
759Kb / 14P
   N- AND P-Channel Enhancement Mode MOSFET
MTC7540BDH8 CYSTEKEC-MTC7540BDH8_16 Datasheet
759Kb / 14P
   N- AND P-Channel Enhancement Mode MOSFET
More results

Similar Description - MTC7540DH8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTC4103N8J CYSTEKEC-MTC4103N8J Datasheet
593Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTC4503N8J CYSTEKEC-MTC4503N8J Datasheet
594Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTC7540BDH8 CYSTEKEC-MTC7540BDH8_16 Datasheet
759Kb / 14P
   N- AND P-Channel Enhancement Mode MOSFET
MTBA6C12H8 CYSTEKEC-MTBA6C12H8 Datasheet
1Mb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTB20C06KQ8 CYSTEKEC-MTB20C06KQ8 Datasheet
877Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTBA5C10H8 CYSTEKEC-MTBA5C10H8 Datasheet
535Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
logo
FutureWafer Tech Co.,Lt...
FM2058NPK FUTUREWAFER-FM2058NPK Datasheet
1Mb / 9P
   N and P Channel Enhancement Mode MOSFET
13-DEC-2021 V 2.1
logo
Cystech Electonics Corp...
MTC4703H8 CYSTEKEC-MTC4703H8 Datasheet
722Kb / 14P
   N- AND P-Channel Enhancement Mode MOSFET
MTC4603H8 CYSTEKEC-MTC4603H8 Datasheet
729Kb / 14P
   N- and P-Channel Enhancement Mode MOSFET
MTC4203BN8J CYSTEKEC-MTC4203BN8J Datasheet
408Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTC6601N6 CYSTEKEC-MTC6601N6 Datasheet
514Kb / 12P
   N- AND P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com