Electronic Components Datasheet Search |
|
MAX548AEUA Datasheet(PDF) 11 Page - Maxim Integrated Products |
|
MAX548AEUA Datasheet(HTML) 11 Page - Maxim Integrated Products |
11 / 16 page +2.5V to +5.5V, Low-Power, Single/Dual, 8-Bit Voltage-Output DACs in µMAX Package ______________________________________________________________________________________ 11 Table 3. MAX549A Serial-Interface Programming Commands DATA BYTE UNASSIGNED COMMAND X X X X X 0 X 1 0 X X 0 0 0 1 X 0 X 0 X 1 0 XXXXXXXX 8-Bit DAC Data Loaded First Update both DAC registers with current contents of their input registers. Both input registers unchanged. Load DAC A input register. DAC registers unchanged. X X 0 X 1 X 0 1 X 0 X 1 X 1 0 8-Bit DAC Data Load DAC A input register and update both DAC registers. DAC B input register unchanged. X 1 X 0 X X 0 1 X 1 X 0 X 1 0 8-Bit DAC Data Load DAC A input register and power down DAC A. DAC B input register and both DAC registers unchanged. X 8-Bit DAC Data Load DAC B input register and power down DAC B. DAC A input register and both DAC registers unchanged. X Loaded Last X 1 X 0 X 1 1 8-Bit DAC Data Load both DAC input registers and power down both DACs. Both DAC registers unchanged. X 8-Bit DAC Data Load DAC B input register. DAC registers unchanged. X X 0 X 0 X 1 1 8-Bit DAC Data Load both DAC input registers. DAC registers unchanged. X 8-Bit DAC Data Load DAC B input register and update both DAC registers. DAC A input register unchanged. X X 0 X 1 X 1 1 8-Bit DAC Data Load both DAC input registers and update both DAC registers. X COMMAND (Commands executed on CS’s rising edge) CONTROL BYTE UB2 C2 UB3 C1 C0 A1 A0 D7........D0 UB1 X X X 0 X 0 0 XXXXXXXX Unassigned command X COMMANDS LOADING INPUT REGISTER(S) ONLY COMMANDS UPDATING DAC REGISTER(S) COMMANDS POWERING DOWN AND LOADING INPUT REGISTER(S) ONLY X = Don’t care COMMANDS POWERING DOWN AND UPDATING DAC REGISTER(S) X 1 X 1 X 0 1 8-Bit DAC Data Load DAC A input register, power down DAC A, and update both DAC registers. DAC B input register unchanged. X X 1 X 1 X 1 0 8-Bit DAC Data Load DAC B input register, power down DAC B, and update both DAC registers. DAC A input register unchanged. X X 1 X 1 X 1 1 8-Bit DAC Data Load both DAC input registers, power down both DACs, and update both DAC registers. X |
Similar Part No. - MAX548AEUA |
|
Similar Description - MAX548AEUA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |