Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC1825-SP Datasheet(PDF) 9 Page - Texas Instruments

Part # UC1825-SP
Description  RAD-TOLERANT CLASS V, HIGH-SPEED PWM CONTROLLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC1825-SP Datasheet(HTML) 9 Page - Texas Instruments

Back Button UC1825-SP_15 Datasheet HTML 5Page - Texas Instruments UC1825-SP_15 Datasheet HTML 6Page - Texas Instruments UC1825-SP_15 Datasheet HTML 7Page - Texas Instruments UC1825-SP_15 Datasheet HTML 8Page - Texas Instruments UC1825-SP_15 Datasheet HTML 9Page - Texas Instruments UC1825-SP_15 Datasheet HTML 10Page - Texas Instruments UC1825-SP_15 Datasheet HTML 11Page - Texas Instruments UC1825-SP_15 Datasheet HTML 12Page - Texas Instruments UC1825-SP_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
4
5
6
4
16
6
UC1825
Clock
RT
CT
Master
RT
5
UC1825
Slave
Clock
VREF
RT
CT
Local
Ramp
CT
Two Units in Close Proximity
16
4
5
6
UC1825
VREF
Clock
RT
CT
Local
Ramp
Master
10 mF
2N222
RT
CT
43 W
0.1 mF
43 W
0.1 mF
To
Other
Slaves
24 W
24 W
CT
5
6
UC1825
Slave
Local
Ramp
CT
RT
1.5 W
RT
CT
5
6
RT
43 W
0.1 mF
43 W
0.1 mF
470 W
Generalized Synchronization
RFF
CFF
7
UC1825
RT
VIN
16
5
6
Ramp
Clock
CT
VIN
RR
9
14
11
ILIM
Shut-
Down
UC1825
Out B
Out A
CR
UC1825-SP
www.ti.com
SLUS870A – JANUARY 2009 – REVISED MARCH 2012
Figure 5. Synchronized Operation
Figure 6. Forward Technique for Off-Line Voltage Mode Application
The circuit shown in Figure 6 will achieve a constant volt-second product clamp over varying input voltages. The
ramp generator components, RT and CR are chosen so that the ramp at the ILIM/SD pin crosses the 1-V
threshold at the same time the desired maximum volt-second product is reached. The delay through the
functional nor block must be such that the ramp capacitor can be completely discharged during the minimum
deadtime.
Figure 7. Constant Volt-Second Clamp Circuit
Copyright © 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): UC1825-SP


Similar Part No. - UC1825-SP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1825-DIE TI-UC1825-DIE Datasheet
120Kb / 5P
[Old version datasheet]   RAD-TOLERANT, HIGH-SPEED PWM CONTROLLER
UC1825-DIE TI-UC1825-DIE_15 Datasheet
120Kb / 5P
[Old version datasheet]   RAD-TOLERANT, HIGH-SPEED PWM CONTROLLER
More results

Similar Description - UC1825-SP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1825A-SP TI1-UC1825A-SP Datasheet
513Kb / 16P
[Old version datasheet]   RAD-TOLERANT CLASS-V, HIGH-SPEED PWM CONTROLLER
UC1825A-SP TI1-UC1825A-SP_15 Datasheet
707Kb / 39P
[Old version datasheet]   Rad-Tolerant Class-V, High-Speed PWM Controller
UC1825A-DIE TI-UC1825A-DIE_15 Datasheet
153Kb / 5P
[Old version datasheet]   RAD-TOLERANT, HIGH-SPEED PWM CONTROLLER
UC1825-DIE TI-UC1825-DIE_15 Datasheet
120Kb / 5P
[Old version datasheet]   RAD-TOLERANT, HIGH-SPEED PWM CONTROLLER
UC1846-SP TI1-UC1846-SP Datasheet
631Kb / 15P
[Old version datasheet]   RAD-TOLERANT CLASS-V, CURRENT-MODE PWM CONTROLLER
UC19432-SP TI-UC19432-SP_15 Datasheet
755Kb / 8P
[Old version datasheet]   Rad-Tolerant Class-V, Precision Analog Controller
UC19432-SP TI1-UC19432-SP Datasheet
770Kb / 8P
[Old version datasheet]   Rad-Tolerant Class-V, Precision Analog Controller
UC1875-SP TI1-UC1875-SP_15 Datasheet
791Kb / 36P
[Old version datasheet]   Rad-Tolerant Class-V, Phase Shift Resonant Controller
UC1625-SP TI1-UC1625-SP Datasheet
304Kb / 21P
[Old version datasheet]   RAD-TOLERANT CLASS V, BRUSHLESS DC MOTOR CONTROLLER
UC1875-SP TI1-UC1875-SP Datasheet
548Kb / 20P
[Old version datasheet]   RAD-TOLERANT CLASS-V, PHASE SHIFT RESONANT CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com